Part Number Hot Search : 
RM13TR ES6420E KF458BV TMEGA32 25L4005A GBC30 2590T7 B1621
Product Description
Full Text Search
 

To Download BR3500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR3500 - BR3510
PRV : 50 - 1000 Volts Io : 35 Amperes
FEATURES :
* * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Ideal for printed circuit board
SILICON BRIDGE RECTIFIERS
BR50
0.728(18.50) 0.688(17.40)
0.570(14.50) 0.530(13.40)
0.685(16.70) 1.130(28.70) 0.618(15.70) 1.120(28.40)
MECHANICAL DATA :
* Case : Molded plastic with heatsink integrally mounted in the bridge encapsulation * Epoxy : UL94V-O rate flame retardant * Terminals : plated .25" (6.35 mm). Faston * Polarity : Polarity symbols marked on case * Mounting position : Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency. * Weight : 17.1 grams
0.658(16.70) 0.618(15.70) 0.032(0.81) 0.028(0.71)
0.210(5.30) 0.200(5.10) 0.252(6.40) 0.248(6.30) 0.100(2.50) 0.090(2.30) 0.905(23.0) 0.826(21.0)
0.310(7.87) 0.280(7.11)
Metal Heatsink
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc = 55 C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Current Squared Time at t < 8.3 ms. Maximum Forward Voltage per Diode at IF = 17.5 Amp. Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance (Note 1) Typical Thermal Resistance at Junction to Ambient Operating Junction Temperature Range Storage Temperature Range Notes : Ta = 25 C Ta = 100 C
SYMBOL BR3500 BR3501 BR3502 BR3504 BR3506 BR3508 BR3510 UNITS
VRRM VRMS VDC IF(AV) IFSM It VF IR IR(H) RJC RJA TJ TSTG
2
50 35 50
100 70 100
200 140 200
400 280 400 35
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps. Amps. A2 S Volts A A C/W C C C
400 660 1.0 10 200 1.5 10 - 40 to + 150 - 40 to + 150
1. Thermal Resistance from junction to case with units mounted on a 7.5" x 3.5" x 4.6" (19cm.x 9cm.x 11.8cm.) Al.-Finned Plate
UPDATE : APRIL 23, 1998
RATING AND CHARACTERISTIC CURVES ( BR3500 - BR3510 )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT AMPERES
42
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
600
35
PEAK FORWARD SURGE CURRENT, AMPERES
500
28
400
TJ = 50 C
21
300
14 HEAT-SINK MOUNTING, Tc 7.5" x 3.5" x 4.6" THK. (19cm x 9cm x 11.8cm) Al.-Finned plate
200
7
100
8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD
0
0
25
50
75
100
125
150
175
0 1 2 4 6 10 20 40 60 100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS PER DIODE
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS PER DIODE REVERSE CURRENT, MICROAMPERES
10
TJ = 100 C
FORWARD CURRENT, AMPERES
10
1.0
1.0
Pulse Width = 300 s 1 % Duty Cycle
0.1
TJ = 25 C
TJ = 25 C
0.1
0.01 0
20
40
60
80
100
120
140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
FORWARD VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of BR3500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X