Part Number Hot Search : 
330M3 SLE4501 PFW5008 865GV ADR02ARZ MBRB735 2769B MSU001T
Product Description
Full Text Search
 

To Download BCM5697 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5697
(R)
12-PORT GIGABIT ETHERNET STACKABLE LAYER 2+ SWITCH
FEATURES * 12 10/100/1000-Mbps Ethernet ports with copper or fibre
connectivity * HiGig+TM stacking port that runs at 10-Gbps or 12-Gbps speeds * Integrated high-performance SerDes with XAUITM interface on the HiGig+ port and an SGMII interface on the Gigabit Ethernet (GbE) ports * Scalable up to 128 BCM5697 devices in a single configuration
SUMMARY OF BENEFITS * Enables modular, scalable, and high-performance GbE switch
designs using switch fabric
* Facilitates seamless integration of voice, video, and data traffic
through low-latency and advanced QoS
* Enables lower system design cost and board space utilization
through superior integration and compact form factor
* Offers quicker time-to-market and software reuse through
backward compatibility with Broadcom switch software API
* * * *
All address tables and buffer memory fully integrated on-chip Support for port trunking and mirroring across stacked links Support for jumbo frames of up to 9 KB in size
Advanced full-duplex end-to-end flow and congestion control with head-of-line blocking prevention * ContentAwareTM packet filtering and classification per-port
TARGET APPLICATIONS * Modular chassis-based Gigabit and 10-GbE switch solutions
for the core of enterprise networks
* Wirespeed operation * Support for 802.1p, TOS/DiffServ, policing, shaping, marking, and remarking * Rate control of broadcast, unknown multicast and unicast packets * Eight queues per port
* Scalable, stackable GbE switch solutions for distribution and
wiring closet of enterprise networks
* High-performance standalone GbE switch solutions for
enterprise wiring closets and remote branches
* Support for double 802.1q VLAN tagging and VLAN translation * Advanced diagnostic features including JTAG boundary scan and BIST functionality * Low power consumption of 4.65W in a 480-pin PBGA package * Pin-to-pin compatible with the BCM5692
* Embedded GbE switch solutions for blade server applications
within space-constrained data centers
* Highly reliable GbE switch solutions for telecom applications
in central offices
12-Port Multilayer Gigabit Ethernet Switch with HiGig+TM Stacking
HiGig XAUI (10/12 Gbps)
Layer 2 On-Chip Tables
HiGigTM
ARL L2 Packet Buffer MMU PCI
Internal Memory for Nonblocking Performance
ContentAwareTM FFP
1-Gbps SerDes with SGMII Support
PCI 32/66 Interface I2C Interface
10/100/1000 MAC
12 x GbE
OVERVIEW Functional Design of BCM5697-Based 48-Port GbE Switch With 2 x 10 GbE Ports and Stacking
2 x 10 GbE
2 x HiGig+ SDRAM BCM5675 PCI FLASH
BCM8704
BCM5674
CPU
BCM5697
BCM5697
BCM5697
BCM5697
BCM5464R
BCM5464R
BCM5464R
BCM5464R
12 x GbE
General Description
12 x GbE
12 x GbE
Multi-Service Intelligence
12 x GbE
The BCM5697 is an integral component of the highly modular, scalable switch architecture. Each port supports 10/100/1000-Mbps Ethernet with copper or fibre physical interfaces. The BCM5697 has a fully integrated SerDes with a XAUI interface on the HiGigTM port and an SGMII interface on the GbE ports. The flexibility and modularity of the BCM5697 switch architecture makes it suitable for a wide range of applications including stackable, fixed, chassis, blade server, and metro Ethernet switching.
Superior scalability, high availability, and performance enable network designers to meet the growing needs of mission-critical enterprise applications. Support of multi-service intelligence in the form of integrated security (IEEE 802.1x), wirespeed access control lists, policy-based rate limiting, and IPv6 awareness ensures robust network design. New metro Ethernet features extend the security boundary beyond the enterprise networks into service provider networks with support for double VLAN tagging (IEEE 802.1Q) and VLAN translation.
Scalability
Switches based on the BCM5697 offer world-class scalability, and performance, when used along with other StrataXGSTM family components. A BCM5697-based switch fabric can scale up to as many as 1,536-GbE ports or 128 10-GbE ports in the same configuration. A multistage switch fabric using the StrataXGS family can have a bandwidth capacity of up to 1.5 Tbits. The 12-Gbps HiGig+TM stacking port supports explicit priority, port trunking, and mirroring functions across the switching elements.
Superior Performance
The BCM5697 delivers wirespeed switching performance across all ports simultaneously. The effective bandwidth of each HiGig+ interface is 24 Gbps (12 Gbps, full-duplex). The BCM5697 also introduces very low switching latency, enabling very high-quality transmission of voice, video, and data traffic. The BCM5697 supports advanced packet flow control such as head-of-line blocking prevention and IEEE 802.3x-compatible full-duplex control.
Advanced QoS
The highly flexible ContentAware packet filtering and classification engine in the BCM5697 switch family provides a common application platform across the entire StrataXGS product line. It supports ToS/DiffServ, rate limiting, policing, shaping, marking, and remarking. These features enable cutting-edge voice and video applications based on the Internet Protocol.
Additional Information
Production-ready reference design kits such as the BCM95695R24X2S enable faster time-to-market for system vendors and come with extensive support documentation and software. Please contact your local sales representative for more information.
Broadcom(R), the pulse logo, Connecting everything(R), HiGigTM, HiGig+TM, and StrataXGSTM are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2004 by BROADCOM CORPORATION. All rights reserved. 5697-PB00-R 08/12/04
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM5697

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X