Part Number Hot Search : 
IRC840 A225D 10024 P1100EL SR260 3362R205 CXA1396D LC66566A
Product Description
Full Text Search
 

To Download B0530W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOD-123 Plastic-Encapsulate Diode
B0520LW,B0530W,B0540W SCHOTTKY RECTIFIER
Features
* * * Low Forward Voltage Drop Guard Ring Construction for Transient Protection High Conductance
2.70
1.6
SOD-123
Marking:
B0520LW:SD B0530W:SE B0540W:SF
Unit:mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ T = 100C L Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Power Dissipation (Note 1) Typical Thermal Resistance Junction to Ambient (Note 1) Operating and Storage Temperature Range Voltage Rate of Change Symbol VRRM VRWM VR VR(RMS) IO IFSM Pd RqJA Tj, TSTG dv/dt B0520LW 20 14 B0530W 30 21 0.5 5.5 410 244 -65 to +125 1000 B0540W 40 28 Unit V V A A mW C/W C V/ms
Electrical Characteristics @ TA = 25C unless otherwise specified
Characteristic Minimum Reverse Breakdown Voltage (Note 2) Symbol V(BR)R B0520LW 20 3/4 3/4 0.300 0.385 3/4 0.220 0.330 3/4 75 3/4 250 3/4 3/4 5.0 8.0 3/4 Junction Capacitance Notes: Cj 1. Valid provided that leads are kept at ambient temperature. 2. Pulse Test: Pulse width = 300ms, Duty Cycle 2%. B0530W 3/4 30 3/4 0.375 0.430 3/4 3/4 3/4 3/4 3/4 20 3/4 130 3/4 3/4 3/4 3/4 170 B0540W Unit 3/4 3/4 40 3/4 0.510 0.620 3/4 0.460 0.610 3/4 3/4 10 3/4 20 3/4 5.0 13 V Test Conditions IR = 250mA IR = 130mA IR = 20mA IF = 0.1A, Tj = 25C IF = 0.5A, Tj = 25C IF = 1.0A, Tj = 25C IF = 0.1A, Tj = 100C IF = 0.5A, Tj = 100C IF = 1.0A, Tj = 100C VR = 10V, Tj = VR = 15V, Tj = VR = 20V, Tj = VR = 30V, Tj = VR = 40V, Tj = 25C 25C 25C 25C 25C
Maximum Forward Voltage Drop (Note 2)
VFM
V
Maximum Leakage Current (Note 2)
mA
IRM
mA pF
VR = 10V, Tj = 100C VR = 20V, Tj = 100C VR = 40V, Tj = 100C f = 1MHz, VR = 0V DC
0.55
3.70
1.05
1 /2
Typical Characteristics
1.0
B0520LW,B0530W,B0540W
10
0.75
IF, INSTANTANEOUS FWD CURRENT (A)
IO, AVERAGE RECTIFIED CURRENT (A)
B0540W
1.0
0.50
0.1
B0520LW B0530W
Tj = 25C Pulse width = 300s 2% duty cycle
0.25
0
0.01
0 25 50 75 100 125 150
0
0.2
0.4
0.6
0.8
1.0
TL, LEAD TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
1000
Cj, CAPACITANCE (pF)
100
10
1.0 0 5 10 15 20 VR, REVERSE VOLTAGE (V) Fig. 3 Typ. Junction Capacitance vs Reverse Voltage
2/2
SOD-123 PACKAGE OUTLINE DIMENSIONS
E
A1
A2
b
E1
A
L 0.20
L1
|E
Symbol A A1 A2 b c D E E1 L L1 |E
Dimensions In Millimeters Min 1.050 0.000 1.050 0.450 0.080 1.500 2.600 3.550 0.500REF 0.250 0 0.450 8 Max 1.250 0.100 1.150 0.650 0.150 1.700 2.800 3.850 Min
c
Dimensions In Inches Max 0.049 0.004 0.045 0.026 0.006 0.067 0.110 0.152 0.020REF 0.010 0 0.018 8 0.041 0.000 0.041 0.018 0.003 0.059 0.102 0.140
D


▲Up To Search▲   

 
Price & Availability of B0530W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X