Part Number Hot Search : 
ST62T FR370 RG308 HA1329 FR603 MM3ZC8V2 NIUSB 2ADTR2
Product Description
Full Text Search
 

To Download AS5C512K8F-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRAM
Austin Semiconductor, Inc. 512K x 8 SRAM
HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AVAILABLE AS MILITARY SPECIFICATIONS
*SMD 5962-95600 *SMD 5962-95613 *MIL-STD-883
AS5C512K8
PIN ASSIGNMENT (Top View)
36-Pin SOJ (DJ & ECJ) 36-Pin CLCC (EC)
FEATURES
* Ultra High Speed Asynchronous Operation * Fully Static, No Clocks * Multiple center power and ground pins for improved noise immunity * Easy memory expansion with CE\ and OE\ options * All inputs and outputs are TTL-compatible * Single +5V Power Supply +/- 10% * Data Retention Functionality Testing (Contact Factory) * Cost Efficient Plastic Packaging * Extended Testing Over -55C to +125C for plastics * Plastic 36 pin PSOJ is fully compatible with the Ceramic 36 pin SOJ * 3.3V Future Offering
36-Pin Flat Pack (F)
OPTIONS
* Timing 15ns access 17ns access 20ns access 25ns access 35ns access 45ns access * Operating Temperature Ranges Military (-55oC to +125oC) Industrial (-40oC to +85oC) * Package(s) Ceramic LCC Ceramic Flatpack Plastic SOJ Ceramic SOJ * 2V data retention/low power * Radiation Tolerant (EPI)
MARKING
-15 -17 -20 -25 -35 -45
GENERAL DESCRIPTION
XT IT The AS5C512K8 is a high speed SRAM. It offers flexibility in high-speed memory applications, with chip enable (CE\) and output enable (OE\) capabilities. These features can place the outputs in High-Z for additional flexibility in system design. Writing to these devices is accomplished when write enable (WE\) and CE\ inputs are both LOW. Reading is accomplished when WE\ remains HIGH and CE\ and OE\ go LOW. As a option, the device can be supplied offering a reduced power standby mode, allowing system designers to meet low standby power requirements. This device operates from a single +5V power supply and all inputs and outputs are fully TTL-compatible. The AS5C512K8DJ offers the convenience and reliability of the AS5C512K8 SRAM and has the cost advantage of a durable plastic. The AS5C512K8DJ is footprint compatible with 36 pin CSOJ package of the SMD 5692-95600.
EC F DJ ECJ
No. 210 No. 307 No. 903 No.503
L (Consult Factory) E
For more products and information please visit our web site at www.austinsemiconductor.com
AS5C512K8 Rev. 4.5 7/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
SRAM
Austin Semiconductor, Inc.
FUNCTIONAL BLOCK DIAGRAM
VCC GND
AS5C512K8
DQ8
INPUT BUFFER ROW DECODER I/O CONTROLS
4,194,304-BIT MEMORY ARRAY 1024 ROWS X 4096 COLUMNS
A0-A18
DQ1
CE\
COLUMN DECODER
OE\ WE\ *POWER DOWN
*On the low voltage Data Retention option.
PIN FUNCTIONS
A0 - A18 Address Inputs Write Enable Chip Enable Output Enable Data Inputs/Outputs Power Ground No Connection
TRUTH TABLE
MODE OE\ CE\ WE\ STANDBY X H X READ L L H NOT SELECTED H L H WRITE X L L
X = Don't Care
WE\
I/O HIGH-Z Q HIGH-Z D
POWER STANDBY ACTIVE ACTIVE ACTIVE
CE\ OE\ I/O0 - I/O7 VCC VSS NC
AS5C512K8 Rev. 4.5 7/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
SRAM
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Vcc Supply Relative to Vss Vcc ..............................................................................-.5V to +7.0V Storage Temperature (Plastic)......................-65C to +150C Storage Temperature (Ceramic)...................-55C to +125C Short Circuit Output Current (per I/O)...........................20mA Voltage on any Pin Relative to Vss.................-.5V to Vcc+1V Maximum Junction Temperature**..............................+150C Power Dissipation ................................................................1W
AS5C512K8
*Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. ** Junction temperature depends upon package type, cycle time, loading, ambient temperature and airflow, and humidity.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS (-55oC < TA < +125oC & -40oC < TA < +85oC ; Vcc = 5V +10%)
DESCRIPTION Power Supply Current: Operating CONDITIONS WE\=CE\ VIH, All other inputs < VIL, Vcc = MAX, f = 0, Outputs Open Power Supply Current: Standby ICCSP ICCLP ISBTSP 225 180 60 30 25 225 180 60 30 25 225 180 60 30 25 225 180 60 30 25 225 180 60 30 25 225 180 60 30 25 mA mA mA mA mA 3 SYM -15 -17 -20 MAX -25 -35 -45 UNITS NOTES
"L" Version Only ISBTLP CE\ > Vcc -0.2V; Vcc = MAX VINVcc -0.2V; f = 0 "L" Version Only ISBCLP ISBCSP
10
10
10
10
10
10
mA









" "

! !
#
#
#
#$ %$&' ! !

( ) *"
( *"
) )
)


+,
CAPACITANCE
PARAMETER Input Capacitance Output Capactiance CONDITIONS TA = 25 C, f = 1MHz VIN = 0
o
SYMBOL CI Co
MAX 12 14
UNITS pF pF
NOTES 4 4
AS5C512K8 Rev. 4.5 7/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
SRAM
Austin Semiconductor, Inc.
AS5C512K8
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS (-55oC < TA < +125oC or -40oC to +85oC; Vcc = 5V +10%)




! " # $%& ) "%&
# $%& ) "%&




















*
* * *
* *





' ('
' ('
- + . - + /
! - + ) /
)
+ ) # $%& + "%&
+,




( (




+,
0 +





(
1


*


*


' ('
AS5C512K8 Rev. 4.5 7/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
SRAM
Austin Semiconductor, Inc.
AC TEST CONDITIONS
Input pulse levels ...................................................... Vss to 3.0V Input rise and fall times ......................................................... 3ns Input timing reference levels ............................................... 1.5V Output reference levels ........................................................ 1.5V Output load ................................................. See Figures 1 and 2
AS5C512K8
Q
167 ohms 1.73V C=30pF
Q
167 ohms 1.73V C=5pF
Fig. 1 Output Load Equivalent
Fig. 2 Output Load Equivalent
NOTES
1. 2. 3. 4. 5. 6. All voltages referenced to VSS (GND). -2V for pulse width < 20ns ICC is dependent on output loading and cycle rates. This parameter is guaranteed but not tested. Test conditions as specified with the output loading as shown in Fig. 1 unless otherwise noted. t LZCE, tLZWE, tLZOE, t HZCE, tHZOE and tHZWE are specified with CL = 5pF as in Fig. 2. Transition is measured 200mV from steady state voltage. At any given temperature and voltage condition, t HZCE is less than tLZCE, and tHZWE is less than t LZWE. WE\ is HIGH for READ cycle. 9. 10. 11. 12. 13. 14. 15. Device is continuously selected. Chip enables and output enables are held in their active state. Address valid prior to, or coincident with, latest occurring chip enable. t RC = Read Cycle Time. Chip enable and write enable can initiate and terminate a WRITE cycle. Output enable (OE\) is inactive (HIGH). Output enable (OE\) is active (LOW). ASI does not warrant functionality nor reliability of any product in which the junction temperature exceeds 150C. Care should be taken to limit power to acceptable levels.
7.
8.
DATA RETENTION ELECTRICAL CHARACTERISTICS (L Version Only)
DESCRIPTION Vcc for Retention Data Data Retention Current Chip Deselect to Data Operation Recovery Time CONDITIONS CE\ > VCC -0.2V VIN > VCC -0.2 or 0.2V Vcc = 2.0V SYM VDR ICCDR tCDR tR 0 10 MIN 2 4.5 MAX UNITS V mA ns ms 4 4, 11 NOTES
AS5C512K8 Rev. 4.5 7/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
654321 654321 654321 654321 653321 4 4 21 4321 321 4321 4321 4
765414354 176 376 5 765452121321 376 765454321321 12154 54351321 34354 765412121321 12154 376 4 76 765452121321 3435 765412121321 34324 576
7654320 765 65 1 76543219876543214321 211 7214321 76542219876543214321 20 310987654365 7 76543219876543214321 765 10 76542119876543214321 210 320 765 76543219876543214321 765
VIH-
765410 5654309 743232987654321 543212187654321 5432 76543 9 5654101 3 7654309 543212187654321 7654309 543212187654321 54321 743212187654321 543212187654321 5432109 743212187654321 543212187654321 7654309 5654309 54321
tR
543210987654321 432 543210987654321 654321 1 543210987654321 54321 543210987654321 543210987654321 6 4321 432 654321 543210987654321 654321 1 543210987654321 543210987654321 4321
t CDR
AS5C512K8 Rev. 4.5 7/01
I/O, DATA IN & OUT
I/O, DATA IN & OUT
CE\
ADDRESS
ADDRESS
VCC
VIL-
CE\
Icc
Austin Semiconductor, Inc.
Previous Data Valid
READ CYCLE NO. 18, 9 (Address Controlled, CE\ = OE\ = VIL, WE\ = VIH)
LOW VCC DATA RETENTION WAVEFORM
High-Z
READ CYCLE NO. 2 2 (WE\ = VIH)
tOH
4.5V
DATA RETENTION MODE
t LZCE t ACE
t PU
t LZOE
6
tAA
VDR>2V
t AOE
VALID
t RC
VDR
t RC
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4.5V
Data Valid
Data Valid
t HZOE
t HZCE
t PD
AS5C512K8
Undefined Don't Care
SRAM
654321 654321 654321 654321 654321
t AS
ADDRESS
CE\
Austin Semiconductor, Inc.
WRITE CYCLE NO. 112 (CE Controlled)
t AS
t AW
t CW
t WC
t WP1
876543210987654321 654 876543210987654321321 876543210987654321321 654 876543210987654321321 654 876543210987654321321 654
0987654432109876543210987654321 6321210987654321098765432 543 321 09876564321098765432109876543211 45432109876543210987654321 09876565432109876543210987654321 4543210987654321098765432 321 09876564321098765432109876543211 4432109876543210987654321 321
I/O, DATA OUT
I/O, DATA IN
ADDRESS
WE\
WRITE CYCLE NO. 212, 13 (Write Enabled Controlled)
High-Z
t AW
t CW
5432109876543212121 76543210987654343 765 7 56543210987654141 765 76543210987654343 5432109876543232321 6543210987654343 765 7432109876543212121 5432109876543212121 765 5432109876543212121 76543210987654343 765
tAH
098765409876543210987654321 1321 1 098765432176543210987654321 1098 098 098765409876543210987654321 10987654321098765432 098765432176543210987654321 1321 098765432176543210987654321 109876543210987654321 098
AS5C512K8 Rev. 4.5 7/01
I/O, DATA OUT
I/O, DATA IN
WE\
CE\
High-Z
7
t WC
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
t WP1
Data Valid
t DS
Data Valid
tAH
tDH
tDH
High-Z High-Z
AS5C512K8
SRAM
654321 654321 654321 654321
t AS
ADDRESS
Austin Semiconductor, Inc.
WRITE CYCLE NO. 37,12, 14 (WE Controlled)
t AW
t CW
t WC
tAH
6654321098765432 7 7654 76543210987654323 6543210987654321121 6543210987654323 7654 7543210987654321121 6543210987654321121 7654 76543210987654323 6543210987654321121 76543
987654109876543210987654321 2321 109 2109876543210987654321 987654321876543210987654321 4109876543210987654321 321 2109876543210987654321 987652109876543210987654321 987654321876543210987654321 109
AS5C512K8 Rev. 4.5 7/01
DATA OUT
DATA IN
WE\
CE\
Data Undefined
8
t HZWE
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
t WP2
High-Z
t DS
Data Valid
tDH
t LZWE
AS5C512K8
SRAM
SRAM
Austin Semiconductor, Inc.
AS5C512K8
MECHANICAL DEFINITIONS*
ASI Case #210 (Package Designator EC) SMD 5962-95600, Case Outline N
P A Pin 1 identifier area
*All measurements are in inches.
AS5C512K8 Rev. 4.5 7/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7654321 7654321 7654321 7654321 7654321 7654321 7654321 7654321 7654321 7654321
L2 1 D 36 L e B D1 E
R
A1
SYMBOL A A1 B D D1 E e L L2 P R
SMD SPECIFICATIONS MIN MAX 0.080 0.100 0.054 0.066 0.022 0.028 0.910 0.930 0.840 0.860 0.445 0.460 0.050 BSC 0.100 TYP 0.115 0.135 --0.006 0.009 TYP
9
SRAM
Austin Semiconductor, Inc.
AS5C512K8
MECHANICAL DEFINITIONS*
ASI Case #307 (Package Designator F) SMD 5962-95600, Case Outline T
L
E
Pin 1 identifier area 36 1
D1
*All measurements are in inches.
AS5C512K8 Rev. 4.5 7/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
87654321 87654321 87654321 87654321 87654321 87654321 87654321 87654321
e
b
D
Bottom View
S
Top View
c Q E2 A
SYMBOL A b c D D1 E E2 e L Q
SMD SPECIFICATIONS MIN MAX 0.096 0.125 0.015 0.022 0.003 0.009 0.910 0.930 0.840 0.860 0.505 0.515 0.385 0.397 0.050 BSC 0.250 0.370 0.020 0.045
10
SRAM
Austin Semiconductor, Inc.
AS5C512K8
MECHANICAL DEFINITIONS*
ASI Case #503 (Package Designator ECJ) SMD 5962-95600, Case Outline M
P A L2 L TYP
1
36
e D D1 A2
E2 b
A1 E
SYMBOL A A1 A2 b D D1 E E2 e L L2 P
*All measurements are in inches.
AS5C512K8 Rev. 4.5 7/01
SMD SPECIFICATIONS MIN MAX 0.140 0.160 0.054 0.075 0.025 0.063 0.019 0.028 0.910 0.939 0.840 0.860 0.434 0.460 0.374 0.410 0.050 BSC 0.050 0.070 0.115 0.135 --0.004
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
SRAM
Austin Semiconductor, Inc.
AS5C512K8
MECHANICAL DEFINITIONS*
ASI Case #903 (Package Designator DJ)
*All measurements are in inches.
AS5C512K8 Rev. 4.5 7/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
12
SRAM
Austin Semiconductor, Inc.
AS5C512K8
ORDERING INFORMATION
EXAMPLE: AS5C512K8F-25E/XT Device Number AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 Package Type F F F F F F F F F F F F Speed ns -15 -15 -17 -17 -20 -20 -25 -25 -30 -30 -45 -45 Options** L E L E L E L E L E L E Process /* /* /* /* /* /* /* /* /* /* /* /* EXAMPLE: AS5C512K8ECJ-15/IT Device Number AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 Package Type ECJ ECJ ECJ ECJ ECJ ECJ ECJ ECJ ECJ ECJ ECJ ECJ Speed ns -15 -15 -17 -17 -20 -20 -25 -25 -30 -30 -45 -45 Options** L E L E L E L E L E L E Process /* /* /* /* /* /* /* /* /* /* /* /*
EXAMPLE: AS5C512K8EC-35LE/XT Device Number AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 Package Type EC EC EC EC EC EC EC EC EC EC EC EC Speed ns -15 -15 -17 -17 -20 -20 -25 -25 -30 -30 -45 -45 Options** L E L E L E L E L E L E Process /* /* /* /* /* /* /* /* /* /* /* /*
EXAMPLE: AS5C512K8DJ-20L/XT Device Number AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 AS5C512K8 Package Type DJ DJ DJ DJ DJ DJ DJ DJ DJ DJ DJ DJ Speed ns -15 -15 -17 -17 -20 -20 -25 -25 -30 -30 -45 -45 Options** L E L E L E L E L E L E Process /* /* /* /* /* /* /* /* /* /* /* /*
*AVAILABLE PROCESSES IT = Industrial Temperature Range XT = Extended Temperature Range 883C = Full Military Processing
-40oC to +85oC -55oC to +125oC -55oC to +125oC
**OPTIONS DEFINTIONS L = 2V Data Retention / Low Power (Consult Factory) E = Radiation Tolerant (EPI)
AS5C512K8 Rev. 4.5 7/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
13
SRAM
Austin Semiconductor, Inc.
AS5C512K8
ASI TO DSCC PART NUMBER CROSS REFERENCE FOR SMD 5962-95600*
ASI Package Designator EC
ASI Part # AS5C512K8EC-45/883C AS5C512K8EC-45L/883C AS5C512K8EC-35/883C AS5C512K8EC-35L/883C AS5C512K8EC-25/883C AS5C512K8EC-25L/883C AS5C512K8EC-20/883C AS5C512K8EC-20L/883C AS5C512K8EC-15/883C AS5C512K8EC-15L/883C SMD Part # 5962-9560009MNA 5962-9560005MNA 5962-9560010MNA 5962-9560006MNA 5962-9560011MNA 5962-9560007MNA 5962-9560012MNA 5962-9560008MNA 5962-9560014MNA 5962-9560013MNA
ASI Package Designator ECJ
ASI Part # AS5C512K8ECJ-45/883C AS5C512K8ECJ-45L/883C AS5C512K8ECJ-35/883C AS5C512K8ECJ-35L/883C AS5C512K8ECJ-25/883C AS5C512K8ECJ-25L/883C AS5C512K8ECJ-20/883C AS5C512K8ECJ-20L/883C AS5C512K8ECJ-15/883C AS5C512K8ECJ-15L/883C SMD Part # 5962-9560009MMA 5962-9560005MMA 5962-9560010MMA 5962-9560006MMA 5962-9560011MMA 5962-9560007MMA 5962-9560012MMA 5962-9560008MMA 5962-9560014MMA 5962-9560013MMA
ASI Package Designator F
ASI Part # AS5C512K8F-45/883C AS5C512K8F-45L/883C AS5C512K8F-35/883C AS5C512K8F-35L/883C AS5C512K8F-25/883C AS5C512K8F-25L/883C AS5C512K8F-20/883C AS5C512K8F-20L/883C AS5C512K8F-15/883C AS5C512K8F-15L/883C SMD Part # 5962-9560009MTA 5962-9560005MTA 5962-9560010MTA 5962-9560006MTA 5962-9560011MTA 5962-9560007MTA 5962-9560012MTA 5962-9560008MTA 5962-9560014MTA 5962-9560013MTA
* ASI part number is for reference only. Orders received referencing the SMD part number will be processed per the SMD.
AS5C512K8 Rev. 4.5 7/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
14
SRAM
Austin Semiconductor, Inc.
AS5C512K8
ASI TO DSCC PART NUMBER CROSS REFERENCE FOR SMD 5962-95613*
ASI Package Designator EC
ASI Part #
AS5C512K8EC-55/H AS5C512K8EC-55L/H AS5C512K8EC-45/H AS5C512K8EC-45L/H AS5C512K8EC-45/H AS5C512K8EC-45L/H AS5C512K8EC-35/H AS5C512K8EC-35L/H AS5C512K8EC-35/H AS5C512K8EC-35L/H AS5C512K8EC-25/H AS5C512K8EC-25L/H AS5C512K8EC-25/H AS5C512K8EC-25L/H AS5C512K8EC-20/H AS5C512K8EC-20L/H AS5C512K8EC-17/H AS5C512K8EC-17L/H AS5C512K8EC-55/H AS5C512K8EC-55L/H AS5C512K8EC-45/H AS5C512K8EC-45L/H AS5C512K8EC-45/H AS5C512K8EC-45L/H AS5C512K8EC-35/H AS5C512K8EC-35L/H AS5C512K8EC-35/H AS5C512K8EC-35L/H AS5C512K8EC-25/H AS5C512K8EC-25L/H AS5C512K8EC-25/H AS5C512K8EC-25L/H AS5C512K8EC-20/H AS5C512K8EC-20L/H AS5C512K8EC-17/H AS5C512K8EC-17L/H
ASI Package Designator ECJ
ASI Part #
AS5C512K8ECJ-55/H AS5C512K8ECJ-55L/H AS5C512K8ECJ-45/H AS5C512K8ECJ-45L/H AS5C512K8ECJ-45/H AS5C512K8ECJ-45L/H AS5C512K8ECJ-35/H AS5C512K8ECJ-35L/H AS5C512K8ECJ-35/H AS5C512K8ECJ-35L/H AS5C512K8ECJ-25/H AS5C512K8ECJ-25L/H AS5C512K8ECJ-25/H AS5C512K8ECJ-25L/H AS5C512K8ECJ-20/H AS5C512K8ECJ-20L/H AS5C512K8ECJ-17/H AS5C512K8ECJ-17L/H AS5C512K8ECJ-55/H AS5C512K8ECJ-55L/H AS5C512K8ECJ-45/H AS5C512K8ECJ-45L/H AS5C512K8ECJ-45/H AS5C512K8ECJ-45L/H AS5C512K8ECJ-35/H AS5C512K8ECJ-35L/H AS5C512K8ECJ-35/H AS5C512K8ECJ-35L/H AS5C512K8ECJ-25/H AS5C512K8ECJ-25L/H AS5C512K8ECJ-25/H AS5C512K8ECJ-25L/H AS5C512K8ECJ-20/H AS5C512K8ECJ-20L/H AS5C512K8ECJ-17/H AS5C512K8ECJ-17L/H
SMD Part #
5962-9561305HNA 5962-9561319HNA 5962-9561306HNA 5962-9561320HNA 5962-9561311HNA 5962-9561325HNA 5962-9561307HNA 5962-9561321HNA 5962-9561312HNA 5962-9561326HNA 5962-9561308HNA 5962-9561322HNA 5962-9561313HNA 5962-9561327HNA 5962-9561309HNA 5962-9561323HNA 5962-9561310HNA 5962-9561324HNA 5962-9561305HNC 5962-9561319HNC 5962-9561306HNC 5962-9561320HNC 5962-9561311HNC 5962-9561325HNC 5962-9561307HNC 5962-9561321HNC 5962-9561312HNC 5962-9561326HNC 5962-9561308HNC 5962-9561322HNC 5962-9561313HNC 5962-9561327HNC 5962-9561309HNC 5962-9561323HNC 5962-9561310HNC 5962-9561324HNC
SMD Part #
5962-9561305HZA 5962-9561319HZA 5962-9561306HZA 5962-9561320HZA 5962-9561311HZA 5962-9561325HZA 5962-9561307HZA 5962-9561321HZA 5962-9561312HZA 5962-9561326HZA 5962-9561308HZA 5962-9561322HZA 5962-9561313HZA 5962-9561327HZA 5962-9561309HZA 5962-9561323HZA 5962-9561310HZA 5962-9561324HZA 5962-9561305HZC 5962-9561319HZC 5962-9561306HZC 5962-9561320HZC 5962-9561311HZC 5962-9561325HZC 5962-9561307HZC 5962-9561321HZC 5962-9561312HZC 5962-9561326HZC 5962-9561308HZC 5962-9561322HZC 5962-9561313HZC 5962-9561327HZC 5962-9561309HZC 5962-9561323HZC 5962-9561310HZC 5962-9561324HZC
* ASI part number is for reference only. Orders received referencing the SMD part number will be processed per the SMD. Continued on next page.
AS5C512K8 Rev. 4.5 7/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
15
SRAM
Austin Semiconductor, Inc.
AS5C512K8
ASI TO DSCC PART NUMBER CROSS REFERENCE FOR SMD 5962-95613*
ASI Package Designator F
ASI Part #
AS5C512K8F-55/H AS5C512K8F-55L/H AS5C512K8F-45/H AS5C512K8F-45L/H AS5C512K8F-45/H AS5C512K8F-45L/H AS5C512K8F-35/H AS5C512K8F-35L/H AS5C512K8F-35/H AS5C512K8F-35L/H AS5C512K8F-25/H AS5C512K8F-25L/H AS5C512K8F-25/H AS5C512K8F-25L/H AS5C512K8F-20/H AS5C512K8F-20L/H AS5C512K8F-17/H AS5C512K8F-17L/H AS5C512K8F-55/H AS5C512K8F-55L/H AS5C512K8F-45/H AS5C512K8F-45L/H AS5C512K8F-45/H AS5C512K8F-45L/H AS5C512K8F-35/H AS5C512K8F-35L/H AS5C512K8F-35/H AS5C512K8F-35L/H AS5C512K8F-25/H AS5C512K8F-25L/H AS5C512K8F-25/H AS5C512K8F-25L/H AS5C512K8F-20/H AS5C512K8F-20L/H AS5C512K8F-17/H AS5C512K8F-17L/H
SMD Part #
5962-9561305HUA 5962-9561319HUA 5962-9561306HUA 5962-9561320HUA 5962-9561311HUA 5962-9561325HUA 5962-9561307HUA 5962-9561321HUA 5962-9561312HUA 5962-9561326HUA 5962-9561308HUA 5962-9561322HUA 5962-9561313HUA 5962-9561327HUA 5962-9561309HUA 5962-9561323HUA 5962-9561310HUA 5962-9561324HUA 5962-9561305HUC 5962-9561319HUC 5962-9561306HUC 5962-9561320HUC 5962-9561311HUC 5962-9561325HUC 5962-9561307HUC 5962-9561321HUC 5962-9561312HUC 5962-9561326HUC 5962-9561308HUC 5962-9561322HUC 5962-9561313HUC 5962-9561327HUC 5962-9561309HUC 5962-9561323HUC 5962-9561310HUC 5962-9561324HUC
* ASI part number is for reference only. Orders received referencing the SMD part number will be processed per the SMD.
AS5C512K8 Rev. 4.5 7/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
16


▲Up To Search▲   

 
Price & Availability of AS5C512K8F-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X