Part Number Hot Search : 
MAX9698 ISL59111 SR120 FRS12000 BZG03C10 3S0765RF BD144 SMDA12
Product Description
Full Text Search
 

To Download 92995X-XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 .100 Shunt
929 Series
S Double wipe contact is reliable and failure free S Loop hole on top of the contact provides easy removal for testing S Color coded body for easy recognition of plating S Available in strips of twenty for enhanced robotic handling capability S Open top contact allows easy probing and testing
Date Modified: February 19, 1999
113
TS-0528-04 Sheet 1 of 2
Physical
Insulation Material: Glass Filled Polyester (PBT) Flammability: UL 94V-0 Color: Red, Blue or Gray See Ordering Information Contact Material: Copper Alloy Plating: See Ordering Information Marking: 3M Logo
Electrical
Current Rating: 2 A Insulation Resistance: > 5 x 109 at 500 Vdc Withstanding Voltage: 1500 Vrms at Sea Level
Environmental
Temperature Rating: -55C to +105C
UL File No.: E68080
3M Interconnect Solutions Division
6801 River Place Blvd. Austin, TX 78726-9000 For technical, sales or ordering information call 800-225-5373
.100 Shunt
929 Series
(R)
(R)
3.9 [ 99.0 ]
.14 Ref [ 3.6 ]
.24 [ 6.0 ]
.10 [ 2.5 ]
.10 [ 2.5 ]
.10 [ 2.5 ]
Inch
[mm]
Tolerance Unless Noted .0 Notes: 1. Comes in a breakable strip of 20 Shunts. 2. Mates with a .025 Square Pin. Inch .1 .00 .000 .01 .005
[ ] Dimensions for Reference only
Ordering Information 92995X-XX
Color / Plating 1 - 00 RED / 75 [ 1.90 m ] tin 2 - 10 BLUE / 75 [ 1.90 m ] Nickel underplate, 10 [ 0.25 m ] GOLD in the wipe area. 3 - 30 GRAY / 75 [ 1.90 m ] Nickel underplate, 30 [ 0.76 m ] GOLD in the wipe area. TS-0528-04 Sheet 2 of 2
3M Interconnect Solutions Division
6801 River Place Blvd. Austin, TX 78726-9000 For technical, sales or ordering information call 800-225-5373


▲Up To Search▲   

 
Price & Availability of 92995X-XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X