Part Number Hot Search : 
25HCU04A B655M MAX6854 TLOE1 SMBTA64 FR2528 MC10EP11 07523
Product Description
Full Text Search
 

To Download 89825-8000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D Sub
Plug Connector 898 Series
S Preassembled, one-piece body can reduce assembly time to one-third S Available in 9, 15, 25 and 37 positions S Accepts .050 flat ribbon and discrete wire, 26 and 28 AWG, solid and stranded cable S Choice of preassembled open or closed covers S Friction dimples give EMI/ESD protection S Special locator plate reduces the risk of misalignment during assembly S Fiber-free PVC blister packages of 25 speed loading of automated assembly equipment S Threaded inserts for built-in convenience S Cable strain relief, hooking directly to the metal shell, available
Date Modified: September 23, 1999
100
TS-0483-08 Sheet 1 of 3
Physical
Insulation Material: Flammability: Color: Contact Material: Plating Underplate: Wiping Area: Shell Material: Plating: Strain Relief Material: Wire Accommodation: Marking: Glass Filled Polyester (PBT) UL 94V-0 Gray Phosphor Bronze 50 (1.27 m) Nickel -- QQ-N-290, Class 2 15 (0.38 m) Gold -- MIL-G-45204, Type II, Grade C Steel Tin Stainless Steel .016 (0.40) Thick 26 & 28 AWG Solid or Stranded 3M Logo & Contact Position Numbers
Electrical
Current Rating: 1 A Insulation Resistance: > 1 x 109 at 500 VDC Withstanding Voltage: 1000 Vrms at Sea Level
Environmental
Temperature Rating: -55 to +105
UL File No.: E68080
3M Interconnect Solutions Division
6801 River Place Blvd. Austin, TX 78726-9000 For technical, sales or ordering information call 800-225-5373
D Sub
Plug Connector
Contact Quantity 09 15 25 37 Dimensions A 1.23 [ 31.2 ] 1.56 [ 39.6 ] 2.10 [ 53.3 ] 2.74 [ 69.6 ] B .67 [ 17.0 ] 1.00 [ 25.4 ] 1.54 [ 39.1 ] 2.18 [ 55.4 ] C .98 [ 24.9 ] 1.31 [ 33.3 ] 1.85 [ 47.0 ] 2.50 [ 63.5 ] D .46 [ 11.7 ] .76 [ 19.3] 1.27 [ 32.3 ] 1.87 [ 47.5 ] E .67 [ 17.0 ] .99 [ 25.2 ] 1.54 [ 39.1 ] 2.19 [ 55.6 ] F .008 .70 [ 17.7 ] 1.03 [ 26.2 ] 1.57 [ 39.9 ] 2.22 [ 56.4 ]
898 Series
E Closed End Cover D .050 Typ [ 1.27 ]
Open End Cover
.51 Ref [ 1.3 ]
(R)
(R)
F A .42 Ref [ 10.6 ]
.11 Ref [ 2.8 ] Position 1
.0545 Typ [ 1.384 ] .33 [ 8.4 ] Note: Dimension taken from inside of shell area. .384 [ 9.75 ]
.49 [ 12.4 ]
1
2
3
4
5
7
8
9
10
11
12
13
14
15
16
17
18
19
21
22
23
24
25
10 Typ B C
See Ordering Information
+.000 .24 -.010 [ 6.0 ]
.65 [ 16.6 ] Assembled Thickness
Inch
[mm]
Tolerance Unless Noted .0 Inch .1 .00 .000 .01 .005
[ ] Dimensions for Reference only
Ordering Information Connector 898XX-X00X Strain Relief (Order Separately) 3448-8DXXA
Mounting Style: 0 = .120 Hole 3 = 4-40 UNC 09 = 9 Position 15 = 15 Position 25 = 25 Position 37 = 37 Position
Contact Quantity
Cover Style: 8 = Open Cover 9 = Closed Cover Closed End along Pin #1 Row
TS-0483-08 Sheet 2 of 3
3M Interconnect Solutions Division
6801 River Place Blvd. Austin, TX 78726-9000 For technical, sales or ordering information call 800-225-5373
D Sub
Plug Connector
Mounting Method* Contact Quantity 9 15 Front F 25 37 9 15 Rear R 25 37 Dimensions A1 .87 [ 22.0 ] 1.20 [ 30.5 ] 1.74 [ 44.2 ] 2.39 [ 60.7 ] .81 [ 20.6 ] 1.13 [ 28.7 ] 1.67 [ 42.4 ] 2.33 [ 59.2 ] B1 .44 [ 11.2 ] .60 [ 15.2 ] .87 [ 22.1 ] 1.20 [ 30.5 ] .40 [ 10.2 ] .57 [ 14.5 ] .84 [ 21.3 ] 1.16 [ 29.5 ] C1 .98 [ 24.9 ] 1.31 [ 33.3 ] 1.85 [ 47.0 ] 2.50 [ 63.5 ] .98 [ 25.0 ] 1.31 [ 33.3 ] 1.85 [ 47.0 ] 2.50 [ 63.5 ] D1 .49 [ 12.5 ] .66 [ 16.8 ] .93 [ 23.6 ] 1.25 [ 31.8 ] .49 [ 12.5 ] .66 [ 16.8 ] .93 [ 23.6 ] 1.25 [ 31.6 ] .45 [ 11.4 ] .22 [ 5.8 ] .12 [ 3.1 ] .51 [ 13.0 ] .26 [ 6.6 ] .12 [ 3.1 ] E1 F1 G1
898 Series
* Front Mount--The connector is mounted in front of the panel. Rear Mount--The connector is mounted behind the panel.
Panel Cutout A1 R .032 Max. Typ. [ 0.81 ] .120 [ 3.05 ] F1 E1 10 0 Typ. B1
.060 [ 1.52 ] Full Radius D1 C1
Alternate GI Radius Typ.
Mounting Styles Standard .12 [ 3.0 ] Dia Through Hole .07 Max [ 1.78 ] Threaded Inserts
Strain Relief (Order Separately or with Connector)
F
#4-40 UNC M3
+.000 .242 -.010 [ 6.15 ] .06 [ 1.5 ]
.12 [ 3.0 ]
.16 [ 4.06 ]
TS-0483-08 Sheet 3 of 3
3M Interconnect Solutions Division
6801 River Place Blvd. Austin, TX 78726-9000 For technical, sales or ordering information call 800-225-5373


▲Up To Search▲   

 
Price & Availability of 89825-8000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X