Part Number Hot Search : 
YBAMU DSK27K27 BCM7412 100000 ER1001AF X1N958U 2SD0639 SR102
Product Description
Full Text Search
 

To Download 4117AS1012VDC10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4117
Open Type>>>>>Dust Covered >> 13.2x14x18 Features
Superminiature, heavy power. Low coil power consumption. Switching current up to 2x10A. PC board mounting. Suitable for household appliance, electrical equipment, automation system, and automobile industry application.
18x16.4x20
Ordering Information
4117
C S 10 12VDC 1.0
4 Contact Current10:10A20:20A 5 Coil rated Voltage(V)DC:3,5,6,9,12,18,24 6 Coil power consumption1.0:1.0W1.2:1.2W
1 2 3 4 5 6 1 Part number4117 2 Contact arrangementA:1AB:1BC:1CU:IUW:1W 3 EnclosureS: Sealed typeZ: Dust cover O: open type
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) 1A SPSTNO f1C SPDT(B-M) f1U SPSTNODM f1W Ag SnO2 1Af1C: 10A/120VAC,28VDC 20A/14VDC ; 1U: 2x10A/120VAC,28VDC 2x20A/14VDC ; 1W: 2x10A/120VAC,28VDC 2x20A/14VDC 1C: 280W 1200VA 1W: 2y280W 2y1200VA 75VDC 380VAC Max. Switching Current:20A 50m Item 3.12 of IEC255-7 105 Item 3.30 of IEC255-7 107 Item 3.31 of IEC255-7 SPDTNC-NO
Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical life Mechanical
Coil Parameter
Coil voltage VDC Pickup voltage VDC(max) (75%of rated voltage ) 2.25 3.75 4.50 6.75 9.00 13.5 18.0 9.00 release voltage VDC(min) (10% of rated voltage) 0.3 0.5 0.6 0.9 1.2 1.8 2.4 1.2 1.2 10 5 1.0 10 5
Dash Numbers
Coil resistance 10%
Coil power consumption W
Operate Time ms
Release Time ms
Rated 003-1000 005-1000 006-1000 009-1000 012-1000 018-1000 024-1000 012-1200 3 5 6 9 12 18 24 12
Max. 3.9 6.5 7.8 11.7 15.6 23.4 31.2 15.6 9 25 36 85 145 324 576 120
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
115
www.dblectro.com
4117
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 100M min (at 500VDC) Item 7 of IEC255-5 Item 6 Item 6 1.27mm of IEC255-5 of IEC255-5
50Hz 750V 50Hz 1500V 100m/s2 11ms 10~40Hz double amplitude 10N 235x2 3x0.5s -40~85 85% (at 40) 9g(Open type) 12g
IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm) mm 0.3 0.4 0.5 0.6 0.8 1.0 1.3 2.1 3.3 3.4 3.81 4.6 5.08 8.89 10.16 13.2 14 16.4 18 20
>acCa
Mounting (Bottomz views)
Dimensions
Wiring diagram (Bottom views)
0.012 0.016 0.020 0.024 0.031 0.039 0.051 0.083 0.130 0.134 0.150 0.181 0.200 0.350 0.400 0.520 0.511 0.646 0.709 0.787
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
Reference Data
www.dblectro.com


▲Up To Search▲   

 
Price & Availability of 4117AS1012VDC10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X