Part Number Hot Search : 
SP08A ISL88739 68HC11E0 DS26900N PQ601 MCT6H 65ADG SKT11
Product Description
Full Text Search
 

To Download 2SK2196 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
VX-2 Series Power MOSFET
N-Channel Enhancement type
2SK2196
(F20W50VX2)
500V 20A
FEATURES
Input capacitance (Ciss) is small.
OUTLINE DIMENSIONS
Case :: MTO-3P Case E-pack (Unit : mm)
Especially, input capacitance at 0 biass is small. The static Rds(on) is small. The switching time is fast. APPLICATION
Switching power supply of AC 100V input High voltage power supply Inverter
RATINGS
Absolute Maximum Ratings Tc = 25 Item Symbol Conditions Tstg Storage Temperature Tch Channel Temperature VDSS Drain-Source Voltage Gate-Source Voltage VGSS ID Continuous Drain CurrentDC IDP Continuous Drain CurrentPeak) IS Continuous Source CurrentDC Total Power Dissipation PT IAS Single Pulse Avalanche Current Tch = 25 Recommended torque 0.5 Nm Mounting Torque Ratings -55150 150 500 30 20 60 20 125 20 0.8 Unit V
A W A Nm
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
VX-2 Series Power MOSFET
Electrical Characteristics Tc = 25 Item Symbol V(BR)DSS Drain-Source Breakdown Voltage IDSS Zero Gate Voltage Drain Current IGSS Gate-Source Leakage Current Forward Tranconductance gfs Static Drain-Source On-tate Resistance RDS(ON) Gate Threshold Voltage VTH VSD Source-Drain Diode Forwade Voltage jc Themal Resistance Qg Total Gate Charge Ciss Input Capacitance Reverse Transfer Capacitance Crss Output Capacitance Coss Turn-On Time ton toff Turn-Off Time Conditions
2SK2196( F20W50VX2 )
Min. 500 Typ. Max. 250 0.1 6 2.5 15 0.27 3.0 Unit V A
ID = 1mA, VGS = 0V VDS = 500V, VGS = 0V VGS = 30V, VDS = 0V ID = 10A, VDS = 10V ID = 10A, VGS = 10V ID = 1mA, VDS = 10V IS = 10A, VGS = 0V junction to case VDD = 400V, VGS = 10V, ID = 20A VDS = 10V, VGS = 0V, f = 1MHZ ID = 10A, VGS = 10V, RL = 15
85 2400 170 500 135 340
S 0.35 3.5 V 1.5 1.0 / nC pF 225 565 ns
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
2SK2196
40 Tc = -55C 35 30
Transfer Characteristics
25C
100C
Drain Current ID [A]
25 20 15 10 5 0
150C
VDS = 25V pulse test TYP 0 5 10 15 20
Gate-Source Voltage VGS [V]
2SK2196
Static Drain-Source On-state Resistance
Static Drain-Source On-state Resistance RDS(ON) []
1
ID = 10A
0.1 VGS = 10V pulse test TYP -50 0 50 100 150
Case Temperature Tc [C]
2SK2196
5
Gate Threshold Voltage
Gate Threshold Voltage VTH [V]
4
3
2
1 VDS = 10V ID = 1mA TYP -50 0 50 100 150
0
Case Temperature Tc [C]
2SK2196
100
Safe Operating Area
10 100s 200s R DS(ON) limit 1 1ms
Drain Current ID [A]
10ms DC 0.1
Tc = 25C Single Pulse 0.01 1 10 100 1000
Drain-Source Voltage VDS [V]
2SK2196
Transient Thermal Impedance
100
10
1
Transient Thermal Impedance jc(t) [C/W]
0.1
0.01 10-5 10-3
10-4
10-2
10-1
100
101
102
Time t [s]
2SK2196
10000
Capacitance
Ciss
Capacitance Ciss Coss Crss [pF]
1000
Coss
100
Crss
Tc=25C TYP 10 0 20 40 60 80 100
Drain-Source Voltage VDS [V]
2SK2196
100
Power Derating
80
Power Derating [%]
60
40
20
0
0
50
100
150
Case Temperature Tc [C]
2SK2196
500
Gate Charge Characteristics
20
Drain-Source Voltage VDS [V]
15 VDD = 400V
300
200V 100V 10
200
VGS
5 100
ID = 20A 0 0 20 40 60 80 100 120 0
Gate Charge Qg [nC]
Gate-Source Voltage VGS [V]
400
VDS


▲Up To Search▲   

 
Price & Availability of 2SK2196

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X