Part Number Hot Search : 
82559 C1208 0100S TX14D 2SK207 FG035 PC2430W BYP60K4
Product Description
Full Text Search
 

To Download 1SS166 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SS166
FEATURES :
* Low forward voltage * High breakdown voltage * Low diode capacitance. * Pb / RoHS Free
SCHOTTKY BARRIER DIODES
DO - 34 Glass
0.063 (1.6 )max.
1.00 (25.4) min.
MECHANICAL DATA :
Case: DO-34 Glass Case Weight: approx. 0.11g
Cathode Mark
0.119 (3.04) max.
0.022 (0.55)max.
1.00 (25.4) min.
Dimensions in inches and ( millimeters )
Maximum Ratings and Thermal Characteristics (Rating at
Parameter
Reverse Voltage Average Rectified Current Power Dissipation Junction Temperature Storage temperature range
25 C ambient temperature unless otherwise specified.)
Symbol
VR Io PD TJ Tstg
Value
10 15 150 100 -55 to + 100
Unit
V mA mW C C
Note: (1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature.
Electrical Characteristics (TJ = 25C unless otherwise noted)
Parameter
Reverse Current Forward Voltage Diode Capacitance Forward Voltage Deviation
Symbol
IR VF Cd VF
Test Condition
VR = 10 V VR = 2 V IF = 1 mA IF = 10 mA VR = 0V, f = 1MHz IF = 10 mA
Min 365 520 -
Typ -
Max 10 0.2 430 600 1.2 5
Unit A A mV mV pF mV
Page 1 of 2
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( 1SS166 )
Forward Current VS. Forward Voltage Reverse Current VS. Reverse Voltage
100
100
Forward Current , IF (mA)
10
1.0
Reverse Current , IR (A)
0.2 0.4 0.6 0.8 1.0 1.2
10
1.0
0.1
0.1
0.01
0.01 0.001 0 0.001 0 5 10 15 20 25 30
Forward Voltage , VF (V)
Reverse Voltage , VR (V) Diode capacitance VS. Reverse Voltage
1.2
Diode Capacitance , Cd (pF)
1.0 0.8 0.6 0.4 0.2 0.1
0.4 0.8
1.2 1.6
2.0
2.4
2.8
3.2
3.6
4.0 4.4
Reverse Voltage , VR (V)
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of 1SS166

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X