Part Number Hot Search : 
1N522 APTGT1 25616 OPB618 331M1 070906FS M6004 TC74A
Product Description
Full Text Search
 

To Download 1SMC50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SMC 5.0 ~ 188A
Stand-off Voltage : 5.0 to 188V Peak Pulse Power : 1500 W
FEATURES :
* 1500W surge capability at 1ms * Excellent clamping capability * Low zener impedance * Fast response time : typically less then 1.0 ps from 0 volt to V BR(min.) * Typical I R less then 1A above 10V * Pb / RoHS Free
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMC (DO-214AB)
1.1 0.3 7.5 0.15 8.0 0.15 3.0 0.2 5.8 0.15 2.3 0.2 0.2 0.07
MECHANICAL DATA
* Case : SMC Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Lead Formed for Surface Mount * Polarity : Color band denotes cathode end except Bipolar. * Mounting position : Any * Weight : 0.21 gram
Dimensions in millimeter
DEVICES FOR BIPOLAR APPLICATIONS
For Bi-directional use C or CA Suffix Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25C ambient temperature unless otherwise specified .
Rating
Peak Pulse Power Dissipation (1) (2) Peak Forward Surge Current per Fig. 5
(2) (1) (3)
Symbol
PPPM IFSM IPPM RJA TJ, TSTG
Value
Minimum 1500 200 See Next Table 75 - 55 to + 150
Unit
W A A
C/W C
Peak Pulse Current on 10/1000s waveform
Typical Thermal Resistance , Junction to Ambient
Operating Junction and Storage Temperature Range Notes :
(1) Non-repetitive Current pulse per Fig. 3 and derated above Ta= 25 C per Fig. 1 , (2) Mounted on 0.31x 0.31" (8.0 x 8.0mm) copper pads to each terminal. (3) Mounted on minimum recommended pad layout
Page 1 of 3
Rev. 02 : March 31, 2005
ELECTRICAL CHARACTERISTICS (Rating at 25C ambient temperature unless otherwise specified)
Breakdown Voltage @
T
(1)
Type No.
VBR (V) Min. Max. IT (mA)
Working Peak Reverse Voltage VWM (V)
Maximum Reverse Leakage @ VWM ID (A) 1000 1000 500 200 100 50 20 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Maximum Peak Pulse Surge Current IPPM (A) 163.0 145.6 133.9 125.0 116.3 110.3 104.2 97.4 88.2 82.4 75.4 69.8 64.7 61.5 57.7 54.3 51.4 46.3 42.3 38.6 35.6 33.0 31.0 28.1 25.8 23.3 21.6 20.6 19.4 18.2 17.2 16.0 15.5 14.6 13.3 12.4 11.9 10.9 10.3 9.3 8.5 7.8 7.2 6.2 5.8 5.50 4.60
Maximum Clamping Voltage @ IPPM VC (V) 9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96 103 113 121 126 137 146 162 177 193 209 243 259 275 328
1SMC5.0A 6.40 7.07 10 5.0 1SMC6.0A 6.67 7.37 10 6.0 1SMC6.5A 7.22 7.98 10 6.5 1SMC7.0A 7.78 8.6 10 7.0 1SMC7.5A 8.33 9.21 1.0 7.5 1SMC8.0A 8.89 9.83 1.0 8.0 1SMC8.5A 9.44 10.4 1.0 8.5 1SMC9.0A 10.0 11.1 1.0 9.0 1SMC10A 11.1 12.3 1.0 10 1SMC11A 12.2 13.5 1.0 11 1SMC12A 13.3 14.7 1.0 12 1SMC13A 14.4 15.9 1.0 13 1SMC14A 15.6 17.2 1.0 14 1SMC15A 16.7 18.5 1.0 15 1SMC16A 17.8 19.7 1.0 16 1SMC17A 18.9 20.9 1.0 17 1SMC18A 20.0 22.1 1.0 18 1SMC20A 22.2 24.5 1.0 20 1SMC22A 24.4 26.9 1.0 22 1SMC24A 26.7 29.5 1.0 24 1SMC26A 28.9 31.9 1.0 26 1SMC28A 31.1 34.4 1.0 28 1SMC30A 33.3 36.8 1.0 30 1SMC33A 36.7 40.6 1.0 33 1SMC36A 40.0 44.2 1.0 36 1SMC40A 44.4 49.1 1.0 40 1SMC43A 47.8 52.8 1.0 43 1SMC45A 50.0 55.3 1.0 45 1SMC48A 53.3 58.9 1.0 48 1SMC51A 56.7 62.7 1.0 51 1SMC54A 60.0 66.3 1.0 54 1SMC58A 64.4 71.2 1.0 58 1SMC60A 66.7 73.7 1.0 60 1SMC64A 71.1 78.6 1.0 64 1SMC70A 77.8 86 1.0 70 1SMC75A 83.3 92.1 1.0 75 1SMC78A 86.7 95.8 1.0 78 1SMC85A 94.4 104 1.0 85 1SMC90A 100 111 1.0 90 1SMC100A 111 123 1.0 100 1SMC110A 122 135 1.0 110 1SMC120A 133 147 1.0 120 1SMC130A 144 159 1.0 130 1SMC150A 167 185 1.0 150 1SMC160A 178 197 1.0 160 1SMC170A 189 209 1.0 170 1SMC188A 209 231 1.0 188 Notes : (1) Pulse test : tp 50ms. (2) Surge Current Waveform per Figure 5 and Derate per Figure (3) For bi-directional types have V of 10 Volts and less , the D limit is doubled WM (4) For the bi-directional 1SMC5.0CA, the maximum VR is 7.25V B (5) "1SMC" will be omitted in marking on the diode
Page 2 of 3
Rev. 02 : March 31, 2005
RATING AND CHARACTERISTIC CURVES ( 1SMC5.0 - 1SMC188A )
FIG.1 - PULSE DERATING CURVE
6,000
FIG.2 - TYPICAL JUNCTION CAPACITANCE
PEAK PULSE POWER OR CURRENT DERATING IN PERCENTAGE
120 Measured at Stand-off Voltage Voltage VWM
100 80
CJ, CAPACITANCE, pF
1,000
60 40
100
TJ = 25C f = 1.0 MHz Vsig = 50 mVP-P
20 0 10 1 2 10 20 100 400
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE, ( C)
VWM, REVERSE STAND-OFF VOLTAGE, (V) FIG.4 - PEAK PULSE POWER RATING CURVE
100
FIG.3 - PULSE WAVEFORM IPPM, PEAK PULSE CURRENT, %
tr = 10s 100 Peak Value IPPM Ta=25 C Pulse Width (td) is defined as that point where the peak current decays to 50% of IPPM
PPPM,PEAK POWER (kW)
4.0
10
50
Half Value - IPPM 2 10/1000 s. Waveform as defined by R.E.A.
1.0
0 0
td 1.0 2.0 3.0
t, TIME(ms)
0.1 0.1s
1.0s
10s
100s
1.0ms
10ms
td, PULSE WIDTH, SEC FIG.5 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
400
PEAK FORWARD CURRENT, AMPERES
TJ = TJ max 8.3 ms Single half sine-wave JEDEC Method 100
10 1 5 10 50 100
NUMBER OF CYCLES AT 60 Hz
Page 3 of 3
Rev. 02 : March 31, 2005


▲Up To Search▲   

 
Price & Availability of 1SMC50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X