Part Number Hot Search : 
81600 SNC15041 1R051 2412W M5240 3004X BIC221C 4049UB
Product Description
Full Text Search
 

To Download 1N4728CG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4728CG ~ 1N4764CG
VZ : 3.3 to 100V PD : 1.0 Watt
FEATURES :
* Silicon planar power zener diodes. * For use in stabilizing and clipping circuits with high power rating. * Standard zener voltage tolerance is 2% * Other tolerances are available upon request. * Pb / RoHS Free
ZENER DIODES
DO-41 Glass (DO-204AL)
0.102(2.6 )max.
1.00 (25.4) min.
Cathode Mark
0.161 (4.1) max.
0.034 (0.86)max.
1.00 (25.4) min.
MECHANICAL DATA :
Case: DO-41 Glass Case Weight: approx. 0.35g Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified.
Maximum Ratings and Thermal Characteristics
Parameter
Zener Current see Table "Characteristics" Maximum Forward Voltage at IF = 200 mA. Power Dissipation Thermal Resistance Junction to Ambient Air Junction temperature Storage temperature range VF PD RJA TJ TS 1.2 1.0
(1)
Symbol
Value
Unit
V W K/W C C
100(1) 175 -55 to + 175
Note: (1) Valid provided that leads at a distance of 3/8" from case are kept at ambient temperature.
Page 1 of 2
Rev. 03 : March 25, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Nominal Zener Type No. Voltage VZ @ IZT IZT (V) (mA)
(3)
Maximum Zener Impedance ZZT @ IZT () ZZK @ IZK ()
(1)
Maximum Reverse Leakage Current IR @ VR (A) (V)
Maximum Regulator Current IZM(2) (mA)
Maximum Surge Current IRM (mA)
IZK (mA)
1N4728CG 3.3 76.0 10 400 1.0 100 1.0 276 1380 1N4729CG 3.6 69.0 10 400 1.0 100 1.0 252 1260 1N4730CG 3.9 64.0 9.0 400 1.0 50 1.0 234 1190 1N4731CG 4.3 58.0 9.0 400 1.0 10 1.0 217 1070 1N4732CG 4.7 53.0 8.0 500 1.0 10 1.0 193 970 1N4733CG 5.1 49.0 7.0 550 1.0 10 1.0 178 890 1N4734CG 5.6 45.0 5.0 600 1.0 10 2.0 162 810 1N4735CG 6.2 41.0 2.0 700 1.0 10 3.0 146 730 1N4736CG 6.8 37.0 3.5 700 1.0 10 4.0 133 660 1N4737CG 7.5 34.0 4.0 700 0.5 10 5.0 121 605 1N4738CG 8.2 31.0 4.5 700 0.5 10 6.0 110 550 1N4739CG 9.1 28.0 5.0 700 0.5 10 7.0 100 500 1N4740CG 10 25.0 7.0 700 0.25 10 7.6 91 454 1N4741CG 11 23.0 8.0 700 0.25 5.0 8.4 83 414 1N4742CG 12 21.0 9.0 700 0.25 5.0 9.1 76 380 1N4743CG 13 19.0 10 700 0.25 5.0 9.9 69 344 1N4744CG 15 17.0 14 700 0.25 5.0 11.4 61 305 1N4745CG 16 15.5 16 700 0.25 5.0 12.2 57 285 1N4746CG 18 14.0 20 750 0.25 5.0 13.7 50 250 1N4747CG 20 12.5 22 750 0.25 5.0 15.2 45 225 1N4748CG 22 11.5 23 750 0.25 5.0 16.7 41 205 1N4749CG 24 10.5 25 750 0.25 5.0 18.2 38 190 1N4750CG 27 9.5 35 750 0.25 5.0 20.6 34 170 1N4751CG 30 8.5 40 1000 0.25 5.0 22.8 30 150 1N4752CG 33 7.5 45 1000 0.25 5.0 25.1 27 135 1N4753CG 36 7.0 50 1000 0.25 5.0 27.4 25 125 1N4754CG 39 6.5 60 1000 0.25 5.0 29.7 23 115 1N4755CG 43 6.0 70 1500 0.25 5.0 32.7 22 110 1N4756CG 47 5.5 80 1500 0.25 5.0 35.8 19 95 1N4757CG 51 5.0 95 1500 0.25 5.0 38.8 18 90 1N4758CG 56 4.5 110 2000 0.25 5.0 42.6 16 80 1N4759CG 62 4.0 125 2000 0.25 5.0 47.1 14 70 1N4760CG 68 3.7 150 2000 0.25 5.0 51.7 13 65 1N4761CG 75 3.3 175 2000 0.25 5.0 56.0 12 60 1N4762CG 82 3.0 200 3000 0.25 5.0 62.2 11 55 1N4763CG 91 2.8 250 3000 0.25 5.0 69.2 10 50 1N4764CG 100 2.5 350 3000 0.25 5.0 76.0 9.0 45 Notes: (1) The Zener impedance is derived from the 1kHZ AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units (2) Valid provided that electrodes at a distance of 10mm from case are kept at ambient temperature (3) Measured under thermal equilibrium and DC test conditions. (4) Suffix "C" for 2% tolerance. Add suffix "A" for 5% tolerance. Other Zener voltages and tolerances are available upon request.
Page 2 of 2
Rev. 03 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of 1N4728CG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X