Part Number Hot Search : 
MTEZ320A BU705F TC1920 1006C BAW567DW SD103CW CT0201F SP507CB
Product Description
Full Text Search
 

To Download 15MQ040NPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20775 06/04
15MQ040NPBF
SCHOTTKY RECTIFIER 3 Amp
IF(AV) = 3Amp VR = 40V
Major Ratings and Characteristics Characteristics
IF VRRM IFSM @ tp = 5 s sine VF TJ @ 2Apk, TJ=125C range DC
Description/ Features Units
A V A V C The 15MQ040NPBF Schottky rectifier is designed to be used for low-power applications where a reverse voltage of 40 volts is ancountered and surface mountable is required.
Value
3 40 330 0.43 - 40 to 150
Applications
Switching power supplies Meter protection Reverse protection for power input to PC board circuits Battery isolation and charging Low threshold voltage diode Free-wheeling or by-pass diode Low voltage clamp
Features
Surface mountable Extremely low forward voltage Improved reverse blocking voltage capability relative to other similar size Schottky Compact size Lead-Free ("PbF" suffix)
Case Styles 15MQ040NPBF
SMA www.irf.com 1
15MQ040NPBF
Bulletin PD-20775 06/04
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
15MQ040NPBF
40
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 4 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current * See Fig. 6 Non-Repetitive Avalanche Energy Repetitive Avalanche Current
15MQ Units
2.1 330 140 6.0 1.0 A
Conditions
50% duty cycle @ TL = 105 C, rectangular wave form. On PC board 9mm2 island(.013mm thick copper pad area) 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse TJ = 25 C, IAS = 1A, L = 12mH Following any rated load condition and with rated VRRM applied
A mJ A
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop * See Fig. 1 (1)
15MQ
0.42 0.49 0.34 0.43
Units
V V V V mA mA V m pF nH V/s @ 1A @ 2A @ 1A @ 2A TJ = 25 C TJ = 125 C TJ = TJ max.
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM
Max. Reverse Leakage Current (1) * See Fig. 2
0.5 20 0.26 64.6 134 2.0 10000
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Typical Junction Capacitance Typical Series Inductance
VR = 10VDC, TJ = 25C, test signal = 1Mhz Measured lead to lead 5mm from package body (Rated VR)
dv/dt Max. Voltage Rate of Change
(1) Pulse Width < 300s, Duty Cycle < 2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Storage Temperature Range
15MQ
-40 to 150 80
Units
C C C/W DC operation
Conditions
Max. Junction Temperature Range (*) -40 to 150
RthJA Max. Thermal Resistance Junction to Ambient wt Approximate Weight Case Style Device Marking
(*) dPtot dTj < 1 Rth( j-a)
0.07(0.002) g (oz.) SMA IR3F Similar D-64
thermal runaway condition for a diode on its own heatsink
2
www.irf.com
15MQ040NPBF
Bulletin PD-20775 06/04
100
10
TJ = 150C Reverse Current - I R (mA) 10 125C 100C 75C 0.1 50C
1
0.01
Instantaneous F orward Current - I F (A)
25C
0.001
TJ= 150C TJ= 125C 1 TJ= 25C
0
5
10
15
20
25
30
35
40
Reverse Voltage - V R (V)
Fig. 2 - Typical Peak Reverse Current Vs. Reverse Voltage
1000 Junction Capacitance - C T (pF)
TJ = 25C
100
0.1 0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Forward Voltage Drop - V FM (V)
10
0
5
10 15 20
25 30
35 40 45
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Reverse Voltage - VR (V)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
www.irf.com
3
15MQ040NPBF
Bulletin PD-20775 06/04
150 Allowable Case T emperature - (C) 140
1.6 Average Power Loss - (Watts )
DC
130 120 110 100 90 80 70 60 50 40 30 0
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75
1.4 1.2 1 0.8 0.6 0.4 0.2 0 0
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMSLimit
DC
S quare wave (D = 0.50) 80% Rated V R applied
see note (2)
0.5
1
1.5
2
2.5
3
0.5
1
1.5
2
2.5
3
Average Forward Current - I F(AV) (A)
Average Forward Current - I F(AV) (A)
Fig. 4 - Maximum Average Forward Current Vs. Allowable Lead Temperature
Fig. 5 - Maximum Average Forward Dissipation Vs. Average Forward Current
1000 Non-Repetitive S urge Current - I FSM (A) At Any R ated Load Condition And With Rated V RRM Applied Following S urge
100 10
100
1000
10000
S quare Wave Pulse Duration - t p (microsec)
Fig. 6 - Maximum Peak Surge Forward Current Vs. Pulse Duration
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
15MQ040NPBF
Bulletin PD-20775 06/04
Outline Table
Device Marking: IR3F
CATHODE AN OD E
1.40 (.055) 1.60 (.062)
2.50 (.098) 2.90 (.114)
1
2
4.00 (.157) 4.60 (.181) .152 (.006) .305 (.012) 2.00 (.078) 2.44 (.096) 0.76 (.030) 1.52 (.060) .103 (.004) .203 (.008) 4.80 (.188) 5.28 (.208)
1 P O LA R I TY
2 PA R T N U M B ER
1.47 MIN. (.058 MIN.)
2.10 MAX. (.085 MAX. )
1.27 MIN. (.050 MIN.)
5.53 (.218) SOLDERING PAD
Outline SMA Dimensions in millimeters and (inches) For recommended footprint and soldering techniques refer to application note #AN-994
Marking & Identification
Each device has 2 rows for identification. The first row designates the device as manufactured by International Rectifier, indicated by the letters "IR", and the Part Number (indicates the current, the voltage rating and Schottky Generation). The second row indicates the year, the week of manufacturing and the Site ID.
IR3F
VOLTAGE CURRENT
IR LOGO
PYWWX
SITE ID WEEK 2nd digit of the YEAR "Y" = 1st digit of the YEAR "standard product" "P" = "Lead-Free"
www.irf.com
5
15MQ040NPBF
Bulletin PD-20775 06/04
Tape & Reel Information
Dimensions in millimetres and (inches)
Ordering Information Table
Device Code
15
1
M
2
Q
3
040
4
N
5
TR PbF
6 7
1 2 3 4 5 6 7
-
Current Rating M = SMA Q = Schottky Q Series Voltage Rating (040 = 40V) N = New SMA none = Box (1000 pieces) TR = Tape & Reel (7500 pieces) none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 06/04
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of 15MQ040NPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X