Part Number Hot Search : 
M1500 ST415KA 9F200 APTGT2 166BG SMBJ33 LM98620 UR460
Product Description
Full Text Search
 

To Download 10240-1210VE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3MTM Mini D Ribbon (MDR) Connectors
.050 Surface Mount Right Angle Receptacle - Shielded 102 Series
* Wiper-on-wiper contact for reliable repetitive plugging * Ultra-low signal skew for high data rate transmission * Interface latch design for connection stability * MDR digital LCD interface as a 20 or 26 contact connector * Contacts: 14, 20, 26, 40 and 50 * RoHS* compliant version (-PE plating suffix) available
Date Modified: April 5, 2005
TS-0755-10 Sheet 1 of 3
Physical
Insulation
Material: Glass Reinforced Polyester (PCT) Flammability: UL 94V-0 Color: Beige
Contact
Material: Copper Alloy (C521)
Plating
Underplating: 80 (2.0 m) Nickel - QQ-N-290, Class 2 Wiping Area: 30 (0.76 m) Min Gold - MIL-G-45204, Type II, Grade C Solder Tails: See ordering information
Shroud & Latch Hook
Material: Steel Plating: Nickel
Screw Lock
Material: Copper Alloy (C521) Plating: Tin Marking: 3M Logo & Part Number
Electrical
Current Rating: 1 A Insulation Resistance: > 5 x 108 at 500 VDC Withstanding Voltage: 500 Vrms for 1 Minute
Environmental
Temperature Rating:
-55C to +105C
Process: Surface mount compatible - max. temp. 240-250C for 10 seconds.
UL File No.: E68080
3M
*RoHS = Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical and Electronic Equipment
Interconnect Solutions http://www.3M.com/interconnects/
3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373
3MTM Mini D Ribbon (MDR) Connectors
.050 Surface Mount Right Angle Receptacle - Shielded
Contact Quantity 14 20 26 40 50 3M Part Number 10214-1210 VE 10220-1210 VE 10226-1210 VE 10240-1210 VE 10250-1210 VE Dimensions A.008 1.16 [ 29.5 ] 1.32 [ 33.4 ] 1.50 [ 38.2 ] 1.85 [ 47.1 ] 2.06 [ 52.4 ] B.006 .93 [ 23.64 ] 1.081 [ 27.45 ] 1.231 [ 31.26 ] 1.581 [ 40.15 ] 1.831 [ 46.50 ] C.006 .47 [ 12.70 ] .650 [ 16.51 ] .800 [ 20.32 ] 1.150 [ 29.21 ] 1.400 [ 35.56 ] D.006 .33 [ 8.26 ] .475 [ 12.07 ] .625 [ 15.88 ] .975 [ 24.77 ] 1.225 [ 31.12 ] E.006 .50 [ 12.6 ] .646 [ 16.4 ] .795 [ 20.2 ] 1.150 [ 29.2 ] 1.40 [ 35.5 ]
102 Series
A position above last position last position 2X M2.5 Thread D .025 [ 0.635 ] position 2 .010 nom. [ 0.25 ] position 1 position below pos. 1 .368 [ 9.35 ] .047 [ 1.20 ]
.394 [ 10.00 ] .187 [ 4.75 ] .203 [ 5.15 ] .19 [ 4.8 ]
.138 [ 3.5 ]
E
B 2X M2.5 Thread (see note in ordering info) Position 1
.248 [ 6.30 ] .189 [ 4.80 ]
In c h
Position last position C Positioning Boss (2x)
[m m ] T o le ra n c e U n le s s N o ted .0 in c h .1 .0 0 .0 00 .0 1 .0 05
[ ] D im e n sio n s for R e fe re n ce O n ly
Ordering Information
Contact Quantity (See Table)
102XX-1210XE
Solder tail plating: V = tin-lead over Ni P = flash gold over Ni (RoHS compliant)
Note: Use (M2.5x8 mm) screws to mount to panel with max. thickness of 2.0 mm.
TS-0755-10 Sheet 2 of 3
3M
Interconnect Solutions http://www.3M.com/interconnects/
3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373
3MTM Mini D Ribbon (MDR) Connectors
.050 Surface Mount Right Angle Receptacle - Shielded
Contact Quantity 14 20 26 40 50 Dimensions A .002 .930 [ 23.64 ] 1.081 [ 27.45 ] 1.230 [ 31.26 ] B .002 .500 [ 12.70 ] .650 [ 16.51 ] .800 [ 20.32 ] C .002 .325 [ 8.26 ] .475 [ 12.07 ] .625 [ 15.88 ] .975 [ 24.77 ] 1.225 [ 31.12 ] .122 [ 3.1 ] .138 [ 3.5 ] .256 [ 6.5 ] PCB Ref. Edge B A .088 [ 2.223 ] .187 max. [ 4.75 ] center spacing .025 .0008 .118 [ 3.0 ] center spacing C .165 [ 4.2 ] .016 .0004 .093 .0004 .110 .004 (2X) Screw Lock (see notes below) Lockstand Solder Pad Outline .079 + .004 (2X) - .000 Positioning Hole Solder Pads for Solder Tail (See below for more detail)
102 Series
Recommended Board Layout
(viewed from connector side)
1.581 [ 40.15 ] 1.150 [ 29.21 ] 1.831 [ 46.50 ] 1.400 [ 35.56 ]
Solder Tail Layout Detail
(#'s Correspond to Connector Contact # Shown on Previous Page) 14 Pos.
Last Pos. 14 7 6 5 4 3 2 1 Connector Position (Top Row) Position (Bottom Row) 4 3 2 1 Connector Position (Top Row) Position (Bottom Row)
13
12
11
10
9
8
PCB Ref. Edge 10 9 8 7 6 5
20 Pos.
Last Pos.
20
19
18
17
16
15
14
13
12
11
PCB Ref. Edge
26 Pos.
Last Pos.
13 26 25
12 11 10 24
9
8
7
6
5
4
3
2
1
Connector Position (Top Row) Position (Bottom Row)
23 22 21
20 19 18 17 16 15 14
PCB Ref. Edge
40 Pos.
Last Pos.
20 19 18 17 16 15 14 13 12 40 39 38
11 10 9
8
7
6
5
4
3
2
1
Connector Position Position (Bottom Row)
37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 PCB Ref. Edge
50 Pos.
Last Pos. Contact Quantity 14 20 26 40 50 **Notes:
25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
Connector Position Position (Bottom Row)
50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 PCB Ref. Edge D 1.10 [ 19.9 ] .94 [ 23.8 ] 1.09 [ 27.6 ] 1.44 [ 36.5 ] 1.69 [ 42.8 ] E .931 [ 23.64 ] 1.081 [ 27.45 ] 1.231 [ 31.26 ] 1.581 [ 40.15 ] 1.830 [ 46.50 ] R .060 [ 1.50 ] D .004 E .004
Recommended Panel Cut-out
Note: Panel thickness .079 [ 2.00 ] Max.
.319 .004 [ 8.1 ]
1. Plated through holes for .062 board thickness. 2. Use mounting screws ( M2.5 ) to fasten to board.
TS-0755-10 Sheet 3 of 3
3M
Interconnect Solutions http://www.3M.com/interconnects/
3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373
Important Notice
All statements, technical information, and recommendations related to 3M's products are based on information believed to be reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must evaluate it and determine if it is suitable for your intended application. You assume all risks and liability associated with such use. Any statements related to the product which are not contained in 3M's current publications, or any contrary statements contained on your purchase order shall have no force or effect unless expressly agreed upon, in writing, by an authorized officer of 3M.
Warranty; Limited Remedy; Limited Liability. This product will be free from defects in material and manufacture for a period of 90 days from the time of purchase. 3M MAKES NO OTHER WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above, your exclusive remedy shall be, at 3M's option, to replace or repair the 3M product or refund the purchase price of the 3M product. Except where prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3M product, regardless of the legal theory asserted.
3
Electronic Solutions Division 6801 River Place Blvd. Austin, TX 78726-9000 www.3M.com/esd
Minimum 10% Post-consumer Fiber Printed in USA. (c) 3M 2005


▲Up To Search▲   

 
Price & Availability of 10240-1210VE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X