Part Number Hot Search : 
2SC5138 CY7C197 2SA934 30313 FT2232D 1040D 10T100A 72049
Product Description
Full Text Search
 

To Download 10236-6202VC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3MTM Mini D Ribbon (MDR) Connectors
.050 Boardmount Thru-Hole Vertical Receptacle - Shielded 102 Series
* Wiper-on-wiper contact for reliable repetitive plugging * Rugged die cast metal case construction * Screw lockdown for reliable PCB retention * Interface latch design for connection stability * IEEE 1284C Interface as a 36 contact connector * Contacts: 14, 20, 26, 36, 40, 50, 68, 80 and 100 * RoHS* compliant version (-PC plating suffix) available
Date Modified: April 5, 2005
TS-0427-15 Sheet 1 of 3
Physical
Insulation
Material: Glass Reinforced Polyester (PBT) Flammability: UL 94V-0 Color: Black
Contact
Material: Copper Alloy (C521)
Plating
Underplating: 80 (2.0 m) Nickel - QQ-N-290, Class 2 Wiping Area: 30 (0.76 m) Min Gold - MIL-G-45204, Type II, Grade C Solder Tails: See ordering information
Body
Material: Zinc Alloy Plating: Nickel
Shroud & Latch Hook
Material: Steel Plating: Nickel Marking: 3M Logo & Part Number
Electrical
Current Rating: 1 A Insulation Resistance: > 5 x 108 at 500 VDC Withstanding Voltage: 500 Vrms for 1 Minute
Environmental
Temperature Rating:
-20C to +85C
*RoHS = Directive 2002/95/EC, Reduction of the Use of Certain Hazardous Substances in Electrical and Electronic Equipment
UL File No.: E68080
3M
Interconnect Solutions http://www.3M.com/interconnects/
3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373
3M Mini D Ribbon (MDR) Connectors
.050 Boardmount Thru-Hole Vertical Receptacle - Shielded
Contact Quantity 14 20 26 36 40 50 68 80 100 A B Dim ensions C D E
102 Series
300 [ 7.62 ] 450 [ 11.43 ] .600 [ 15.24 ] .850 [ 21.59 ] .950 [ 24.13 ] 1.200 [ 30.48 ] 1.650 [ 41.91 ] 1.950 [ 49.53 ] 2.450 [ 62.23 ]
93 [ 23.6 ] 1.08 [ 27.5 ] 1.23 [ 31.3 ] 1.48 [ 37.6 ] 1.58 [ 40.2 ] 1.83 [ 46.5 ] 2.28 [ 57.9 ] 2.58 [ 65.6 ] 3.08 [ 78.3 ]
1.16 [ 29.5 ] 1.31 [ 33.4 ] 1.46 [ 37.2 ] 1.71 [ 43.5 ] 1.81 [ 46.1 ] 2.06 [ 52.4 ] 2.51 [ 63.8 ] 2.81 [ 71.5 ] 3.31 [ 84.2 ]
50 [ 12.6 ] .65 [ 16.4 ] .80 [ 20.2 ] 1.05 [ 26.6 ] 1.15 [ 29.1 ] 1.40 [ 35.5 ] 1.85 [ 46.9 ] 2.15 [ 54.5 ] 2.65 [ 67.2 ]
.77 [ 19.5 ] .92 [ 23.4 ] 1.07 [ 27.2 ] 1.32 [ 33.5 ] 1.42 [ 36.1 ] 1.67 [ 42.4 ] 2.12 [ 53.8 ] 2.42 [ 61.5 ] 2.92 [ 74.2 ]
.075 [ 1.905 ] .075 [ 1.905 ] .075 [ 1.905 ]
C B A .050 [ 1.27 ]
.0157 SQ [ 0.399 ]
.134 [ 3.4 ] .23 [ 5.8 ] .21 [ 5.2 ] D .05 [ 1.3 ] E Position 2 (2X) Lockstand Thread see ordering information below Position 1 .05 [ 1.3 ] .28 [ 7.2 ] .19 [ 4.8 ]
In c h
.36 [ 9.1 ] .25 [ 6.3 ] Position 15
[m m ] T o le ra n c e U n le s s N o ted .0 in c h .1 .0 0 .0 00 .0 1 .0 05
.18 [ 4.6 ] Last Position
.050 [ 1.27 ]
[ ] D im e n sio n s for R e fe re n ce O n ly
Ordering Information 102XX-62X2XC
Contact Quantity (See Table) A0 = 100 pos. Solder tail plating: V = tin-lead over Ni P = flash Gold over Ni (RoHS compliant) Lockstand Thread 0: M 2.6 (Special) 1: M 2.5 (Standard)
TS-0427-15 Sheet 2 of 3
3M
Interconnect Solutions http://www.3M.com/interconnects/
3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373
3M Mini D Ribbon (MDR) Connectors
.050 Boardmount Thru-Hole Vertical Receptacle - Shielded
Contact Quantity 20 36 40 68 80 100 Dimensions A .450 [ 11.43 ] .850 [ 21.59 ] .950 [ 24.13 ] 1.650 [ 41.91 ] 1.950 [ 49.53 ] 2.450 [ 62.23 ] B 1.081 [ 27.45 ] 1.481 [ 37.61 ] 1.581 [ 40.15 ] 2.281 [ 57.93 ] 2.581 [ 65.55 ] 3.081 [ 78.25 ]
.112 [ 2.86 ] .2 [ 5.0 ] B .004 .028 .003 [ 0.70 ] (See Note)
A
102 Series
Recommended Board Layout Viewed from Connector Side 20, 36, 40, 68, 80 and 100 pos only
Position 3 Position 1 Position 2
Contact Quantity 14 26 50
Dimensions A .300 [ 7.62 ] .600 [ 15.24 ] 1.200 [ 30.48 ] B 0.931[ 23.64 ] 1.231 [ 31.26 ] 18.31 [ 46.50 ]
2X .110 .003 [ 2.8 ] (See Note) Last Position .20 [ 5.0 ] .2 [ 5.0 ] .050 Typ [ 1.27 ] .075 Typ [ 1.90 ] Position .16 [ 4.0 ]
14, 26, 50 pos only
.112 [ 2.86 ]
B .004 .028 .003 [ 0.70 ] (See Note)
A
Position 3 Position 1 Position 2
Contact Quantity 14 20 26 36 40 50 68 80 100
Dimensions A .78 [ 20.0 ] .94 [ 23.8 ] 1.09 [ 27.6 ] 1.33 [ 33.9 ] 1.44 [ 36.5 ] 1.69 [ 42.8 ] 2.13 [ 54.2 ] 2.44 [ 61.9 ] 2.94 [ 74.6 ] B .93 [ 23.64 ] 1.08 [ 27.45 ] 1.23 [ 31.26 ] 1.48 [ 37.61 ] 1.58 [ 40.15 ] 1.83 [ 46.50 ] 2.28 [ 57.93 ] 2.58 [ 65.55 ] 3.08 [ 78.25 ]
.20 [ 5.00 ]
.20 [ 5.0 ] 2X .110 .003 [ 2.8 ] (See Note)
.075 Typ [ 1.90 ] .050 Typ [ 1.27 ] Last Position .20 [ 5.0 ] Position .16 [ 4.0 ]
Note: Plated through holes for .062 board thickness.
Recommended Panel Cut-Out
.319 .004 [ 8.10 ]
R .060 [ 1.52 ]
C .004 D .004 TS-0427-15 Sheet 3 of 3
Note: Panel thickness .079 [ 2.00 ] Max.
3M
Interconnect Solutions http://www.3M.com/interconnects/
3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373
Important Notice
All statements, technical information, and recommendations related to 3M's products are based on information believed to be reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must evaluate it and determine if it is suitable for your intended application. You assume all risks and liability associated with such use. Any statements related to the product which are not contained in 3M's current publications, or any contrary statements contained on your purchase order shall have no force or effect unless expressly agreed upon, in writing, by an authorized officer of 3M.
Warranty; Limited Remedy; Limited Liability. This product will be free from defects in material and manufacture for a period of 90 days from the time of purchase. 3M MAKES NO OTHER WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above, your exclusive remedy shall be, at 3M's option, to replace or repair the 3M product or refund the purchase price of the 3M product. Except where prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3M product, regardless of the legal theory asserted.
3
Electronic Solutions Division 6801 River Place Blvd. Austin, TX 78726-9000 www.3M.com/esd
Minimum 10% Post-consumer Fiber Printed in USA. (c) 3M 2005


▲Up To Search▲   

 
Price & Availability of 10236-6202VC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X