Part Number Hot Search : 
FST6210L WT22L SI4442DY 4520B C2500 ASRD733T STUP036 LB8904M
Product Description
Full Text Search
 

To Download 100VXP1000M22X40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VXP
VXP
SERIES
105C 5000 hours, Snap-in Terminal Type FEATURES
* Load Life : 105C 5000 hours.
SPECIFICATIONS
Items Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current(MAX) I=3 CV -40~+105C 10~100V.DC 20%(20C,120Hz) (After 5 minutes application of rated voltage) V=Rated Voltage(V)
25 35 50 63 80
Characteristics -25~+105C 160~400V.DC
I=Leakage Current(A) Dissipation Factor(MAX)
Rated Voltage(V) tan 10 16
C=Rated Capacitance(F) (20C,120Hz)
100 160~ 315~ 250 400 0.55 0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.20 10~100 3 12 160~250 3 315~400 8
Rated Voltage(V)
(120Hz)
Impedance Ratio(MAX)
Z(-25C)/Z(20C) Z(-40C)/Z(20C)
After applying rated voltage with rated ripple current for 5000hrs at 105C, the capacitors shall meet the following requirements. Endurance
Capacitance Change Dissipation Factor Leakage Current Within 20%(For 10WV ; 25%)of the initial value. Not more than 200% of the specified value. Not more than the specified value.
MULTIPLIER FOR RIPPLE CURRENT
Frequency coefficient
Frequency(Hz)
60(50) 120
10~100WV
Coefficient
10k< = 0.90 1.00 1.05 1.10 1.15 500 1k
160~250WV 0.80 1.00 1.20 1.30 1.50 315~400WV 0.80 1.00 1.20 1.25 1.40
PART NUMBER
VXP
Rated Voltage Series Rated Capacitance Capacitance Tolerance
OOE
Option Terminal Code
DxL
Case Size
Option
without plate with plate Code OOE Blank
DIMENSIONS
SN [4(3.5)mm] terminal type
(mm)
SLEEVE VENT
2-2 NEGATIVE 10 100.1
L2
*40.5
*For 35, 3.50.5
D1
D1
MOUNTING HOLES
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
STANDARD SIZE, RATED RIPPLE CURRENT
Cap(F) WV oD
VXP
10 o22 22x25 22x30 22x35 22x40 22x45 o25 o30 v35 o22 22x25 1.44 22x30 1.66 22x30 1.79 22x35 2.08 22x40 2.36 22x45 2.69 3.05 3.49 3.96 4.60 5.06 o25 25x25 25x30 25x35 25x40 25x45 25x50
16 o30 o35
5600 6800 8200 10000 12000 15000 18000 22000 27000 33000 39000 47000 56000
WV oD
1.36 1.65 1.85 25x25 1.82 2.12 25x30 2.11 30x25 2.40 25x35 2.32 30x30 25x40 2.59 30x30 25x45 3.01 30x35 25x50 3.43 30x40 30x45 30x50
2.14 2.37 2.73 3.13 3.53 3.78 4.58
1.67 2.07 2.37 2.72 3.06 3.39
35x30 35x35 35x40 35x45 35x50
30x25 30x30 30x35 30x40 30x45 30x50
2.13 2.54 3.02 3.46 3.88 4.33
35x30 35x30 35x35 35x40 35x45 35x50
3.09 3.31 3.85 4.33 4.96 5.49
25 o22 22x25 22x30 22x35 22x40 22x45 22x50 1.31 1.55 1.77 2.02 2.27 2.56 o25 o30 o35 o22 22x25 1.29 22x30 1.54 22x35 1.77 22x40 2.01 22x45 2.25 22x50 2.49 o25 25x25 25x30 25x35 25x40 25x45
35 o30 o35
Cap(F)
2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 18000 22000 27000
WV oD
25x25 25x30 25x35 25x40 25x45
1.56 1.88 2.18 30x25 1.92 2.53 30x30 2.38 2.79 30x35 2.70 35x30 30x40 3.13 35x30 30x45 3.52 35x35 30x50 3.92 35x40 35x50 50
2.76 3.00 3.50 3.95 4.72
1.55 1.87 2.18 30x25 1.80 2.45 30x30 2.28 2.80 30x35 2.69 30x40 3.04 35x30 2.78 30x45 3.38 35x35 3.30 35x40 3.88 35x45 4.40
63 o30 o35 o22 22x25 1.10 22x25 1.17 22x30 1.41 22x35 1.62 22x40 1.85 22x45 2.10 o25 25x25 25x30 25x30 25x35 25x40 25x45 1.38 1.63 1.75 2.03 2.33 2.58 o30 o35
Cap(F)
v22 22x25 22x25 22x30 22x35 22x40 22x45 1.21 1.28 1.52 1.77 2.02 2.27
o25
1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000
WV oD
25x25 25x30 25x30 25x35 25x40 25x45
1.46 1.76 1.87 2.20 2.43 2.72
30x25 30x30 30x30 30x35 30x40 30x50
1.72 2.09 2.22 2.58 35x30 2.35 3.01 35x35 2.91 3.63 35x40 3.36 35x45 3.79 35x50 4.06
30x25 30x30 30x30 30x35 30x40 30x45
1.66 2.01 2.15 2.46 35x30 2.31 2.82 35x35 2.77 3.22 35x40 3.20 35x45 3.61 35x50 3.94
80 o22 22x25 22x30 22x35 22x40 22x45 o25 o30 o35 o22 22x25 1.01 22x30 1.19 22x35 1.33 22x40 1.56 22x45 1.76 22x50 2.00 o25 25x25 25x30 25x35 25x40 25x45
100 o30 o35
Cap(F)
560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600
1.09 1.29 1.48 25x25 1.32 1.70 25x30 1.74 30x25 1.91 25x35 1.86 30x25 25x45 2.22 30x30 30x35 30x40 30x45
1.58 1.68 2.02 2.50 35x30 2.18 2.69 35x35 2.60 2.94 35x40 3.00 35x45 3.44 35x50 3.72
1.26 1.52 1.76 2.03 2.29
30x25 30x30 30x30 30x35 30x40 30x45
1.47 1.76 1.89 2.19 35x30 2.05 2.52 35x35 2.48 2.86 35x40 2.87 35x45 3.25 35x50 3.56
Ripple Current (A r.m.s./120Hz*105C) Case Size oDxL(mm)
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
STANDARD SIZE, RATED RIPPLE CURRENT
Cap(F) WV oD
VXP
160 o22 22x25 0.63 22x30 0.76 22x35 0.90 22x35 0.97 22x40 1.11 22x45 1.26 22x50 1.44 o25 o30 o35 o22 22x25 0.63 22x30 0.76 22x35 0.90 22x40 1.03 22x45 1.17 22x50 1.32 o25 25x25 25x30 25x35 25x35 25x40 25x45 25x50
180 o30 o35
220 270 330 390 470 560 680 820 1000 1200 1500 1800
25x25 25x30 25x35 25x35 25x40 25x45
0.84 0.97 1.14 1.23 1.43 1.63
30x25 30x30 30x30 30x35 30x40 30x45 30x50
1.00 1.17 1.26 1.50 1.66 35x30 1.63 1.89 35x35 1.89 2.16 35x40 2.23 35x45 2.61 35x50 2.97
0.76 0.90 1.06 1.15 1.32 1.51 1.71
30x25 30x30 30x35 30x35 30x40 30x45 30x50
1.02 1.17 1.33 1.50 1.74 2.01 2.25
35x30 35x35 35x40 35x45 35x50
1.49 1.75 2.07 2.23 2.76
Cap(F)
WV oD
200 o22 22x25 22x30 22x35 22x40 22x40 22x45 0.57 0.70 0.83 0.96 1.03 1.17 o25 o30 o35 o22 22x25 0.52 22x30 0.64 22x35 0.76 22x40 0.88 22x45 1.01 22x50 1.13 o25 25x25 25x30 25x35 25x35 25x40 25x45 25x50
250 o30 o35
150 180 220 270 330 390 470 560 680 820 1000 1200 1500
25x25 25x30 25x35 25x40 25x45 25x50
0.76 0.90 1.06 1.22 1.39 1.58
30x25 30x30 30x35 30x40 30x45 30x50
1.02 1.17 1.38 1.61 35x30 1.49 1.85 35x35 1.75 2.11 35x40 2.07 35x45 2.38 35x50 2.76
0.62 0.76 0.90 0.99 1.13 1.29 1.45
30x25 30x30 30x35 30x35 30x40 30x45 30x50
0.85 1.00 1.15 1.28 1.48 1.71 1.94
35x30 35x35 35x40 35x40 35x45
1.24 1.49 1.74 1.89 2.20
Cap(F)
WV oD
315 o22 22x25 0.32 22x30 0.38 22x30 0.42 22x35 0.48 22x40 0.56 22x45 0.63 22x50 0.72 o25 o30 o35 o22 22x25 0.34 22x30 0.40 22x30 0.46 22x35 0.52 22x40 0.59 22x45 0.68 22x50 0.78 o25
350 o30 o35
68 82 100 120 150 180 220 270 330 390 470 560
25x25 25x30 25x30 25x35 25x40 25x45 25x50
0.41 0.49 0.53 0.62 0.71 0.81 0.92
30x25 30x30 30x35 30x40 30x40 30x45 30x50
0.51 0.63 0.74 0.85 0.91 1.04 1.15
35x30 35x35 35x40 35x45 35x50
0.75 0.90 1.05 1.18 1.34
25x25 25x30 25x35 25x40 25x45 25x50
0.47 0.53 0.60 0.70 0.82 0.94
30x25 30x25 30x30 30x35 30x40 30x45 30x50
0.53 0.60 0.71 0.82 0.93 35x30 0.90 1.05 35x35 1.01 1.18 35x40 1.13 35x45 1.26 35x50 1.39
Ripple Current (A r.m.s./120Hz*105C)
Cap(F) WV oD
400 o22 22x30 0.38 22x30 0.43 22x35 0.46 22x40 0.53 22x50 0.63 o25 25x25 25x30 25x35 25x40 25x45 25x50 0.41 0.48 0.55 0.65 0.72 0.79 o30 o35
Case Size oDxL(mm)
68 82 100 120 150 180 220 270 330 390 470
30x25 30x30 30x30 30x35 30x40 30x45 30x50
0.48 0.56 0.65 0.74 0.85 35x30 0.89 0.98 35x35 0.96 1.12 35x40 1.12 35x45 1.27 35x50 1.33


▲Up To Search▲   

 
Price & Availability of 100VXP1000M22X40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X