Part Number Hot Search : 
IRF954 W981616 47106 BAT86 LB123 TDA20 11616 SR1020
Product Description
Full Text Search
 

To Download 011AL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS843011
FEMTOCLOCKSTM CRYSTAL-TO3.3V LVPECL CLOCK GENERATOR
FEATURES
* 1 differential 3.3V LVPECL output * Crystal oscillator interface designed for 26.5625MHz 18pF parallel resonant crystal * Output frequency: 106.25MHz or 100MHz * VCO range: 560MHz - 680MHz * RMS phase jitter @ 100MHz, using a 25MHz crystal (637KHz - 10MHz): 0.80ps (typical) * RMS phase noise at 106.25MHz Phase noise: Offset Noise Power 100Hz ............... -92.8 dBc/Hz 1KHz .............. -119.6 dBc/Hz 10KHz .............. -129.5 dBc/Hz 100KHz .............. -130.5 dBc/Hz * 3.3V operating supply * Lead-Free package fully RoHS compliant * -40C to 85C ambient operating temperature
GENERAL DESCRIPTION
The ICS843011 is a Fibre Channel Clock Generator and a member of the HiPerClocksTM family of high HiPerClockSTM performance devices from ICS. The ICS843011 uses a 26.5625MHz crystal to synthesize 106.25MHz or a 25MHz crystal to synthesize 100MHz. The ICS843011 has excellent <1ps phase jitter performance, over the 637KHz - 10MHz integration range. The ICS843011 is packaged in a small 8-pin TSSOP, making it ideal for use in systems with limited board space.
ICS
FREQUENCY TABLE
Crystal (MHz) 26.5625 25 Output Frequency (MHz) 106.25 100
BLOCK DIAGRAM
XTAL_IN
PIN ASSIGNMENT
VCO
637.5MHz w/ 26.5625MHz Ref.
OSC
XTAL_OUT
Phase Detector
/6
nQ0 Q0
VCCA VEE XTAL_OUT XTAL_IN
1 2 3 4
8 7 6 5
VCC Q0 nQ0 nc
M = /24 (fixed)
ICS843011
8-Lead TSSOP 4.40mm x 3.0mm x 0.925mm package body G Package Top View
843011AG
www.icst.com/products/hiperclocks.html
1
REV. B DECEMBER 10, 2004
Integrated Circuit Systems, Inc.
ICS843011
FEMTOCLOCKSTM CRYSTAL-TO3.3V LVPECL CLOCK GENERATOR
Type Power Power Input Description Analog supply pin. Negative supply pin. Crystal oscillator interface. XTAL_IN is the input, XTAL_OUT is the output. No connect. Differential clock outputs. LVPECL interface levels. Core supply pin.
TABLE 1. PIN DESCRIPTIONS
Number 1 2 3, 4 5 6, 7 8 Name VCCA V EE XTAL_OUT, XTAL_IN nc nQ0, Q0 VCC
Unused Output Power
TABLE 2. PIN CHARACTERISTICS
Symbol CIN Parameter Input Capacitance Test Conditions Minimum Typical 4 Maximum Units pF
843011AG
www.icst.com/products/hiperclocks.html
2
REV. B DECEMBER 10, 2004
Integrated Circuit Systems, Inc.
ICS843011
FEMTOCLOCKSTM CRYSTAL-TO3.3V LVPECL CLOCK GENERATOR
4.6V -0.5V to VCC + 0.5V 50mA 100mA 101.7C/W (0 mps) -65C to 150C NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC Inputs, VI Outputs, IO Continuous Current Surge Current Package Thermal Impedance, JA Storage Temperature, TSTG
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, VCC = 3.3V5%, TA = -40C TO 85C
Symbol VCC VCCA ICCA IEE Parameter Core Supply Voltage Analog Supply Voltage Analog Supply Current Power Supply Current included in IEE Test Conditions Minimum 3.135 3.135 Typical 3.3 3.3 Maximum 3.465 3.465 12 93 Units V V mA mA
TABLE 3B. LVPECL DC CHARACTERISTICS, VCC = 3.3V5%, TA = -40C TO 85C
Symbol VOH VOL VSWING Parameter Output High Voltage; NOTE 1 Output Low Voltage; NOTE 1 Peak-to-Peak Output Voltage Swing Test Conditions Minimum VCC - 1.4 VCC - 2.0 0.6 Typical Maximum VCC - 0.9 VCC - 1.7 1.0 Units V V V
NOTE 1: Outputs terminated with 50 to VCC - 2V.
TABLE 4. CRYSTAL CHARACTERISTICS
Parameter Mode of Oscillation Frequency Equivalent Series Resistance (ESR) Shunt Capacitance 25 Test Conditions Minimum Typical Fundamental 26.5625 50 7 MHz pF Maximum Units
TABLE 5. AC CHARACTERISTICS, VCC = 3.3V5%, TA = -40C TO 85C
Symbol Parameter FOUT Output Frequency RMS Phase Jitter (Random); NOTE 1 Output Rise/Fall Time Output Duty Cycle 106.25MHz; Integration Range: 637KHz - 10MHz 100MHz; Integration Range: 637KHz - 10MHz 20% to 80% Test Conditions Minimum 93.33 0.80 0.80 300 48 600 52 Typical Maximum 113.33 Units MHz ps ps ps %
tjit(O)
tR / tF odc
NOTE 1: Please refer to the Phase Noise Plot.
843011AG
www.icst.com/products/hiperclocks.html
3
REV. B DECEMBER 10, 2004
Integrated Circuit Systems, Inc.
ICS843011
FEMTOCLOCKSTM CRYSTAL-TO3.3V LVPECL CLOCK GENERATOR
TYPICAL PHASE NOISE AT 100MHZ
-10 -20 -30 -40 -50 -60
Filter 100MHz
RMS Phase Noise Jitter 637K to 10MHz = 0.80ps (typical)
0
NOISE POWER dBc Hz
-70 -80 -90 -100 -110 -120 -130 -140 -150 -170 -180 -190 100 1k 10k -160
Raw Phase Noise Data
Phase Noise Result by adding a Filter to raw data
100k 1M 10M 100M
TYPICAL PHASE NOISE AT 106.25MHZ
-10 -20 -30 -40 -50 -60
OFFSET FREQUENCY (HZ)
Fibre Channel Filter 106.25MHz
RMS Phase Noise Jitter 637K to 10MHz = 0.80ps (typical)
0
NOISE POWER dBc Hz
-70 -80 -90 -100 -110 -120 -130 -140 -150 -170 -180 -190 100 1k 10k -160
Raw Phase Noise Data
Phase Noise Result by adding Fibre Channel Filter to raw data
100k 1M 10M 100M
OFFSET FREQUENCY (HZ)
www.icst.com/products/hiperclocks.html
4
843011AG
REV. B DECEMBER 10, 2004
Integrated Circuit Systems, Inc.
ICS843011
FEMTOCLOCKSTM CRYSTAL-TO3.3V LVPECL CLOCK GENERATOR
PARAMETER MEASUREMENT INFORMATION
2V
Phase Noise Plot
Noise Power
V CC
Qx
SCOPE
LVPECL
nQx
Phase Noise Mask
VEE
f1 Offset Frequency f2
-1.3V 0.165V
RMS Jitter = Area Under the Masked Phase Noise Plot
3.3V OUTPUT LOAD AC TEST CIRCUIT
RMS PHASE JITTER
nQ0 Q0
Pulse Width t
PERIOD
80% Clock Outputs
80% VSW I N G
20% tR tF
20%
odc =
t PW t PERIOD
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
OUTPUT RISE/FALL TIME
843011AG
www.icst.com/products/hiperclocks.html
5
REV. B DECEMBER 10, 2004
Integrated Circuit Systems, Inc.
ICS843011
FEMTOCLOCKSTM CRYSTAL-TO3.3V LVPECL CLOCK GENERATOR APPLICATION INFORMATION
POWER SUPPLY FILTERING TECHNIQUES
As in any high speed analog circuitry, the power supply pins are vulnerable to random noise. The ICS843011 provides separate power supplies to isolate any high switching noise from the outputs to the internal PLL. VCC, and VCCA should be individually connected to the power supply plane through vias, and bypass capacitors should be used for each pin. To achieve optimum jitter performance, power supply isolation is required. Figure 1 illustrates how a 10 resistor along with a 10F and a .01F bypass capacitor should be connected to each VCCA pin.
3.3V VCC .01F 10
V CCA .01F 10F
FIGURE 1. POWER SUPPLY FILTERING
CRYSTAL INPUT INTERFACE
The ICS843011 has been characterized with 18pF parallel resonant crystals. The capacitor values, C1 and C2, shown in Figure 2 below were determined using a 26.5625MHz, 18pF parallel resonant crystal and were chosen to minimize the ppm error. The optimum C1 and C2 values can be slightly adjusted for different board layouts.
XTAL_OUT C1 33p X1 18pF Parallel Crystal XTAL_IN C2 22p
Figure 2. CRYSTAL INPUt INTERFACE
843011AG
www.icst.com/products/hiperclocks.html
6
REV. B DECEMBER 10, 2004
Integrated Circuit Systems, Inc.
ICS843011
FEMTOCLOCKSTM CRYSTAL-TO3.3V LVPECL CLOCK GENERATOR
106.25MHz output frequency. The C1 = 27pF and C2 = 33pF are recommended for frequency accuracy. For different board layout, the C1 and C2 values may be slightly adjusted for optimizing frequency accuracy.
APPLICATION SCHEMATIC
Figure 3A shows a schematic example of the ICS843011. An example of LVEPCL termination is shown in this schematic. Additional LVPECL termination approaches are shown in the LVPECL Termination Application Note. In this example, an 18 pF parallel resonant 26.5625MHz crystal is used for generating
VCC
VCCA
VCC
R2 10
C3 10uF
C4 0.01u
R3 133
R5 133
U1
Q
Zo = 50 Ohm
VCCA VEE XTAL_OUT XTAL_IN VCC Q0 nQ0 NC
1 2 3 4
8 7 6 5
VCC
+
Zo = 50 Ohm
nQ
C2 33pF
18pF
X1
-
ICS843011
C5 0.1u
R4 82.5
R6 82.5
C1 22pF
VCC=3.3V
FIGURE 3A. ICS843011 SCHEMATIC EXAMPLE
PC BOARD LAYOUT EXAMPLE
Figure 3B shows an example of ICS843011 P.C. board layout. The crystal X1 footprint shown in this example allows installation of either surface mount HC49S or through-hole HC49 package. The footprints of other components in this example are listed
in the Table 6. There should be at least one decoupling capacitor per power pin. The decoupling capacitors should be located as close as possible to the power pins. The layout assumes that the board has clean analog power ground plane.
TABLE 6. FOOTPRINT TABLE
Reference C1, C2 C3 C4, C5 Size 0402 0805 0603
R2 0603 NOTE: Table 6, lists component sizes shown in this layout example.
FIGURE 3B. ICS843011 PC BOARD LAYOUT EXAMPLE
843011AG
www.icst.com/products/hiperclocks.html
7
REV. B DECEMBER 10, 2004
Integrated Circuit Systems, Inc.
ICS843011
FEMTOCLOCKSTM CRYSTAL-TO3.3V LVPECL CLOCK GENERATOR POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS843011. Equations and example calculations are also provided.
1. Power Dissipation. The total power dissipation for the ICS843011 is the sum of the core power plus the power dissipated in the load(s). The following is the power dissipation for VCC = 3.3V + 5% = 3.465V, which gives worst case results. NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
* *
Power (core)MAX = VCC_MAX * IEE_MAX = 3.465V * 93mA = 322.2mW Power (outputs)MAX = 30mW/Loaded Output pair
Total Power_MAX (3.465V, with all outputs switching) = 322.2mW + 30mW = 352.2mW
2. Junction Temperature. Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device. The maximum recommended junction temperature for HiPerClockSTM devices is 125C.
The equation for Tj is as follows: Tj = JA * Pd_total + TA Tj = Junction Temperature JA = Junction-to-Ambient Thermal Resistance Pd_total = Total Device Power Dissipation (example calculation is in section 1 above) TA = Ambient Temperature In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance JA must be used. Assuming a moderate air flow of 1 meter per second and a multi-layer board, the appropriate value is 90.5C/W per Table 6 below. Therefore, Tj for an ambient temperature of 85C with all outputs switching is: 85C + 0.352W * 90.5C/W = 116.9C. This is below the limit of 125C. This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow, and the type of board (single layer or multi-layer).
TABLE 6. THERMAL RESISTANCE JA
FOR
8-PIN TSSOP, FORCED CONVECTION
JA by Velocity (Meters per Second)
0
Multi-Layer PCB, JEDEC Standard Test Boards 101.7C/W
1
90.5C/W
2.5
89.8C/W
843011AG
www.icst.com/products/hiperclocks.html
8
REV. B DECEMBER 10, 2004
Integrated Circuit Systems, Inc.
3. Calculations and Equations. The purpose of this section is to derive the power dissipated into the load. LVPECL output driver circuit and termination are shown in Figure 4.
VCC
ICS843011
FEMTOCLOCKSTM CRYSTAL-TO3.3V LVPECL CLOCK GENERATOR
Q1
VOUT RL 50 VCC - 2V
FIGURE 4. LVPECL DRIVER CIRCUIT
AND
TERMINATION
To calculate worst case power dissipation into the load, use the following equations which assume a 50 load, and a termination voltage of V - 2V.
CC
*
For logic high, VOUT = V (V
CCO_MAX
OH_MAX
=V
CC_MAX
- 0.9V
-V
OH_MAX
) = 0.9V =V - 1.7V
*
For logic low, VOUT = V (V
CCO_MAX
OL_MAX
CC_MAX
-V
OL_MAX
) = 1.7V
Pd_H is power dissipation when the output drives high. Pd_L is the power dissipation when the output drives low. Pd_H = [(V
OH_MAX
- (V
CC_MAX
- 2V))/R ] * (V
L
CC_MAX
-V
OH_MAX
) = [(2V - (V
CC_MAX
-V
OH_MAX
))/R ] * (V
L
CC_MAX
-V
OH_MAX
)=
[(2V - 0.9V)/50] * 0.9V = 19.8mW
Pd_L = [(V
OL_MAX
- (V
CC_MAX
- 2V))/R ] * (V
L
CC_MAX
-V
OL_MAX
) = [(2V - (V
CC_MAX
-V
OL_MAX
))/R ] * (V
L
CC_MAX
-V
OL_MAX
)=
[(2V - 1.7V)/50] * 1.7V = 10.2mW Total Power Dissipation per output pair = Pd_H + Pd_L = 30mW
843011AG
www.icst.com/products/hiperclocks.html
9
REV. B DECEMBER 10, 2004
Integrated Circuit Systems, Inc.
ICS843011
FEMTOCLOCKSTM CRYSTAL-TO3.3V LVPECL CLOCK GENERATOR RELIABILITY INFORMATION
TABLE 7. JAVS. AIR FLOW TABLE
FOR
8 LEAD TSSOP
JA by Velocity (Meters per Second)
0
Multi-Layer PCB, JEDEC Standard Test Boards 101.7C/W
1
90.5C/W
2.5
89.8C/W
TRANSISTOR COUNT
The transistor count for ICS843011 is: 2436
843011AG
www.icst.com/products/hiperclocks.html
10
REV. B DECEMBER 10, 2004
Integrated Circuit Systems, Inc.
ICS843011
FEMTOCLOCKSTM CRYSTAL-TO3.3V LVPECL CLOCK GENERATOR
8 LEAD TSSOP
PACKAGE OUTLINE - G SUFFIX
FOR
TABLE 8. PACKAGE DIMENSIONS
SYMBOL N A A1 A2 b c D E E1 e L aaa 0.45 0 -4.30 0.65 BASIC 0.75 8 0.10 -0.05 0.80 0.19 0.09 2.90 6.40 BASIC 4.50 Millimeters Minimum 8 1.20 0.15 1.05 0.30 0.20 3.10 Maximum
Reference Document: JEDEC Publication 95, MO-153
843011AG
www.icst.com/products/hiperclocks.html
11
REV. B DECEMBER 10, 2004
Integrated Circuit Systems, Inc.
ICS843011
FEMTOCLOCKSTM CRYSTAL-TO3.3V LVPECL CLOCK GENERATOR
Package 8 lead TSSOP 8 lead TSSOP on Tape and Reel 8 lead "Lead-Free" TSSOP 8 lead "Lead-Free" TSSOP on Tape and Reel Count 100 per tube 2500 100 per tube 2500 Temperature -40C to 85C -40C to 85C -40C to 85C -40C to 85C
TABLE 9. ORDERING INFORMATION
Part/Order Number ICS843011AG ICS843011AGT ICS843011AGLF ICS843011AGLFT Marking 3011A 3011A 011AL 011AL
The aforementioned trademarks, HiPerClockSTM and FemtoClocksTM are a trademark of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial and industrial applications. Any other applications such as those requiring ehigh reliability or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. 843011AG
www.icst.com/products/hiperclocks.html
12
REV. B DECEMBER 10, 2004
Integrated Circuit Systems, Inc.
ICS843011
FEMTOCLOCKSTM CRYSTAL-TO3.3V LVPECL CLOCK GENERATOR
REVISION HISTORY SHEET Description of Change Power Supply DC Characteristics Table - added ICCA spec. Ordering Information Table - corrected count from 154 to 100. Ordering Information Table - corrected Lead-Free marking from 3011AL to 011AL. Changed ambient operating temperature bullet from -30C to 85C to -40C to 85C and throughout data sheet. Cr ystal Input Interface - changed capacitor C2 value from 27p to 22p. Application Schematic - corrected schematic to reflect Cr ystal Input Interface change. Date 8/23/04 10/13/04 10/20/04
Rev B B B
Table 3A T9 T9
Page 3 12 12 1
B
6 7
12/10/04
843011AG
www.icst.com/products/hiperclocks.html
13
REV. B DECEMBER 10, 2004


▲Up To Search▲   

 
Price & Availability of 011AL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X