Part Number Hot Search : 
MMBZ5256 LT3681 SPL31A JHD404A MPXHZ CDSS4148 R5F212 SPL31A
Product Description
Full Text Search
 

To Download ZXT790AK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZXT790AK
40V PNP MEDIUM POWER HIGH GAIN TRANSISTOR IN D-PAK
SUMMARY BVCEO = -40V : RSAT = 83m ; IC = -3A DESCRIPTION
Packaged in the D-Pak outline this high gain 40V PNP transistor offers low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.
FEATURES
* 3 Amps continuous current * Up to 6 Amps peak current * Low saturation voltages * High gain
DPAK
APPLICATIONS
* DC - DC Converters * MOSFET gate drivers * Charging circuits * Power switches * Siren drivers
ORDERING INFORMATION
DEVICE ZXT790AKTC REEL SIZE 13" TAPE WIDTH 16mm embossed QUANTITY PER REEL 2500 units
PINOUT
DEVICE MARKING
* ZXT790A
ISSUE 1 - JUNE 2003 1
SEMICONDUCTORS
ZXT790AK
ABSOLUTE MAXIMUM RATINGS
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Peak Pulse Current Base Current Power Dissipation at TA =25C (a) Linear Derating Factor Thermal Resistance Junction to Ambient Power Dissipation at TA =25C (b) Linear Derating Factor Thermal Resistance Junction to Ambient Power Dissipation at TA =25C (c) Linear Derating Factor Thermal Resistance Junction to Ambient Operating and Storage Temperature Range T j , T stg PD PD SYMBOL BV CBO BV CEO BV EBO IC I CM IB PD LIMIT -50 -40 -5 -3 -6 -0.5 2.1 16.8 59 3.0 24.4 41 3.9 30.9 32 -55 to 150 UNIT V V V A A A W mW/C C/W W mW/C C/W W mW/C C/W C
NOTES (a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions. (b) For a device surface mounted on 50mm x 50mm FR4 PCB with high coverage of single sided 1oz copper in still air conditions. (c) For a device surface mounted on 50mm x 50mm FR4 PCB with high coverage of single sided 2oz copper in still air conditions.
ISSUE 1 - JUNE 2003
SEMICONDUCTORS
2
ZXT790AK
CHARACTERISTICS
ISSUE 1 - JUNE 2003 3
SEMICONDUCTORS
ZXT790AK
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated)
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Saturation Voltage SYMBOL BV CBO BV CEO BV EBO I CBO I CE S I EBO V CE(SAT) MIN. -50 -40 -5 TYP. -70 -60 -8.3 <1 <1 <1 -110 -220 -260 -250 Base-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Static Forward Current Transfer Ratio V BE(SAT) V BE(ON) h FE 300 250 200 150 80 Transition Frequency Output Capacitance Switching Times fT C OBO t ON t OFF NOTES (1) Measured under pulsed conditions. Pulse width 100 24 35 600 -1.05 -0.9 450 390 350 280 170 -20 -20 -20 -170 -350 -450 -450 -1.15 -1.0 800 MAX. UNIT CONDITIONS V V V nA nA nA mV mV mV mV V V I C = -100 A I C = -10mA (1) I E = -100 A V CB = -30V V CB = -30V V EB = -4V I C = -0.5A, I B = -5mA (1) I C = -1A, I B = -10mA (1) I C = -2A, I B = -50mA (1) I C = -3A, I B = -300mA (1) IC = -3A, IB = -300mA (1) I C = -3A, VCE = -2V (1) IC = -10mA, VCE = -2V (1) IC = -500mA, VCE = -2V(1) I C = -1A, V CE = -2V (1) I C = -2A, V CE = -2V (1) I C = -3A, V CE = -2V (1) MHz I C = -50mA, V CE = -5V f = 50MHz pF ns ns VCB = -10V, f = 1MHz (1) IC = -500mA, VCC = -10V, I B1 = I B2 = -50mA
300 s; duty cycle
2%.
ISSUE 1 - JUNE 2003
SEMICONDUCTORS
4
ZXT790AK
TYPICAL CHARACTERISTICS
ISSUE 1 - JUNE 2003 5
SEMICONDUCTORS
ZXT790AK
PACKAGE OUTLINE
DIM MILLIMETRES MIN
A A1 b b2 b3 c c2 D D1 E E1 0.635 0.762 5.20 0.457 0.457 5.97 5.20 6.35 4.32 2.30 BSC 9.40 1.40 10.41 1.78 6.73 2.18
INCHES MIN
0.086
MAX
2.38 0.127 0.89 1.114 5.46 0.609 0.584 6.22
MAX
0.094 0.005
0.025 0.030 0.205 0.018 0.018 0.235 0.205 0.250 0.170
0.035 0.045 0.215 0.024 0.023 0.245
0.265
C o n tr o l l i ng di m e ns i ons a re i n m i l l i m e t r e s. Approximate conversions are given in inches
e H L L1 L2 L3 L4 L5 1
0.090 BSC 0.370 0.055 0.410 0.070
2.74 REF 0.051 BSC 0.89 0.635 1.14 0 0 1.27 1.01 1.52 10 15
0.108 REF 0.020 BSC 0.035 0.025 0.045 0 0 0.050 0.040 0.060 10 15
(c) Zetex plc 2003
Europe Zetex plc Fields New Road Chadderton Oldham, OL9 8NP United Kingdom Telephone (44) 161 622 4444 Fax: (44) 161 622 4446 hq@zetex.com Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com Americas Zetex Inc 700 Veterans Memorial Hwy Hauppauge, NY 11788 USA Telephone: (1) 631 360 2222 Fax: (1) 631 360 8222 usa.sales@zetex.com Asia Pacific Zetex (Asia) Ltd 3701-04 Metroplaza Tower 1 Hing Fong Road Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com
These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. For the latest product information, log on to
www.zetex.com ISSUE 1 - JUNE 2003
SEMICONDUCTORS
6


▲Up To Search▲   

 
Price & Availability of ZXT790AK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X