Part Number Hot Search : 
TA1101 87833 0412M 0T100I HCF45 RT1454B6 FARM2CS3 CS51023
Product Description
Full Text Search
 

To Download TM10656ACAWG1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 om .c 4U et he SPECIFICATION FOR LCD MODULE aS at .D w w w Model No. TM10656ACAWG1
m o .c U t4 e e h S ta a .D w w w
Prepared by: Checked by : Verified by : Date: Date: Date: Approved by: Date:
om .c 4U et he TIANMA MICROELECTRONICS CO., LTD aS at .D w Ver.1.0 w w
REVISION RECORD Date Ref. Page Revision No. Revision Items Check & Approval
1/21
Ver.1.0
1. General Specifications: 1.1 Display type: FSTN 1.2 Display color*: Display color: Blue-Black Background: White 1.3 Polarizer mode: Reflective/Positive 1.4 Viewing Angle: 6:00 1.5 Driving Method: 1/65 Duty 1/9 Bias 1.6 Lcd operation voltage: 9.5V Vdd=3.0V 1.7 Without Backlight 1.8 Controller: S6B0724A01-B0C 1.9 Data Transfer: Serial 1.10 Operating Temperature: -20----+70 Storage Temperature: -30----+80 1.11 Outline Dimensions: Refer to outline drawing on next page 1.12 Dot Matrix: 106 X 56 1.13 Dot Size: 0.27X0.27(mm) 1.14 Dot Pitch: 0.29X0.29 (mm) 1.15 Weight: 20g
* Color tone is slightly changed by temperature and driving voltage.
2/21
Ver.1.0
)* +'# '! !
10656A CA G
G: CHIP-ON-GLASS


A: RE NO C: FSTN
106
56

4 Circuit Block Diagram
5/21
Ver.1.0
5 Absolute Maximum Ratings Item Power Supply Voltage LCD Driving Voltage Operating Temperature Range Storage Temperature Range Symbol VDDVSS VLCD TOP Min. 2.4 4.5 Max. 3.6 V 15.0 +70 TST -30 +80 Unit Remark
-20
No Condensation
6/21
Ver.1.0
6 Electrical Specifications and Instruction Code 6.1 Electrical characteristics Item Symbol Supply Voltage (Logic) Supply Voltage (LCD Drive) High VDDVSS Min. 2.8 Typ. 3.0 Max. 3.2 Unit V
VLCD VIH VDD=3.0 VIL VDD=3.0
9.0
9.5
10.0
V
Input Signal Voltage
0.8VDD
-
VDD
V
Low
0
-
0.2 VDD
V
Supply current IDD (Logic) (Display character) (VDD- VSS=3.0V)
-
-
400
uA
7/21
Ver.1.0
6.2 Interface Signals
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Symbol NC V0 V4 V3 V2 V1 C2C2+ C1+ C1C3+ VOUT VSS VDD SID SCLK RS /RES CS1 NC
Level 9.5V 0V 3.0V H/L H/L H/L H/L H/L -
Description No connection Power supply voltage for LCD Power supply voltage for LCD Power supply voltage for LCD Power supply voltage for LCD Power supply voltage for LCD Capacitor pin for voltage converter Capacitor pin for voltage converter Capacitor pin for voltage converter Capacitor pin for voltage converter Capacitor pin for voltage converter DC/DC voltage converter output Ground Power supply voltage for logic Serial data input pin Serial clock input pin Register select input pin Reset input pin Chip select input pin No connection
8/21
Ver.1.0
6.3 Interface Timing Chart
Serial Interface Characteristics
tCSS CS1B (CS2 = 1) RS tCYS DB6 (SCLK) 0.9VDD 0.1VDD tWLS tDSS DB7 (SID) tASS
tCHS tAHS
tWHS tDHS
Serial Interface Characteristics
Item Serial clock cycle SCLK high pulse width SCLK low pulse width Address setup time Address hold time Data setup time Data hold time CS1B setup time CS1B hold time
Signal DB6 (SCLK) RS DB7 (SID) CS1B
Symbol tCYS tWHS tWLS tASS tAHS tDSS tDHS tCSS tCHS
Min. 250 100 100 150 150 100 100 150 150
Typ. -
(VDD = 2.4 to 3.6V, Ta = -40 to +85C) Max. Unit Remark ns
ns ns ns
9/21
Ver.1.0
6.4 Instruction Code
INSTRUCTION DESCRIPTION
Instruction Table x: Don't care Instruction
Display ON / OFF Initial display line Set page address Set column address MSB Set column address LSB Read status Write display data RS 0 0 0 0 0 0 1 RW 0 0 0 0 0 1 0 DB7 1 0 1 0 0 BUSY DB6 0 1 0 0 0 ADC DB5 1 ST5 1 0 0 ON/OFF DB4 0 ST4 1 1 0 RESETB DB3 1 ST3 P3 Y7 Y3 0 DB2 1 ST2 P2 Y6 Y2 0 DB1 1 ST1 P1 Y5 Y1 0 DB0 DON ST0 P0 Y4 Y0 0
Description
Turn on/off LCD panel When DON = 0: display OFF When DON = 1: display ON Specify DDRAM line for COM0 Set page address Set column address MSB Set column address LSB Read the internal status Write data into DDRAM
Write data
Read display data
1
1
Read data
Read data from DDRAM Select SEG output direction When ADC = 0: normal direction (SEG0SEG131) When ADC = 1: reverse direction (SEG131SEG0) Select normal / reverse display When REV = 0: normal display When REV = 1: reverse display Select normal/entire display ON When EON = 0: normal display. When EON = 1: entire display ON Select LCD bias Set modify-read mode release modify-read mode Initialize the internal functions Select COM output direction When SHL = 0: normal direction (COM0COM63) When SHL = 1: reverse direction (COM63COM0) Control power circuit operation Select internal resistance ratio of the regulator resistor Set reference voltage mode Set reference voltage register Set static indicator mode Set static indicator register Compound Instruction of display OFF and entire display ON
ADC select
0
0
1
0
1
0
0
0
0
ADC
Reverse display ON / OFF
0
0
1
0
1
0
0
1
1
REV
Entire display ON / OFF LCD bias select Set modify-read Reset modify-read Reset
0 0 0 0 0
0 0 0 0 0
1 1 1 1 1
0 0 1 1 1
1 1 1 1 1
0 0 0 0 0
0 0 0 1 0
1 0 0 1 0
0 1 0 1 1
EON BIAS 0 0 0
SHL select
0
0
1
1
0
0
SHL
x
x
x
Power control Regulator resistor select Set reference voltage mode Set reference voltage register Set static indicator mode Set static indicator register Power save
0 0 0 0 0 0 -
0 0 0 0 0 0 -
0 0 1 x 1 x -
0 0 0 x 0 x -
1 1 0 SV5 1 x -
0 0 0 SV4 0 x -
1 0 0 SV3 1 x -
VC R2 0 SV2 1 x -
VR R1 0 SV1 0 S1 -
VF R0 1 SV0 SM S0 -
10/21
Ver.1.0
7 Optical Characteristics 7.1 Optical Characteristics Item Symbol Condition Min. Typ. Ta=25 Max. Unit
x Viewing Angle y Cr2
y=0
-30
--
20 Deg
x=0 x=0 y=0
-30
--
30
Contrast Ratio Turn on Turn off
Cr
3.0
-
-
Ton x=0 y=0 Toff
-
-
300 ms
Response Time
-
-
300
11/21
Ver.1.0
7.2 Definition of Optical Characteristics 7.2.1 Definition of Viewing Angle Top
Top
Bottom 7.2.2 Definition of Contrast Ratio
Bottom
Contrast Ratio = B2/B1 =
Measuring Conditions: 1) Ambient Temperature: 25 ; 7.2.3 Definition of Response time
unselected state brightness selected state brightness
2) Frame frequency: 64Hz
Turn off time: t o f f = t d + t f Turn on time: t o n = t d + t r Measuring Condition: 1) Operating Voltage:9.5V 2) Frame frequency: 64Hz
12/21 Ver.1.0
8 Reliability 8.1 Content of Reliability Test No. Test Item 1 High Temperature Storage Low Temperature 2 Storage 3 Content of Test Endurance test applying the high storage temperature for a long time Endurance test applying the low storage temperature for a long time Endurance test applying the High Temperature electric stress (voltage current) Operation and the thermal stress to the element for a long time Endurance test applying the Low Temperature electric stress under low Operation temperature for a long time Endurance test applying the high High Temperature temperature and high humidity /Humidity Storage storage for a long time Endurance test applying the low and high temperature cycle Temperature -30258025 Cycle 30min 5min 30min 5min 1 cycle Vibration Test (package state) Shock Test (package state) Atmospheric Pressure Test Endurance test applying the vibration during transportation Endurance test applying the shock during transportation Endurance test applying the atmospheric pressure during transportation by air Ta=25 Test condition 80 96H -30 96H 70 96H -20 96H 80 90%RH 96H -30/80 10 cycles 10Hz~150Hz, 50m/s2, 40min Half- sine wave, 100m/s2, 11ms 40kPa 16H
4
5
6
7
8
9
13/21
Ver.1.0
8.2 Failure Judgment Criterion Criterion Item Basic Specification Electrical specification Mechanical Specification Optical Characteristic Note Remark Test Item No. 123456789
Failure Judgement Criterion
Out of the basic Specification Out of the electrical specification Out of the mechanical specification Out of the optical specification
For test item refer to 8.1 Basic specification = Optical specification + Mechanical specification
14/21
Ver.1.0
9 QUALITY LEVEL Examination At Ta=25 or Test (unless otherwise stated) Min. Inspection Max. Unit IL AQL
Under normal Major illumination and External 1.0 II eyesight condition, the See Appendix A Visual Minor distance between eyes Inspection 2.5 and LCD is 25cm. Major Under normal 1.0 illumination and Display See Appendix B II Minor eyesight condition, Defects 2.5 display on inspection. Note: Major defects: Open segment or common, Short, Serious damages, Leakage Miner defects: Others Sampling standard conforms to GB2828
15/21
Ver.1.0
10 Precautions for Use of LCD Modules 10.1 Handling Precautions 10.1.1 The display panel is made of glass. Do not subject it to a mechanical shock by dropping it from a high place, etc. 10.1.2 If the display panel is damaged and the liquid crystal substance inside it leaks out, be sure not to get any in your mouth, if the substance comes into contact with your skin or clothes, promptly wash it off using soap and water. 10.1.3 Do not apply excessive force to the display surface or the adjoining areas since this may cause the color tone to vary. 10.1.4 The polarizer covering the display surface of the LCD module is soft and easily scratched. Handle this polarizer carefully. 10.1.5 If the display surface is contaminated, breathe on the surface and gently wipe it with a soft dry cloth. If still not completely clear, moisten cloth with one of the following solvents: -- Isopropyl alcohol -- Ethyl alcohol Solvents other than those mentioned above may damage the polarizer. Especially, do not use the following: -- Water -- Ketone -- Aromatic solvents 10.1.6 Do not attempt to disassemble the LCD Module. 10.1.7 If the logic circuit power is off, do not apply the input signals. 10.1.8 To prevent destruction of the elements by static electricity, be careful to maintain an optimum work environment. a. Be sure to ground the body when handling the LCD Modules. b. Tools required for assembly, such as soldering irons, must be properly ground. c. To reduce the amount of static electricity generated, do not conduct assembly and other work under dry conditions. d. The LCD Module is coated with a film to protect the display surface. Be care when peeling off this protective film since static electricity may be generated.
16/21
Ver.1.0
10.2 Storage precautions 10.2.1 When storing the LCD modules, avoid exposure to direct sunlight or to the light of fluorescent lamps. 10.2.2 The LCD modules should be stored under the storage temperature range. If the LCD modules will be stored for a long time, the recommend condition is: Temperature : 0 40 Relatively humidity: 80% 10.2.3 The LCD modules should be stored in the room without acid, alkali and harmful gas. 10.3 The LCD modules should be no falling and violent shocking during transportation, and also should avoid excessive press, water, damp and sunshine.
17/21
Ver.1.0
Appendix A Inspection items and criteria for appearance defects Items Protective Glue Cover Tape Leakage Rainbow Wrong polarizer attachment Polarizer Bubble between polarizer and glass Scratches of polarizer Black spot (in viewing area) Contents Criteria No clear defects Covering all of the chip and no clear crimple Not permitted According to the limit specimen Not permitted Not counted <0.3mm Max. 3 defects allowed 0.3mm0.5mm
According to the limit specimen Not counted Max. 3 spots allowed X<0.2mm X=(a+b)/2 0.2mmX0.5mm Max. 3 spots (lines) allowed
Black line (in viewing area)
Not counted a<0.02mm
Max. 3 lines allowed 0.02mma0.05mm b2.0mm
Progressive cracks
Not permitted
18/21
Ver.1.0
Appendix A Inspection item and criteria for appearance defects (continued) Items Contents Cracks on pads a 3mm 2mm b W/5 W/5 Criteria c T/2 T/2Cracks on contact side
a 3mm 2mm
b T/2 T/2Glass Cracks Cracks on non-contact side
C shall be not reach the seal area a 3mm 2mm C0.5mm dSW/3 b T/2 T/2Corner cracks
e<2.0mm2 f<2.0mm2
Max. 3 cracks allowed
19/21
Ver.1.0
Appendix B Inspection items and criteria for display defects Items Contents Critera Not permitted Not permitted Not permitted According to the limit specimen According to the limit specimen Not counted X<0.1mm X=(a+b)/2 Pin holes and cracks in segment (DOT) Not counted A<0.1mm Max.2 dots allowed 0.1mmA0.2mm D<0.25mm Max.3 dots allowed 0.1mmX0.2mm Max.3 dots allowed
Open segment or open common Short Wrong viewing angle Contrast radio uneven Crosstalk
Black spot (in viewing area)
Not counted X<0.1mm X=(a+b)/2
Max.3 spots allowed 0.1mmX0.2mm Max.3 spots (lines) allowed
Black line (in viewing area)
Not counted a<0.02mm
Max.3 lines allowed 0.02mma0.05mm b0.5mm
20/21
Ver.1.0
Appendix B Inspection items and criteria for display defects (continued) Items Content Critera Not counted x0.1mm x=(a+b)/2 Max. 2 defects allowed 0.1mmx0.2mm
Not counted a0.1mm Transformation of segment
Max. 1 defects allowed 0.1mma0.2mm D>0
Max.3 defects allowed
Max.2 defects allowed 0.8Wa1.2W a=measured value of width W=nominal value of width
21/21
Ver.1.0


▲Up To Search▲   

 
Price & Availability of TM10656ACAWG1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X