Part Number Hot Search : 
M948B 10005 10005 L793SRC LV160T AX150 NJW4154 K1322
Product Description
Full Text Search
 

To Download STE0515D52RG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Five-Line ESD Protection Array Working voltage 5V DESCRIPTION
STE0515
The STE0515 are designed by TVS device that is to protect sensitive electronics from damage or latch-up due to ESD. They are designed for use in applications where board space ia at a premium. STE0515 will protect up to five lines, and may be used on lines where the signal polarities swing above and below ground. STE0515 offer desirable characteristics for board level protection including fast response time, low operating and clamping voltage without device degradation. STE0515 may be used to meet the immunity requirements of IEC 61000-4-2, level 4. The small SOT-563 package makes them ideal for use in portable electronics such as cell phone, PDA's, notebook computers, digital cameras and MP3. PIN CONFIGURATION SOT-563 (SC-89) FEATURE l Transient protection for data lines to IEC 61000-4-2 (ESD) +/- 15kV (air), +/-8KV (contect) IEC 61000-4-4 (EFT) 40A (5/50ns) l Protects five I/O lines l Working voltage : 5V l Low leakage current l Low operating and clamping voltages
PART MARKING
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA TEL: (650) 9389294 FAX: (650) 9389295
Page 1
Five-Line ESD Protection Array Working voltage 5V OREDRING INFORMATION Part Number STE0515D52RG STE0515D52RG: Tape Reel; Pb-Free
STE0515
Package SOT-563
ABSOULTE MAXIMUM RATINGS (Ta = 25J Unless otherwise noted ) Parameter Peak Pulse Power (tp=8/20 us) Maximum Peak Pulse Currint (tp=8/20us) ESD per ICE 61000-4-2 (Air) ESD per ICE 61000-4-2 (Contact) Operating Junction Tempreature Storgae Temperature Range Lead Soldering Temperature Symbol Ppk Ipp Vpp Vpp Tj TSTG TL Typical 250 7 +/-15 +/-8 -55~150 -55~150 260(10sec) Unit W A KV KV J J J
ELECTRICAL CHARACTERISTICS (Ta = 25J Unless otherwise noted ) Parameter Symbol Conditions Min Typ Max Reverse Stand-Off Voltage VRWM 5 Reverse Breakdown Voltage VBR It=1mA 6 8.5 Reverse Leakage Current IR 0.01 1 VRWM=5V, T=25J Reverse Leakage Current IR 0.01 0.5 VRWM=3V, T=25J Clamping Voltage VC Ipp=1A, tp=8/20us 11.5 Clamping Voltage VC Ipp=7A, tp=8/20us 15 Junction Capacitance Cj Between I/O Pin and GND 20 30 VR=0V, f 1MHz Unit V V uA uA V V pF
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA TEL: (650) 9389294 FAX: (650) 9389295
Page 2
Five-Line ESD Protection Array Working voltage 5V TYPICAL CHARACTERISTICS
STE0515
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA TEL: (650) 9389294 FAX: (650) 9389295
Page 3
Five-Line ESD Protection Array
STE0515
Working voltage 5V
APPLICATION NOTE
Device Connection for Protection of Five Data Lines STE0515 is designed to protect up to five data lines. The device is connected as follows: 1. The TVS protection of five I/O lines is achieved by connecting pins 1,3, 4, 6 to the data lines. Pin 2 is connected to ground. The ground connection should be made directly to the ground plane for best results. The path length is kept as short as possible to reduce the effects of parasitic inductance.
Circuit Board Layout Recommendations for Suppression of ESD Good circuit board layout is critical for the suppression of ESD induced transients. The following guidelines are recommended: 1. Place the TVS near the input terminals or connectors to restrict transient coupling. 2. Minimize the path length between the TVS and the protected line. 3. Minimize all conductive loops including power and ground loops. 4. The ESD transient return path to ground should be kept as short as possible. 5. Never run critical signals near board edges 6. Use ground planes whenever possible.
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA TEL: (650) 9389294 FAX: (650) 9389295
Page 4
Five-Line ESD Protection Array
STE0515
Working voltage 5V SOT-563 (SC-89) PACKAGE OUTLINE
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA TEL: (650) 9389294 FAX: (650) 9389295
Page 5


▲Up To Search▲   

 
Price & Availability of STE0515D52RG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X