Part Number Hot Search : 
2N6101 4AK19 MR2402 AD835AN RB2415 L431LVB N6117 MC1651
Product Description
Full Text Search
 

To Download SMT30C2-00SADJ-HJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIL40C2 Series
DC-DCCONVERTERS * * * * * * * C Class Non-isolated
4.5-13.8 Vin Single Output
March 15, 2006
1 NEWProduct
*
40 a current rating Input voltage range: 4.5-13.8 V Output voltage: 0.6-5 V Industry leading value * Cost optimized design excellent transient response Output enable Output voltage adjustability * Pathway for future upgrades * Supports silicon voltage migration * resulting in reduced design-in and qual time roHS compliant
The SIL40C2 series is a new high density open frame non-isolated converter for space sensitive applications. This model has a wide input range (4.5-13.8 Vdc) and offers a wide 0.6-5 V output voltage range with 40 A load capability. An external resistor adjusts the output voltage from its pre-set value of 0.6 V to any value up to the 5 V maximum. Typical efficiencies for the models are 91% for the 12 V input version. The SIL40C2 series offers remote ON/OFF and over-current protection as standard.
2 year warranty All specifications are typical at nominal input, full load at 25 C unless otherwise stated OUTPUT SPECIFICATIONS Output voltage Output setpoint accuracy Line regulation Load regulation Min/max load Overshoot Undershoot Ripple and noise 5 Hz to 20 MHz Transient response At turn-on At turn-off (See Note 1) (See Notes 1, 2) (See Note 5) 0.1% trim resistors Low line to high line Full load to min. load 0.6-5 V 1.0% 0.2% 0.5% 0 A/40 A 0.5% max. 100 mV max. 25 mV Vin = 5 V, Vout = 2.5 V 150 mV max. deviation 30 s recovery within regulation band Coplanarity ENVIRONMENTAL SPECIFICATIONS Thermal performance (See Note 5) Operating ambient, temperature Non-operating 0 C to +70 C -40 C to +125 C GENERAL SPECIFICATIONS Efficiency Switching frequency Approvals and standards (pending) Material flammability Weight MTBF 12 V @ 40 C 100% load Bellcore 332 Vin=5 V, Vo=2.5 V, lo=20 A Fixed 94% Typ. 500 kHz EN60950 UL/cUL60950 UL94V-0 17 g/0.06 oz. 6,749,409 hours
SPECIFICATIONS
150 m
INPUT SPECIFICATIONS Input voltage range Input current Input current (max.) Start-up time Minimum load Remote OFF (See Note 3) Remote ON/OFF 4.5-13.8 Vdc 50 mA 5 mA 25 A @ Io max. 3 ms
PROTECTION Short-circuit Over voltage RECOMMENDED SYSTEM CAPACITANCE Input capacitance (See Note 6) (See Note 7) 0 F 0 F Hiccup, non-latching Hiccup, non-latching
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. E139421 UL60950 File No. TBD TUV Product Service (EN60950) Certificate No. TBD CB report and certificate to IEC60950
Output capacitance
File Name: sil40c2.pdf Rev: 15 Mar 2006
SIL40C2 Series
DC-DC CONVERTERS C Class Non-isolated
OUTPUT POWER (MAX.) 200 W INPUT VOLTAGE 4.5-13.8 Vdc OVP N/A OUTPUT VOLTAGE 0.6-5 Vdc OUTPUT CURRENT (MIN.) 0A
4.5-13.8 Vin Single Output
March 15, 2006
2 NEWProduct
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
OUTPUT CURRENT (MAX.) 40 A
EFFICIENCY (TYP.) 94%
REGULATION LINE 0.2% LOAD
MODEL NUMBER (8, 9)
0.5% SIL40C2-00SADJ-VJ
Part Number System with Options
SIL40C2-00SADJ-VJ
RoHS Compliance (8) J = Pb-free (RoHS 6/6 compliant) Mounting Option V = Vertical H = Horizontal Output Voltage Single Adjustable Output Input Voltage 00 = 4.5-13.8 V
Product Family SIL = Single In Line SMT = Surface Mount Rated Output Current 06 = 6 A 15 = 15 A 20 = 20 A 30 = 30 A 40 = 40 A Performance C = Cost Optimized Generation Blank = Standard Part 2 = Increased Current Density
Output Voltage Adjustment of the SIL40C2 Series
The ultra-wide output voltage trim range offers major advantages to users who select the SIL40C2. It is no longer necessary to purchase a variety of modules in order to cover different output voltages. The output voltage can be trimmed in a range of 0.6-5 V. When the SIL40C2 converter leaves the factory the ouput has been adjusted to the default voltage of 0.6 V.
Notes
1 2 3 4 5 6 7 8 9 Measured as per recommended system capacitance. di/dt = 10 A/s, Vin = Nom, Tc = 25 C, load change = 0.75 lo to full lo and full lo to 0.75. External input fusing is recommended. Additional part numbers may be available with different output voltages. Airflow dependent, 100 LFM minimum required. No capacitor needed for ripple current capability. No capacitor needed for stability. TSE RoHS 5/6 (non PB-free) compliant versions are also available on special request, please contact your local sales representative for details. NOTICE: Some models may not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/ products.htm to find a suitable alternative.
Power Good
6 Enable 5 SIL40C2
Vin
1,2,3 9
Vout +Rsense
10,11 7,8
Cin Rtrim (for trim down)
Cout
4
R L O A D
GND
Figure 1: Standard Application Drawing
File Name: sil40c2.pdf Rev: 15 Mar 2006
SIL40C2 Series
DC-DC CONVERTERS C Class Non-isolated
4.5-13.8 Vin Single Output
March 15, 2006
3 NEWProduct
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
1.200 (30.48)
0.427 (10.85) 1.100 (27.94) 0.050 (1.27) REF PIN 1 0.100 (2.54) 0.100 (2.54) TYP 9 PLACES 0.140 (3.56) TYP 0.255 (6.48) 0.062 (1.57) REF 0.110 (2.79)
PIN CONNECTIONS PIN NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 FUNCTION Vout Vout Vout Trim Enable Power Good Ground Ground (+) Sense Vin Vin *Mech Support *Mech Support
0.468 (11.89) 0.255 (6.48)
1.050 (26.67)
Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25)
0.050 (1.27) TYP 0.025 (0.64) .001 SQ PINS TYP
Figure 2: Vertical Mount Mechanical Drawing
1.200 (30.48)
0.062 (1.57) REF .150 (3.81) TYP
1.100 (27.94)
PIN 1 0.110 (2.79) REF 2X 1.000 (25.40) 0.050 (1.27) REF
* Horizontal and SMT version only
0.120 (3.05) TYP
0.025 (0.64) .001 SQ PINS TYP 13 PLACES 0.100 (2.54) TYP 9 PLACES
Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25)
2X 1.050 (26.67)
0.050 (1.27) 0.100 (2.54) REF
Figure 3: Horizontal Mount Mechanical Drawing
File Name: sil40c2.pdf Rev: 15 Mar 2006
SIL40C2 Series
DC-DC CONVERTERS C Class Non-isolated
PIN CONNECTIONS PIN NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 FUNCTION Vout Vout Vout Trim Enable Power Good Ground Ground (+) Sense Vin Vin *Mech Support *Mech Support
4.5-13.8 Vin Single Output
March 15, 2006
4 NEWProduct
1.200 (30.48)
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
0.442 (11.23) 0.255 (6.48) 0.110 (2.79) REF
0.062 (1.57) REF 0.125 (3.18) TYP
1.100 (27.94)
PIN 1
2X 1.000 (25.40) 0.050 (1.27) REF 0.100 (2.54) TYP 9 PLACES
Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25)
2X 1.050 (26.67)
0.050 (1.27) 0.100 (2.54) REF
Figure 4: Surface Mount Mechanical Drawing
* Horizontal and SMT version only
Datasheet (c) Artesyn Technologies(R) 2005 The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items:
Application Note
Longform Datasheet
www.artesyn.com
File Name: sil40c2.pdf Rev: 15 Mar 2006


▲Up To Search▲   

 
Price & Availability of SMT30C2-00SADJ-HJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X