|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
A80-1/SMA80-1 10 TO 200 MHz CASCADABLE AMPLIFIER * HIGH REVERSE ISOLATION: >32 dB (TYP.) * VERY LOW NOISE: 2.0 dB (TYP.) * HIGH GAIN: 27.3 dB (TYP.) * HIGH EFFICIENCY: 29 mA AT 15 VOLTS (TYP.) Typical Performance @ 25C Specifications (Rev. Date: 1/01)* Characteristics Typical Guaranteed 0 to 50C -54 to +85C Frequency 5.0-200.0 MHz 10.0-200.0 MHz 10.0-200.0 MHz Small Signal Gain (min.) 26.0 dB 27.3 dB 25.0 dB Gain Flatness (max.) 0.3 dB 1.0 dB 0.7 dB Reverse Isolation 33 dB 2.5 dB 2.0 dB 3.0 dB Noise Figure (max.) Power Output @ 1 dB comp. (min.) 16.0 dBm 14.0 dBm 14.5 dBm IP3 +28 dBm +33 dBm IP2 Second Order Harmonic IP +39 dBm VSWR Input / Output (max.) 1.5:1 / 1.8:1 1.8:1 / 2.1:1 2.0:1 / 2.3:1 30 mA 32 mA 34 mA DC Current @ 15 Volts (max.) * Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice. Absolute Maximum Ratings Storage Temperature Max. Case Temperature Max. DC Voltage Max. Continuous RF Input Power Max. Short Term RF Input Power (1 minute max.) Max. Peak Power (3 sec max.) "S" Series Burn-in Temperature (Case) -62 to +125C 125C +17 Volts +10 dBm 50 mW 0.5 W 125C Thermal Data: Vcc = 15 Vdc Thermal Resistance jc Transistor Power Dissipation Pd Junction Temperature Rise Above Case Tjc 184C/W 0.155 W 28C Outline Drawings Package Figure TO-8 BG Surface Mount AA SMA Connectorized CE Stellex Microwave Systems Sales: 1-800-321-8075 * email: sales@stellexms.com * website: www.stellexms.com This datasheet has been download from: www..com Datasheets for electronics components. |
Price & Availability of SMA80-1 |