Part Number Hot Search : 
PIC18F8 LT0129 AX674AJN CFWS455B 1600C 2N4339 ECT25S32 SF2185A
Product Description
Full Text Search
 

To Download SI4435DYPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 95133
SI4435DYPBF
HEXFET(R) Power MOSFET
l l l l l
Ultra Low On-Resistance P-Channel MOSFET Surface Mount Available in Tape & Reel Lead-Free
S
1
8
A D D D D
S
S G
2
7
VDSS = -30V
3
6
4
5
RDS(on) = 0.020
Description
These P-channel HEXFET(R) Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve the extremely low on-resistance per silicon area. This benefit provides the designer with an extremely efficient device for use in battery and load management applications.. The SO-8 has been modified through a customized leadframe for enhanced thermal characteristics and multiple-die capability making it ideal in a variety of power applications. With these improvements, multiple devices can be used in an application with dramatically reduced board space. The package is designed for vapor phase, infrared, or wave soldering techniques.
Top View
SO-8
Absolute Maximum Ratings
Parameter
VDS ID @ TA = 25C ID @ TA= 70C IDM PD @TA = 25C PD @TA = 70C VGS TJ, TSTG Drain- Source Voltage Continuous Drain Current, VGS @ -10V Continuous Drain Current, VGS @ -10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Junction and Storage Temperature Range
Max.
-30 -8.0 -6.4 -50 2.5 1.6 0.02 20 -55 to + 150
Units
V A W W/C V C
Thermal Resistance
Parameter
RJA Maximum Junction-to-Ambient
Max.
50
Units
C/W
www.irf.com
1
09/30/04
SI4435DYPBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS I GSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Min. -30 --- --- --- -1.0 --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. Max. Units Conditions --- --- V VGS = 0V, ID = -250A -0.019 --- V/C Reference to 25C, I D = -1mA 0.015 0.020 VGS = -10V, ID = -8.0A 0.026 0.035 VGS = -4.5V, ID = -5.0A --- --- V VDS = V GS, ID = -250A 11 --- S VDS = -15V, ID = -8.0A --- -10 VDS = -24V, VGS = 0V A --- -10 VDS = -15V, VGS = 0V, TJ = 70C --- -100 VGS = -20V nA --- 100 VGS = 20V 40 60 ID = -4.6A 7.1 --- nC VDS = -15V 8.0 --- VGS = -10V 16 24 VDD = -15V, VGS = -10V 76 110 ID = -1.0A ns 130 200 RG = 6.0 90 140 RD = 15 2320 --- VGS = 0V 390 --- pF VDS = -15V 270 --- = 1.0kHz
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Min. Typ. Max. Units --- --- --- --- 34 33 -2.5 -50 -1.2 51 50 V ns nC A
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = -2.5A, VGS = 0V TJ = 25C, I F = -2.5A di/dt = -100A/s
D
S
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Surface mounted on FR-4 board, t 5sec.
Pulse width 300s; duty cycle 2%.
2
www.irf.com
SI4435DYPBF
1000
VGS -15V -10V -7.0V -5.5V -4.5V -4.0V -3.5V BOTTOM -2.7V TOP
1000
-I D , Drain-to-Source Current (A)
100
-I D , Drain-to-Source Current (A)
100
VGS -15V -10V -7.0V -5.5V -4.5V -4.0V -3.5V BOTTOM -2.7V TOP
10
10
-2.70V
1
1
-2.70V
20s PULSE WIDTH TJ = 25 C
1 10 100
0.1 0.1
0.1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
TJ = 25 C TJ = 150 C
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = -8.0A
-I D , Drain-to-Source Current (A)
1.5
10
1.0
0.5
1 2.0
V DS = -15V 20s PULSE WIDTH 3.0 4.0 5.0 6.0
0.0 -60 -40 -20
VGS = -10V
0 20 40 60 80 100 120 140 160
-VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
SI4435DYPBF
3500 3000
-VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
20
ID = -4.6A VDS =-15V
16
C, Capacitance (pF)
2500 2000 1500 1000 500 0 1
Ciss
12
8
4
Coss Crss
10 100
0 0 10 20 30 40 50 60
-VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
-ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
10
TJ = 150 C
-ID , Drain Current (A) I
100 100us
TJ = 25 C
1
1ms 10 10ms
0.1 0.4
V GS = 0 V
0.6 0.8 1.0 1.2 1.4
1 0.1
TA = 25 C TJ = 150 C Single Pulse
1 10 100
-VSD ,Source-to-Drain Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
SI4435DYPBF
8.0
0.20
0.10
-VGS(th) , Variace ( V )
-ID , Drain Current (A)
6.0
0.00
Id = -250A
-0.10
4.0
-0.20
2.0
-0.30
0.0 25 50 75 100 125 150
-0.40 -50 -25 0 25 50 75 100 125 150
TC , Case Temperature ( C)
T J , Temperature ( C )
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10. Typical Vgs(th) Variance Vs. Juction Temperature
100
Thermal Response (Z thJA )
D = 0.50 10 0.20 0.10 0.05 1 0.02 0.01 PDM t1 0.1 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.01 0.1 1 10 100 t2
0.01 0.00001
0.0001
0.001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
SI4435DYPBF
RDS ( on) , Drain-to-Source On Resistance ( )
0.10
0.10
RDS(on) , Drain-to -Source Voltage ( )
0.08
0.08
0.06
0.06
VGS= - 4.5V
0.04
0.04
Id = -8.0A
0.02
0.02
VGS = -10V
0.00 0 10 20 30 40
0.00 2 4 6 8 10 12 14 16
-VGS, Gate -to -Source Voltage ( V )
-I D , Drain Current ( A )
Fig 12. Typical On-Resistance Vs. Gate Voltage
Fig 13. Typical On-Resistance Vs. Drain Current
6
www.irf.com
SI4435DYPBF
SO-8 Package Outline
Dimensions are shown in millimeters (inches)
D A 5 B
DIM A b INCHES MIN .0532 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574 MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00
A1 .0040
8 6 E 1
7
6
5 H 0.25 [.010] A
c D E e e1 H K L y
2
3
4
.050 BASIC .025 BASIC .2284 .0099 .016 0 .2440 .0196 .050 8
1.27 BASIC 0.635 B ASIC 5.80 0.25 0.40 0 6.20 0.50 1.27 8
6X
e
e1 A C 0.10 [.004] 8X b 0.25 [.010] A1 CAB y
K x 45
8X L 7
8X c
NOT ES : 1. DIMENS IONING & TOLERANCING PER ASME Y14.5M-1994. 2. CONT ROLLING DIMENS ION: MILLIMET ER 3. DIMENS IONS ARE SHOWN IN MILLIMETERS [INCHES]. 4. OUTLINE CONFORMS TO JEDEC OUTLINE MS -012AA. 5 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS . MOLD PROTRUS IONS NOT TO EXCEED 0.15 [.006]. 6 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS . MOLD PROTRUS IONS NOT TO EXCEED 0.25 [.010]. 7 DIMENS ION IS T HE LENGT H OF LEAD FOR SOLDERING TO A S UBST RAT E. 3X 1.27 [.050]
F OOTPRINT 8X 0.72 [.028]
6.46 [.255]
8X 1.78 [.070]
SO-8 Part Marking
EXAMPLE: T HIS IS AN IRF7101 (MOSFET ) DAT E CODE (YWW) P = DES IGNAT ES LEAD-FREE PRODUCT (OPT IONAL) Y = LAS T DIGIT OF T HE YEAR WW = WEEK A = AS S EMBLY S IT E CODE LOT CODE PART NUMBER
INT ERNAT IONAL RECT IFIER LOGO
XXXX F7101
www.irf.com
7
SI4435DYPBF
SO-8 Tape and Reel
Dimensions are shown in millimeters (inches)
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Data and specifications subject to change without notice. This product has been designed and qualified for the Consumer market. Qualifications Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.09/04
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of SI4435DYPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X