Part Number Hot Search : 
RF200 P6SMB200 IRFIZ SA103 RF200 TC2506 104KX HMC195
Product Description
Full Text Search
 

To Download SD103AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD103AW - SD103CW
SCHOTTKY BARRIER SWITCHING DIODE Features
* * * Low Forward Voltage Drop Guard Ring Construction for Transient Protection Negligible Reverse Recovery Time
H G A B E D
SOD-123 Dim A
J
Min 3.55 2.55 1.40 -- 0.25 -- 0
Max 3.85 2.85 1.70 1.35 -- 0.10 8
Mechanical Data
* * * * * * * * *
B C D E G H J a
Case: SOD-123, Plastic Case material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Polarity: Cathode Band C Leads: Solderable per MIL-STD-202, Method 208 Marking: Date Code and Type Code, See Page 2 Type Codes: SD103AW S4 SD103BW S5 or S4 SD103CW S6 or S5 or S4 Weight: 0.01 grams (approx.) Ordering Information: See Page 2
@ TA = 25C unless otherwise specified Symbol VRRM VRWM VR VR(RMS) IFM IFSM Pd RqJA Tj, TSTG
a
0.55 Typical 0.11 Typical
All Dimensions in mm
Maximum Ratings
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current @ t 1.0s Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
SD103AW 40 28
SD103BW 30 21 350 1.5 400 300 -65 to +125
SD103CW 20 14
Unit V V mA A mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2)
@ TA = 25C unless otherwise specified Symbol SD103AW SD103BW SD103CW V(BR)R VFM SD103AW SD103BW SD103CW IRM CT trr Min 40 30 20 3/4 3/4 3/4 3/4 Typ 3/4 3/4 3/4 50 10 Max 3/4 0.37 0.60 5.0 3/4 3/4 Unit V V mA pF ns Test Condition IR = 100mA IF = 20mA IF = 200mA VR = 30V VR = 20V VR = 10V VR = 0V, f = 1.0MHz IF = IR = 200mA, Irr = 0.1 x IR, RL = 100W
Forward Voltage Drop (Note 2) Peak Reverse Current (Note 2) Total Capacitance Reverse Recovery Time Notes:
1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect.
DS11013 Rev. 13 - 2
1 of 2
SD103AW-SD103CW
500
1000
Pd, POWER DISSIPATION (mW)
400
IF, FORWARD CURRENT (mA)
0 25 125 150
100
300
10
200
1.0
100
0.10
0
0.01
50 75 100
0
0.5 VF, FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
1.0
100
TA, AMBIENT TEMPERATURE (C) Fig.1 Power Derating Curve
CT, TOTAL CAPACITANCE (pF)
10
1.0
0.1 0 10 20 30 40 VR, REVERSE VOLTAGE (V) Fig. 3 Typ. Total Capacitance vs Reverse Voltage
Ordering Information (Note 3)
Device SD103AW-7 SD103BW-7 SD103CW-7 Note: Packaging SOD-123 SOD-123 SOD-123 Shipping 3000/Tape and Reel 3000/Tape and Ree 3000/Tape and Ree
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XX
Date Code Key Year Code Month Code Jan 1 Feb 2 1998 J March 3 Apr 4 1999 K
XX = Product Type Marking Code YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September) 2000 L 2001 M Jul 7 2002 N Aug 8 Sep 9 2003 P Oct O 2004 R Nov N 2005 S Dec D
May 5
YM
Jun 6
DS11013 Rev. 13 - 2
2 of 2
SD103AW-SD103CW


▲Up To Search▲   

 
Price & Availability of SD103AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X