Part Number Hot Search : 
HZ4B2 2C100 CZB2B 40100 2SK239 CYWB012X 74VCX1 LUGY59W
Product Description
Full Text Search
 

To Download S80203103BE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S Series Slide Switches
Features/Benefits
S S S S S S S
6 to 15 AMPS Enclosed housing PC and Snap-in panel mounting Reversing option
Models Available
Typical Applications
Portable tools Small appliances Floor care products
Build-A-Switch
Our easy Build-A-Switch concept allows you to mix and match options to create the switch you need. Below is a complete listing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate box. Switches with standard options are shown on page E-31. Available options are shown and described on pages E-32 thru E-35. For additional options not shown in catalog, consult Customer Service Center.
Typical Example:
Switch Function S101 (STD.) SPST, 6 AMPS S202 (STD.) DPDT, 6 AMPS S802 (STD.) DPDT, 15 AMPS S102 SPDT, 6 AMPS S111 SPST, mom., 6 AMPS S112 SPDT, mom., 6 AMPS S201 DPST, 6 AMPS S501 SPST, 12 AMPS S502 SPDT, 12 AMPS S511 SPST, mom., 12 AMPS S512 SPDT, mom., 12 AMPS S601 DPST, 12 AMPS S602 DPDT, 12 AMPS S701 SPST, 15 AMPS S702 SPDT, 15 AMPS S711 SPST, mom., 15 AMPS S712 SPDT, mom., 15 AMPS S801 DPST, 15 AMPS
S10
1
0
3
1
S
S
0
3
Q
Actuator 03 (STD.) .335 high 04 .500 high 09 .250 high 12 Screwdriver slot (with marking) 13 Screwdriver slot (without marking) C1 White snap-on cap C2 Black cap C3 Red cap CT Beige cap
Detent 1 (STD.) With detent 2 (STD.) Without detent Mounting Style SS (STD.) Panel with mounting ears MS PC thru-hole Terminations S1 Snap-in panel 03 (STD.) Solder lug with hole S2 Snap-in panel 01 Solder lug with notch S3 Snap-in panel 02 PC Thru-hole ST Snap-in panel 04 PC Thru-hole 07 08 51 52 53 54 57 WC WR Quick connect PC Thru-hole Reversing feature Reversing feature Reversing feature Reversing feature Reversing feature Wire lead Reversing feature Housing Markings NONE (STD.) No markings D ON-OFF L ON M ON-OFF N Red rectangle on one end Contact Material Q (STD.) Silver B Gold G Gold over silver
E Slide
Seal NONE (STD.) No seal E Epoxy seal
E-30
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846 Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602 S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
Rev. A 8/99
S Series Slide Switches
Specifications
CONTACT RATING: Q contact material (S1XX, S2XX Models): 6 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL / CSA). (S5XX, S6XX Models): 12 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL / CSA). (S7XX, S8XX Models): 15 AMPS @ 125 V AC; 6AMPS @ 250 V AC (UL / CSA). See page E-35 for additional ratings. ELECTRICAL LIFE: 10,000 make-and-break cycles at full load. CONTACT RESISTANCE: Below 10 milliohms typ. initial @ 2-4 V DC, 100 mA, for both silver and gold plated contacts. INSULATION RESISTANCE: 109 ohms min. DIELECTRIC STRENGTH: 1,000 V RMS min. @ sea level.
Materials
HOUSING: 6/6 nylon (UL94V-2), black. TOP PLATE: 6/6 nylon (UL94V-2), black. ACTUATOR: 6/6 nylon (UL94V-2), black (standard). CONTACTS: Q contact material: Copper, silver plated. See page E-35 for additional contact materials. TERMINALS: Q contact material: Copper, silver plated. See page E-35 for additional contact materials. CONTACT SPRING: Music wire or stainless steel. TERMINAL SEAL: Epoxy.
NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
SWITCHES WITH STANDARD OPTIONS
S101031SS03Q
SPST
PART NUMBER
FUNCTION SPST
AMP RATING 6
S101031SS03Q
NOTE: For panel mounting information, see page E-33.
E Slide
S202031SS03Q
DPDT
AMP RATING 6
PART NUMBER
FUNCTION DPDT
S202031SS03Q
NOTE: For panel mounting information, see page E-33.
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846 Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602 S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
Rev. A 8/99
E-31
S Series Slide Switches
SWITCH FUNCTION
AVAILABLE MOUNTING STYLES MM,SS
3
NO. POLES
MODEL NO.
AMP RATING 6 6 6 6 12 12 12 12
SWITCH FUNCTION SPST SPDT SPST - MOM. SPDT - MOM. SPST SPDT SPST - MOM. SPDT - MOM.
SCHEMATIC
1 2
NO. POLES
MODEL NO.
AMP RATING
SWITCH FUNCTION
SCHEMATIC
1 2
AVAILABLE MOUNTING STYLES
S101 (STD.) S102 S111 S112 S501 S502
SP
S201
6
DPST
4 1 5 2 3
MS,SS
1
2
MS MS
1
2
S202 (STD.)
6
DPDT
4 5 2 6
MS,SS
S512 S701 S702 S711 S712
15 15 15 15
SPST SPDT SPST - MOM. SPDT - MOM.
NOTE:
1
2
3
S1, S2, S3, ST
All models
Contacts make on side actuator thrown.
ACTUATOR
09
.250 HIGH
03
(STD.) .335 HIGH
04
.500 HIGH
NOTE: Standard actuator color is black, other colors available, consult Customer Service Center. Alternate heights are available with `03, 04, 09 and 10' actuators, consult Customer Service Center. Models with `S1, S2, S3 and ST' mounting style, subtract .090 (2, 29). Actuators `12' and `13' are available with DPST and DPDT models only.
E Slide
C1-CT
SNAP-ON CAP OPTION CODE2 C1-CT CAP COLOR (STD.) BLACK WHITE RED BEIGE NOTE: Actuator finish: matte. If no color is specified, black will be supplied. Colored actuator caps may also be ordered separately and user installed, see page L-9.
C2 C1 C3
Available with `S1, S2, S3 and ST' mounting style only.
CT
DETENT
1 2
(STD.) WITH DETENT Standard with all maintained models: S101, S102, S103, S202, S203, S501, S502, S601, S602, S701, S702, S801 and S802. (STD.) WITHOUT DETENT Standard with all momentary models: S111, S112, S511, S512, S711 and S712.
E-32
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846 Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602 S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
Rev. A 8/99
OO
O OO
1 2 1 2 1 2 1 2
S511
OO O
1 2 1 2 1 2 1 2
3
MS,SS MS,SS
1
S601
DP
12
DPST
4 5 2 3
MS,SS
3
MS,SS MS,SS
1
S602
3
12
DPDT
4 1 5 2 6
MS,SS
MS,SS
S801
15
DPST
4 1 5 2 3
S1, S2, S3, ST
S1, S2, S3, ST
3
S1, S2, S3, ST S1, S2, S3, ST
S802 (STD.)
15
DPDT
4 5 6
S1, S2, S3, ST
O OO
and MOM. in table indicates momentary action. with all options when ordered with `G' or `Q' contact material.
12
SCREWDRIVER SLOT (WITH MARKING)
13
SCREWDRIVER SLOT (WITHOUT MARKING)
White 115-230 markings (std.).
Without markings.
S Series Slide Switches
MOUNTING STYLE
SS
(STD.) PANEL WITH MOUNTING EARS
PANEL MOUNTING
S202031SS03Q
AVAILABLE WITH: Models: S101, S102, S111, S112, S201, S202, S501, S502, S511, S512, S601 and S602 Terminations: All except 08 Actuators: 03, 04, 09, 10, 12* and 13* *12 and 13 actuators not available with S1XX models.
DPDT
MS
PC THRU-HOLE
AVAILABLE WITH: Models: S101, S111, S102, S112, S201, S202. Terminations: 02, 04, 08, 52 and 54 Actuators: 03, 04, 09, 10, 12* and 13* *12 and 13 actuators available with S201, S202, S601 and S602 models only. PC MOUNTING For mounting information, see TERMINATIONS section, page E-34.
S202031MS02Q
DPDT
S1-ST
SNAP-IN PANEL
PANEL MOUNTING
E Slide
PANEL THICKNESS: .020 (0,57) - .200 (5,08)
S802C21S207Q
DPDT
AVAILABLE WITH: OPTION CODE TOP PLATE COLOR (STD.) BLACK WHITE RED BEIGE NOTE: Housing top plate finish: matte. If no color is specified, black will be supplied. Models: S701, S702, S711, S712, S801 and S802 Terminations: 04, 07, 54, 57, WC and WR Actuators: C1, C2, C3, CT and 03
S2 S1 S3 ST
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846 Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602 S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
Rev. A 8/99
E-33
S Series Slide Switches
TERMINATIONS
03
(STD.) SOLDER LUG WITH HOLE
01
SOLDER LUG WITH NOTCH
02
PC THRU-HOLE
04
PC THRU-HOLE
PC MOUNTING
02 & 04 terminations
Recommended with `MS' mounting style only.
Recommended with double pole models only.
07
QUICK CONNECT
08
PC THRU-HOLE .113$.015 (2,87$0,38) .118$.015 (3,00$0,38)
WC WIRE LEAD
08 terminations with MS mounting style.
.503$.015 (12,78$0,38) MS mounting style only.
.140 (3,56)
.368$.015 (9,35$0,38) 18 AWG wire for S1XX and S2XX models. 16 AWG wire for all other models. Black wire standard, other colors and lengths available, consult Customer Service Center. UL style 1015.
NOTE: All terminals on S1XX, S2XX, S5XX and S6XX models are .020 (0,51) thick; all terminals on S7XX and S8XX models are .031 (0,79) thick.
REVERSING SWITCH OPTION
REVERSING SWITCH TERMINATION OPTIONS OPTION CODE
DESCRIPTION 01 TERMINALS + REVERSING FEATURE 02 TERMINALS + REVERSING FEATURE 03 TERMINALS + REVERSING FEATURE 04 TERMINALS + REVERSING FEATURE 07 TERMINALS + REVERSING FEATURE WC TERMINALS + REVERSING FEATURE
51 52 53 54
DPST and DPDT models are only available with two diagonal terminal jumper strips, providing reversing capability. Select desired termination option from chart.
57 WR
E Slide
NONE
(STD.) NO MARKINGS
TOP PLATE MARKINGS
D
ON-OFF
L
ON
M
ON-OFF
N
RED RECTANGLE ON ONE END
NOTE: Top plate markings are available with `S1, S2, S3 and ST' mounting style only. The marking color on all top plates with marking options `D, L and M' is white, standard. (except white top plates: marking color is black, standard). The marking color on all top plates with `N' marking option is red, standard. Other marking colors are available, consult Customer Service Center.
Note: Orientation of actuator markings and terminals.
E-34
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846 Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602 S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
Rev. A 8/99
S Series Slide Switches
CONTACT MATERIAL
OPTION CODE
CONTACT AND TERMINAL MATERIAL
RATINGS S1XX, S2XX MODELS: 6 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL / CSA). S5XX, S6XX MODELS: 12 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL / CSA). S7XX, S8XX MODELS: 15 AMPS @ 125 V AC; 6 AMPS @ 250 V AC (UL / CSA). 0.4 VA MAX. @20 V AC OR DC max. S1XX, S2XX MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR 6 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL / CSA). S5XX, S6XX MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR 12 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL / CSA). S7XX, S8XX MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR 15 AMPS @ 125 V AC; 6 AMPS @ 250 V AC (UL / CSA).
Q (STD.)
SILVER 2
POWER
B
GOLD 1
LOW LEVEL / DRY CIRCUIT
G
GOLD OVER SILVER 3
LOW LEVEL / DRY CIRCUIT OR POWER
CONTACT MATERIAL / APPLICATION RECOMMENDATIONS -- SEE CHART, PAGE L-31.
1 2
CONTACTS & TERMINALS: Copper, with gold plate over nickel plate. CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options). 3 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate over silver plate.
All models
with all options when ordered with `G' or `Q' contact material.
NOTE: `G' contact material is equivalent to both `B' and `Q' contact materials.
SEAL
NONE
(STD.) NO SEAL
E
EPOXY SEAL
EPOXY
.075 MAX. (1,91)
E Slide
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846 Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602 S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
Rev. A 8/99
E-35


▲Up To Search▲   

 
Price & Availability of S80203103BE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X