Part Number Hot Search : 
2E3UM 82186 TC500 MC3405 704MNQ B89P8 MC92307 LR736
Product Description
Full Text Search
 

To Download S101031SS03DQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K S Series Slide Switches
Features/Benefits * 6 to 15 AMPS * Enclosed housing * PC and Snap-in panel mounting * Reversing option * RoHS compliant Typical Applications * Portable tools * Small appliances * Floor care products
Models Available
Specifications
CONTACT RATING: Q contact material (S1XX, S2XX Models): 6 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL/CSA). (S5XX, S6XX Models): 12 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL/CSA). (S7XX, S8XX Models): 15 AMPS @ 125 V AC; 6AMPS @ 250 V AC (UL/CSA). See page J-31 for additional ratings. ELECTRICAL LIFE: 10,000 make-and-break cycles at full load. CONTACT RESISTANCE: Below 10 m typ. initial @ 2-4 V DC, 100 mA, for both silver and gold plated contacts. INSULATION RESISTANCE: 109 min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: -30C to +65C STORAGE TEMPERATURE: -30C to +85C
Materials
HOUSING: 6/6 nylon (UL94V-2), black. TOP PLATE: 6/6 nylon (UL94V-2), black. ACTUATOR: 6/6 nylon (UL94V-2), black (standard). CONTACTS: Q contact material: Copper, silver plated. See page J-31 for additional contact materials. TERMINALS: Q contact material: Copper, silver plated. See page J-31 for additional contact materials. CONTACT SPRING: Music wire or stainless steel. TERMINAL SEAL: Epoxy.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
J Slide
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages J-28 through J-31. For additional options not shown in catalog, consult Customer Service Center.
Switch Function S101 SPST, 6 AMPS S202 (DPDT, 6 AMPS S802 DPDT, 15 AMPS S102 SPDT, 6AMPS S112 SPDT, mom., 6 AMPS S201 DPST, 6 AMPS S602 DPDT, 12 AMPS S701 SPST, 15 AMPS S702 SPDT, 15 AMPS
Actuator 03 .335" high 04 .500" high 09 .250" high 12 Screwdriver slot (with marking) 13 Screwdriver slot (without marking) C2 Black cap C3 Red cap C5 Yellow cap
Detent 1 With detent 2 Without detent Mounting Style SS Panel with mounting ears MS PC thru-hole S2 Snap-in panel with blacktop plate TS Panel with mounting ears Terminations 03 Solder lug with hole 02 PC Thru-hole 04 PC Thru-hole 07 Quick connect 08 PC Thru-hole WC Wire lead
Housing Markings NONE No markings D ON-OFF L ON M ON-OFF N Red rectangle on one end Contact Material Q Silver B Gold G Gold over silver
Seal NONE No seal E Epoxy seal
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-27
www.ittcannon.com
C&K S Series Slide Switches
SWITCH FUNCTION
NO. POLES MODEL NO. AMP RATING SWITCH FUNCTION AVAILABLE MOUNTING STYLES NO. POLES MODEL NO. AMP RATING 6 SWITCH FUNCTION DPST AVAILABLE MOUNTING STYLES MS,SS,TS
SCHEMATIC
SCHEMATIC
S101 S102
SP
6
SPST
MM
S201
,SS
6
SPDT
MS,SS
S202 S112 S701
6 SPDT-MOM. MS,SS DP
6
DPDT
MS,SS, TS
15
SPST
S1,S2,S3,ST
S602
12
DPDT
MS,SS, TS
J Slide
S702
15
SPDT
S1,S2,S3,ST
S802
15
DPDT
S1,S2,S3,ST
SPST
DPDT
Part number shown: S101031SS03Q
Part number shown: S202031SS03Q
NOTE: and MOM. in table indicates momentary action. All models with all options when ordered with `G' or `Q' contact material.
Contacts make on side actuator thrown.
ACTUATOR
03
.335" HIGH
04
.500" HIGH
09
.250" HIGH
12
SCREWDRIVER SLOT (WITH MARKING)
13
SCREWDRIVER SLOT (WITHOUT MARKING)
NOTE: Standard actuator color is black, other colors available, consult Customer Service Center. Alternate heights are available with `03, 04 and 09' actuators, consult Customer Service Center. Models with S2 mounting style, subtract .090 (2, 29). Actuators `12' and `13' are available with DPST and DPDT models only.
White 115-230 markings (std.).
Without markings.
C2; C3; C5
SNAP-ON CAP OPTION CODE2 C1-CT CAP COLOR BLACK RED YELLOW NOTE: Actuator finish: matte. If no color is specified, black will be supplied. Colored actuator caps may also be ordered separately and user installed, see page J-31.
C2 C3 C5
Available with S2 mounting style only.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-28
www.ittcannon.com
C&K S Series Slide Switches
DETENT
1 2
WITH DETENT Standard with all maintained models: S101, S102, S201, S202, S602, S701, S702, and S802. WITHOUT DETENT Standard with all momentary models: S112.
MOUNTING STYLE
SS
PANEL WITH MOUNTING EARS
PANEL MOUNTING AVAILABLE WITH: Models: S101, S102, S112, S201, S202 and S602 Terminations: All except 08 Actuators: 03, 04, 09, 12* and 13*. *12 and 13 actuators not available with S1XX models.
J Slide
S202031SS03Q
DPDT
MS
PC THRU-HOLE
AVAILABLE WITH: Models: S101, S102, S112, S201, S202 Terminations: 02, 04 and 08 Actuators: 03, 04, 09, 12* and 13* *12 and 13 actuators available with S201, S202 and S602 models only. PC MOUNTING
S202031MS02Q
For mounting information, see TERMINATIONS section, page J-30.
DPDT
S2
SNAP-IN PANEL
PANEL MOUNTING
S802C21S207Q
DPDT
PANEL THICKNESS: .020(0,57)-.200(5,08) AVAILABLE WITH: Models: S701, S702, and S802 Terminations: 04, 07, 57 and WC Actuators: C2, C3, C5 and 03
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-29
www.ittcannon.com
C&K S Series Slide Switches
MOUNTING STYLE
TS
PANEL WITH MOUNTING EARS
PANEL MOUNTING
S202031TS03Q
DPDT
J Slide
AVAILABLE WITH: Models: S201, S202, and S602 Terminations: All Actuators: 03, 04 and 12.
TERMINATIONS
03
SOLDER LUG WITH HOLE
02
PC THRU-HOLE
04
PC THRU-HOLE PC MOUNTING
02 & 04 terminations
Recommended with `MS' mounting style only.
Recommended with double pole models only.
07
QUICK CONNECT
08
PC THRU-HOLE .113 .015 (2,87 0,38) .118 .015 (3,00 0,38)
WC
WIRE LEAD
08 terminations with MS mounting style.
.503 .015 (12,78 0,38) MS mounting style only. NOTE: All terminals on S1XX, S2XX and S6XX models are .020 (0,51) thick; all terminals on S7XX and S8XX models are .031 (0,79) thick.
.140 (3,56)
.368 .015 (9,35 0,38)
18 AWG wire for S1XX and S2XX models. 16 AWG wire for all other models. Black wire standard, other colors and lengths available, consult Customer Service Center. UL style 1015.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-30
www.ittcannon.com
C&K S Series Slide Switches
TOP PLATE MARKINGS
NONE
NO MARKINGS
D
ON-OFF
L
ON
M
ON-OFF
N
RED RECTANGLE ON ONE END
NOTE: Top plate markings are available with `S2' mounting style only. The marking color on all top plates with marking options `D, L and M' is white, standard. (except white top plates: marking color is black, standard). The marking color on all top plates with `N' marking option is red, standard. Other marking colors are available, consult Customer Service Center.
Note: Orientation of actuator markings and terminals.
J Slide
CONTACT MATERIAL
OPTION CODE RoHS COMPLIANT RoHS COMPLIANT CONTACT MATERIAL RATINGS S1XX, S2XX MODELS: 6 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL/CSA). S6XX MODELS: 12 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL/CSA). S7XX, S8XX MODELS: 15 AMPS @ 125 V AC; 6 AMPS @ 250 V AC (UL/CSA). 0.4 VA MAX. @20 V AC OR DC max. S1XX, S2XX MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR 6 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL/CSA). S6XX MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR 12 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL/CSA). S7XX, S8XX MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR 15 AMPS @ 125 V AC; 6 AMPS @ 250 V AC (UL/CSA).
Q
YES
YES
SILVER 2
POWER
B
YES
YES
GOLD 1
LOW LEVEL/DRY CIRCUIT
G
YES
YES
GOLD OVER SILVER 3
LOW LEVEL/DRY CIRCUIT OR POWER
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 2 3
CONTACTS & TERMINALS: Copper, with gold plate over nickel plate. CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options). CONTACTS & TERMINALS: Copper, with gold plate over nickel plate over silver plate.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models with all options when ordered with `G' or `Q' contact material.
NOTE: `G' contact material is equivalent to both `B' and `Q' contact materials.
SEAL
NONE
NO SEAL
E
EPOXY SEAL EPOXY .075 MAX. (1,91)
AVAILABLE HARDWARE
Cap, C2; C3 actuators Cap, 03 actuator
PART NO.
PART NO.
121160100 WHITE 121160200 BLACK 121160300 RED
Material: 6/6 Nylon Finish: Matte
121000101 WHITE 121000102 BLACK 121000103 RED
Material: 6/6 Nylon Finish: Gloss
NOTE: Other cap colors available, consult Customer Service Center.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-31
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of S101031SS03DQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X