|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Damper Diodes (For Display) Absolute Maximum Ratings Parameter Type No. VRM (V) IF (AV) (A) ( ) is with Heatsink Electrical Characteristics (Ta = 25C) Tstg (C) VF (V) max IF (A) IR (H) IR (A) (A) VR = VRM VR = VRM max Ta =100C max Others IFSM (A) 50Hz Half-cycle Sinewave Single Shot Tj (C) trr (s) IF/IRP (mA) t rr (s) IF/IRP (mA) Rth (j- ) (C/ W) Mass Fig. (g) RU 4D 1300 1.2 (1.5) 1.8 1.5 (2.5) 1500 2.0 50 -40 to +150 1.7 1.5 0.4 3.0 2.0 50 500 0.7 500/500 0.3 0.18 500/1000 10.0 1.0 B 8.0 1.2 A RU 4DS RP 3F RU 4D 2.0 IF(AV) (A) Ta--IF(AV) Derating 20*20*1t Cu VF-- IF Characteristics (Typical) 30 IFSM (A) IFMS Rating 50 IFSM (A) 20ms 10 1.5 Forward Current IF (A) 40 Average Forward Current 1 Peak Forward Surge Current 5mm 5mm 30 1.0 W ith ou W ith He at sin ea tH 0.1 0.5 Ta=140C 100C 28C 20 k ts in k 0.01 10 0 0.001 0 25 40 50 60 75 100 125 Ambient Temperature Ta (C) 150 0 0.5 1.0 1.5 2.0 Forward Voltage VF (V) 2.5 0 1 5 10 Overcurrent Cycles 50 RU 4DS 3.0 Average Forward Current IF(AV) (A) Ta--IF(AV) Derating 20*20*1t Cu VF-- IF Characteristics (Typical) IFSM (A) IFMS Rating 50 IFSM (A) 20ms 20 10 Forward Current IF (A) 2.5 5mm 5mm 40 2.0 ink ats He ith W 1 Peak Forward Surge Current 30 1.5 W 0.1 1.0 0.5 0 ith ou tH ea ts 0.01 in Ta=150C 100C 60C 26C 20 10 k 0 25 50 60 75 100 125 Ambient Temperature Ta (C) 150 0.001 0 0.5 1.0 1.5 Forward Voltage VF (V) 2.0 0 1 5 10 Overcurrent Cycles 50 RP 3F 2.5 IF(AV) (A) Ta--IF(AV) Derating 10mm VF-- IF Characteristics (Typical) IFSM (A) IFMS Rating 50 IFSM (A) 20ms 20 10 Forward Current IF (A) 2.0 P. C. B. t 1.6 Solder Land 10 40 1 1.5 Peak Forward Surge Current Average Forward Current 30 0.1 1.0 0.5 0.01 Ta=150C 100C 60C 25C 20 10 0 0 25 50 75 100 125 Ambient Temperature Ta (C) 150 0.001 0 0.5 1.0 1.5 Forward Voltage VF (V) 2.0 0 1 5 10 Overcurrent Cycles 50 External Dimensions (Unit: mm) (Full-mold) Flammability: UL94V-0 or Equivalent Fig. A 1.40.1 Cathode Mark Fig. B 1.2 0.05 Cathode Mark 62.5 0.7 6.5 0.2 50.0 1.0 8.0 0.2 9.1 0.2 5.2 0.2 73 |
Price & Availability of RU4D |