Part Number Hot Search : 
BAT46AW ED06D5 2N7002S AD7150 TRRPB SB100 2SK3212 CNX62
Product Description
Full Text Search
 

To Download RL152G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHANGHAI SUNRISE ELECTRONICS CO., LTD. RL151G THRU RL157G
GLASS PASSIVATED JUNCTION RECTIFIER
VOLTAGE: 50 TO 1000V CURRENT: 1.5A
FEATURES
* Molded case feature for auto insertion * Glass passivated chip * High current capability * Low leakage current * High surge capability * High temperature soldering guaranteed: 250oC/10sec/0.375"(9.5mm) lead length at 5 lbs tension
TECHNICAL SPECIFICATION
DO - 15
MECHANICAL DATA
* Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C * Case: Molded with UL-94 Class V-O recognized flame retardant epoxy * Polarity: Color band denotes cathode * Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25oC, unless otherwise stated, for capacitive load, derate current by 20%)
RATINGS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (9.5mm lead length, at Ta=75oC) Peak Forward Surge Current (8.3ms single half sine-wave superimposed on rated load) Maximum Instantaneous Forward Voltage (at rated forward current) Maximum DC Reverse Current Ta=25oC (at rated DC blocking voltage) Ta=100 C
o
SYMBOL VRRM VRMS VDC IF(AV) IFSM VF IR
RL RL RL 151G 152G 153G 50 100 200 35 70 140 50 100 200
RL 154G 400 280 400
1.5 60.0 1.1 5.0 50
RL 155G 600 420 600
RL 156G 800 560 800
RL UNITS 157G 1000 V 700 V 1000 V
A A V A A pF
o
20.0 CJ Typical Junction Capacitance (Note 1) 40 Typical Thermal Resistance (Note 2) R(ja) -65 to +150 Storage and Operation Junction Temperature TSTG,TJ Note: 1.Measured at 1.0 MHz and applied voltage of 4.0Vdc 2.Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C. board mounted
C/W o C
http://www.sse-diode.com


▲Up To Search▲   

 
Price & Availability of RL152G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X