Part Number Hot Search : 
DL4745A C1008 LC74411 MUR824 MSK186 CPZRL7 10NB60SD BCM8210
Product Description
Full Text Search
 

To Download QID0630006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QID0630006
Powerex Inc., 200 Hillis St., Youngwood, PA 15697 (724) 925-7272 Dual IGBT H-Series Hermetic Module 300 Amperes/600 Volts
Description: Powerex IGBT Hermetic modules are designed for use in switching applications. Each Module consists of two IGBT transistors in a half bridge configuration with each transistor having a reverse connected super fast recovery free wheel diode. All components are located in a hermetically sealed chamber and are electrically isolated from the heat sinking base plate, offering simplified system assembly and thermal management. Features: Low Drive Power Low VCE(sat) Discrete Fast Recovery Free-Wheel Diode High Frequency Operation (2025kHz) Isolated Base plate for Easy Heat sinking Fully Hermetic Package Package Design Capable of Use at High Altitudes Schematic:
Applications: AC Motor Control Motion/Servo Control Air Craft Applications Ordering Information: Contact Powerex Custom Modules
Page 1
4/11/2001
QID0630006
Powerex Inc., 200 Hillis St., Youngwood, PA 15697 (724) 925-7272 Dual IGBT H-Series Hermetic Module 300 Amperes/600 Volts
Maximum Ratings, Tj=25C unless otherwise specified
Ratings Collector Emitter Voltage Gate Emitter Voltage Collector Current Peak Collector Current Diode Forward Current Diode Forward Surge Current Power Dissipation V Isolation Symbol VCES VGES IC ICM IFM IFM Pd VRMS 600 20 300 600* 300 600* 1100 2500 Units Volts Volts Amperes Amperes Amperes Amperes Watts Volts
Static Electrical Characteristics, Tj=25C unless otherwise specified
Characteristic Collector Cutoff Current Gate Leakage Current Gate-Emitter Threshold Voltage Collector-Emitter Saturation Voltage Symbol ICES IGES VGE(th) VCE(sat) VCE(sat) Test Conditions VCE=VCES VCE=0V IC=30mA, VCE=10V IC=300A, VGE=15V IC=300A, VGE=15V, Tj=150C VCC=300V, IC=300A, VGS=15V IE=300A, VGS=0V Min Typ Max 1.0 0.5 7.5 2.8 Units mA A Volts Volts Volts
4.5
6.0 2.1 2.15
Total Gate Charge
QG
900
nC
Diode Forward Voltage
VFM
2.8
Volts
Dynamic Electrical Characteristics, Tj=25C unless otherwise specified
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn on Delay time Rise Time Turn off delay time Fall Time Diode Reverse Recovery Time Diode reverse Recovery Charge Symbol Cies Coes Cres td(on) tr td(off) tf trr Qrr Test Conditions VGE=0V VCE=10V f=1MHz VCC=300V IC=300A VGE1=VGE2=15 V RG=2.1 IE=300A diE/dt=600A/S Min Typ Max 30 10.5 6 350 600 350 300 150 0.81 Units nF nF nF nS nS nS nS nS C
Thermal and Mechanical Characteristics, Tj=25C unless otherwise specified
Characteristic Thermal Resistance, Junction to Case Thermal Resistance, Junction to Case Symbol RJC RJC Test Conditions Per IGBT Per Diode Min Typ Max 0.11 0.24 Units C/W C/W
Page 2
4/11/2001
QID0630006
Powerex Inc., 200 Hillis St., Youngwood, PA 15697 (724) 925-7272 Dual IGBT H-Series Hermetic Module 300 Amperes/600 Volts
Page 3
4/11/2001
QID0630006
Powerex Inc., 200 Hillis St., Youngwood, PA 15697 (724) 925-7272 Dual IGBT H-Series Hermetic Module 300 Amperes/600 Volts
Page 4
4/11/2001


▲Up To Search▲   

 
Price & Availability of QID0630006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X