Part Number Hot Search : 
SPS8050 NSSW088 RFACEB T2222 12VDC 222M1 LT1529 78R00
Product Description
Full Text Search
 

To Download OMR7805ST Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OMR7805SR OMR7812SR OMR7815SR
OMR7805ST OMR7812ST OMR7815ST
OMR7805NM OMR7812NM OMR7815NM
OMR7805NH OMR7812NH OMR7815NH
300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
300K Rad Tolerant Three Terminal, Positive Fixed Voltage Regulators In Hermetic Packages
Please see mechanical outlines herein
FEATURES
* * * * * * * Isolated & Non-Isolated Hermetic Packages Output Voltages: +5V, +12V, +15V (Other Voltages Available) Output Voltages Set Internally To 1% or 2% Built-In Thermal Overload Protection Short Circuit Current Limiting Radiation Tolerant up to 450 K Rad (Si) Available Hi-Rel Screened, Class B and Class S, MIL-STD-883
DESCRIPTION
These three terminal negative regulators are supplied in a high density hermetically sealed metal package and are available hi-rel screened. All protective features are designed into the circuit, including thermal shutdown, current limiting and safe-area control. With heat sinking, they can deliver over 1.5 amps of output current. These units feature internally trimmed output voltages to 1% or 2% of nominal voltage. Standard voltages are +5V, +12V, and +15V. However, other voltages are available up to +24 volts. These devices are ideally suited for Space applications where small size, high reliability, and radiation tolerance is required. The high level of Radiation Tolerance of these devices makes them a desirable choice for LEO and many MEO and GEO communication satellites. Radiation testing is performed on a single wafer by wafer basis. Random die samples per wafer are selected, packaged and radiation tested to qualify each individual semiconductor wafer-by-wafer.
ABSOLUTE MAXIMUM RATINGS @ 25C
Input Voltage . . . . . . .. . . .. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -35 V Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 55C to + 150C Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65C to + 150C Power Dissipation: TO-205. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1 W TO-257/SMD-1/ D2 Pac . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 W Lead Temperature (Soldering 10 seconds). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300C Surface Mount Package Soldering Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250C Thermal Resistance, Junction to Case: TO-205. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .17C/W TO-257(Isolated), D2 Pac (Isolated) . . . . . . . . . . . . .. . . . . . . . . . . . . . . . . 4.2C/W SMD-1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .. . . . . . . . . . . . . . . . . . 3.5C/W Maximum Output Current: TO-205 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.5 A TCase-All Others . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.3A Radiation Tolerant - Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300 K Rad (Si)
0 04 R1 Supersedes 9 12 R0
OMR7805SR OMR7812SR OMR7815SR
Parameter
OMR7805ST OMR7812ST OMR7815ST
Symbol VOUT VRLINE
OMR7805NM OMR7812NM OMR7815NM
Test Conditions TA = 25C VIN = 7.5V to 20V
OMR7805NH OMR7812NH OMR7815NH
Min. 4.92 Max. 5.08 5.15 5 Unit V V mV mV mV mV mV mV mV mV mA mA mA
ELECTRICAL CHARACTERISTICS 5 Volt
Output Voltage
VIN = 10V, Io = 500mA, -55C TA 125C (unless otherwise specified)
* *
4.85
Line Regulation (Note 1)
VIN = 7.5V to 20V VIN = 8.0V to 12V
12 4
*
Load Regulation (Note 1) IO = 250mA to 750 mA VRLOAD IO = 5mA to 1.5 Amp
10 12
* *
25 6 15 6
Standby Current Drain
ISCD ISCD (Line) ISCD (Load) VDO IO (pk) IDS VIN VOUT NO VOUT t TA = 25C, VOUT = 100mV, IO = 1.0A TA = 25C VIN = 35V 1.5 IO = 5mA to 1000mA VIN = 7.5V to 20V
Standby Current Drain Change With Line Standby Current Drain Change With Load Dropout Voltage Peak Output Current Short Circuit Current (Note 2) Ripple Rejection
* * *
6.5 0.8
0.5
mA
2.5 3.3 1.2
V A A A dB dB
*
f =120 Hz, VIN = 10V (Note 3) TA = 25C, f =10 Hz to 100KHz TA = 25C, t = 1000 hrs. 66
2.8
*
60 40
Output Noise Voltage (Note 3) Long Term Stability (Note 3)
V/V RMS
75
mV
ELECTRICAL CHARACTERISTICS 12 Volt
Parameter Output Voltage Symbol VOUT VRLINE
VIN = 19V, Io = 500mA, -55C TA 125C (unless otherwise specified) Min. 11.88 Max. 12.12 12.36 18 Unit V V mV mV mV mV mV mV mV mV mA mA mA
Test Conditions TA = 25C VIN = 14.5V to 27V
* *
11.64
Line Regulation (Note 1)
VIN = 14.5V to 27V VIN = 16V to 22V
50 9
*
Load Regulation (Note 1) IO = 250mA to 750 mA VRLOAD IO = 5mA to 1.5 Amp
30 32
* *
60 20 40 6.0
Standby Current Drain
ISCD ISCD (Line) ISCD (Load) VDO IO (pk) IDS VIN VOUT NO VOUT t VOUT = 100mV, IO = 1.0A TA = 25C VIN = 35V IO = 5mA to 1000mA VIN = 15V to 30V
Standby Current Drain Change With Line Standby Current Drain Change With Load Dropout Voltage Peak Output Current Short Circuit Current (Note 2) Ripple Rejection
* * * *
1.5
6.5 0.8
0.5
mA
2.5 3.3 1.2
V A A A dB dB
*
f =120 Hz, VIN = 10V (Note 3) TA = 25C, f =10 Hz to 100KHz TA = 25C, t = 1000 hrs. 61
2.8
*
54 40
Output Noise Voltage (Note 3) Long Term Stability (Note 3)
V/V RMS
120
mV
Notes: 1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used. Changes in output voltage due to heating effects must be taken into account separately. 2. Short Circuit protection is only assured up to VIN = 35V. 3. If not tested, shall be guaranteed to the specified limits. 4. The * denotes the specifications which apply over the full operating temperature range. 5. Refer to curves for typical characteristics versus Total Dose Radiation Levels.
OMR7805SR OMR7812SR OMR7815SR
ELECTRICAL CHARACTERISTICS 15 Volt
Parameter Output Voltage Symbol VOUT VRLINE
OMR7805ST OMR7812ST OMR7815ST
OMR7805NM OMR7812NM OMR7815NM
Min. 14.8 Max. 15.2 15.4 20
OMR7805NH OMR7812NH OMR7815NH
Unit V V mV mV mV mV mV mV mV mV mA mA mA
VIN = 23V, Io = 500mA, -55C TA 125C (unless otherwise specified)
Test Conditions TA = 25C VIN = 18.5V to 30V
* *
14.6
Line Regulation (Note 1)
VIN = 17.5V to 30V VIN = 20V to 26V
50 15
*
Load Regulation (Note 1) VRLOAD IO = 5mA to 1.5 Amp IO = 5mA to 1.0 Amp IO = 250mA to 750 mA
25 35
* *
75 21 45 6.0
Standby Current Drain
ISCD ISCD (Line) ISCD (Load) VDO IO (pk) IDS VIN VOUT NO VOUT t TA = 25C, VOUT = 100mV, IO = 1.0A TA = 25C VIN = 35V 1.5 IO = 5mA to 1000mA VIN = 18.5V to 30V
Standby Current Drain Change With Line Standby Current Drain Change With Load Dropout Voltage Peak Output Current Short Circuit Current (Note 2) Ripple Rejection
* * *
6.5 0.8
0.5
mA
2.5 3.3 1.2
V A A A dB dB
*
f =120 Hz, VIN = 10V (Note 3) TA = 25C, f =10 Hz to 100KHz TA = 25C, t = 1000 hrs. 54
2.8
*
52 40
Output Noise Voltage (Note 3) Long Term Stability (Note 3)
V/V RMS
150
mV
Notes: 1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used. Changes in output voltage due to heating effects must be taken into account separately. 2. Short Circuit protection is only assured up to VIN = 35V. 3. If not tested, shall be guaranteed to the specified limits. 4. The * denotes the specifications which apply over the full operating temperature range. 5. Refer to curves for typical characteristics versus Total Dose Radiation Levels.
RADIATION TEST PROGRAM
The following chart is a summary of the test data collected on Radiation Tolerant OMR7805/12/15 at various doses. The chart depicts the Total Radiation Dose that each device was exposed to on a step stress irradiation basis prior to failure. Failure is defined as any electrical test that does not meet the limits of the device per the published data sheet specifications after radiation testing.
Omnirel P/N OMR7805/12/15
5K
10K
20K
30K
50K
60K
70K
80K
100K
150K
200
250
300
350
400
450 KRAD
Test Points
X
X
X
X
X
X
OMR7805SR OMR7812SR OMR7815SR
OMR7805ST OMR7812ST OMR7815ST
OMR7805NM OMR7812NM OMR7815NM
OMR7805NH OMR7812NH OMR7815NH
OMNIREL'S RADIATION TEST PROCEDURE
*
* * * * Radiation Testing is performed on a single wafer by wafer basis. Each wafer is identified and a random sample of 5 die per wafer is selected. The die are then individually assembled in a hermetic package, data logged, electrically tested, hi-rel screened and then submitted to radiation testing. The packaged die are submitted to Steady State Total Dose radiation per Method 1019, Condition A, at a dose rate of 50 RAD/sec biased at maximum supply voltage. Final electrical test is performed within two hours of both Total Dose Radiation level from a Cobalt 60 source and 168 hr, 100C annealing process. Read and record data including two non-radiated control samples. * * The wafer is then qualified only if samples from wafers meet full electrical specifications after 150% of total dose rating as specified in each product data sheet. Omnirel's controlling specifications are as follows: For Voltage Regulators the controlling specification is MIL-PRF- 38534/MIL-STD-883. For Rectifiers/Schottky the controlling specification is MIL-PRF-19500/MIL-STD-750.
AVAILABLE PRODUCT SCREENING
Standard Class Level Screening Per MIL-PRF-38535
Screen *Level B Test Method
Wafer Lot Acceptance Non-destructive Bond Pull Pre-Cap Visual Inspection Temperature Cycle Constant Acceleration Visual Inspection PIND Test Serialization Pre-Burn-In Electrical Burn-In Interim Electrical PDA Calculations Final Electrical Fine & Gross Seal Radiographic Conformance Inspection** Final Visual Inspection --------2010 1010 2001 ------------Data Sheet 1015/160 hrs. ----5% Functional Data Sheet 1014 ----GR A 2009
*Level S Test Method
5007 ----2010 1010 2001 ----2020 ----Data Sheet 1015/240hrs. Data Sheet 5% Functional Data Sheet 1014 2012/Two Views GR A 2009
Required
--------100% 100% 100% 100% --------100% 100% ----Lot 100% 100% ----100% Sample
Required
100% ----100% 100% 100% 100% 100% 100% 100% 100% 100% Lot 100% 100% 100% 100% Sample
*Note: For "B" Level Screening add "M" to part number, for "S" Level Screening add "S" to part number. See Part Number Designator. ** Note: Additional conformance inpsection testing, i.e. Group B,C & D optional.
OMR7805SR OMR7812SR OMR7815SR
OM7805STM
OMR7805ST OMR7812ST OMR7815ST
OM7805STM
OMR7805NM OMR7812NM OMR7815NM
Load Regulation
OMR7805NH OMR7812NH OMR7815NH
TYPICAL RADIATION CURVES
Short Circuit Current
10.00
I = 5ma to 1.5 Amps load
3.00
2.50
8.00
Vin = 10v
2.00
1.50
Load Reg (mv)
6.00
Isc (A)
4.00
I = 25ma to 75ma load
1.00
Vin = 35v
2.00
0.50
0.00
0.00 1 10 100 1000
-2.00 1 10 100 1000
Radiation Total Dose (krads)
Radiation Total Dose (krads)
OM7805STM conditions: Vn= 7.5v to 20v i
OM7805STM conditions:load = 5ma to 1Amp I
Output Voltage
0.00
Line Regulation
4.992 4.990
-1.00
4.988 4.986 4.984 4.982 4.980 4.978 4.976 4.974 1 10 100 1000
-2.00
Line Reg (mv)
Vout (V)
-3.00
-4.00
-5.00
-6.00 1 10
OM7812STM conditions: = 5ma to 1.5Amps load I 14.00
Radiation Total Dose (krads)
OM7812STM conditions:load = 5ma to 1Amp I 11.955
100
1000
Output Voltage
Radiation Total Dose (krads)
Load Regulation
12.00
11.950
10.00
11.945
Load Reg (mv
Vout (V)
8.00
11.940
6.00
11.935
4.00
11.930
2.00
0.00
11.925 1
1
10
100
Radiation Total Dose (krads)
1000
10
100
1000
OM7812STM conditions: Vin = 19v 2.500
Radiation Total Dose (krads)
OM7812STM conditions: Vin = 14.5v to 27v 2.00
Short Circuit Current
Line Regulation
0.00
2.000
-2.00
Line Reg (mv)
-6.00
Isc (
1.000 0.500 0.000
1 10 100 1000
-4.00
1.500
-8.00
-10.00
-12.00
-14.00
1
10
100
1000
Radiation Total Dose (krads)
Radiation Total dose (krads)
OMR7805SR OMR7812SR OMR7815SR
OMR7805ST OMR7812ST OMR7815ST
OMR7805NM OMR7812NM OMR7815NM
OMR7805NH OMR7812NH OMR7815NH
TYPICAL RADIATION CURVES
OM7815STM conditions: Vin = 17.5v to 30v
Typical Line Regulation
15.15
OM7815STM conditions: Iload = 5ma to 1Amp
Typical Voltage Output
0.00 -2.00 -4.00 -6.00
Line Reg (mv)
15.05
-10.00 -12.00 -14.00 -16.00 -18.00 -20.00 1 10 100 1000
Vout (vdc
14.95 14.85 1 10 100 1000
-8.00
Radiation Total Dose (k)
Radiation Total Dose (k)
OM7815STM conditions: Vin = 35V
Typical Short Circuit Current
35.00
OM7815STM conditions: I 5ma to 1.5Amps load =
Typical Load Regulat
1.00
0.90
30.00
0.80
25.00
0.70
0.60
(m
0.50
Load Reg.
20.00
Isc (
15.00
0.40
0.30
10.00
0.20
5.00
0.10
0.00
0.00 1 10 100 1000
1
10
100
1000
Radiation Total Dose (k)
Radiation Total Dose
(k)
OMR7805SR OMR7812SR OMR7815SR
OMR7805ST OMR7812ST OMR7815ST
OMR7805NM OMR7812NM OMR7815NM
OMR7805NH OMR7812NH OMR7815NH
TYPICAL PERFORMANCE CHARACTERISTICS
PEAK OUTPUT CURRENT
3.5 3 2.5
DROPOUT VOLTAGE
100
RIPPLE REJECTION
80
Input To Output Differential (V)
2.5 2 1.5
Tj = 150C Tj = 25C
1.5
IOUT = 0A
IOUT = 500mA
Ripple Rejection (dB)
Tj = -55C
2
IOUT = 1A
VOUT = 5V
Output Current (A)
60
1
40
VIN - V = 8VDC + 3.5 Vrms IOUT = 1A Tj = 25C
1 0.5
VOUT = 100mV
0.5
VOUT = 100MV
20
0 0 5 10 15 20 25 30 35
0 -75 -50 -25
0
25
50
75 100 125 150
0 10 100 1k 10k 100k
Input To Output Differential (V)
Junction Temperature (C)
Frequency (Hz)
TYPICAL APPLICATIONS
Fixed Output Regulator Circuit For Increasing Output Voltage
INPUT
OM78XX OM7662SC
OUTPUT
INPUT
OM78XX OM7605SC
VXX R1
OUTPUT
1Ft
0.1F*
1F
IQ
0.1F
R2
*Increasing value of output capacitor improves system transient response. tRequired only if regulator is located an appreciable distance from power supply filter.
VO = VXX (1+ R1 ) + IQ R2
R2
High Output Current, Short Circuit Protected
Adjustable Output Regulator, 7 To 30 Volts
INPUT R1
RSC
INPUT
OM7662SC OM78XX -
OUTPUT
OM78XX
1F
OUTPUT 1F
0.33F
LM741
0.1F 10K
+
OMR7805SR OMR7812SR OMR7815SR
MECHANICAL OUTLINES
.200 .190 .045 .035
OMR7805ST OMR7812ST OMR7815ST
OMR7805NM OMR7812NM OMR7815NM
OMR7805NH OMR7812NH OMR7815NH
"T" P/N DESIGNATOR
.420 .410
"H" P/N DESIGNATOR
.150 .140
.665 .645 .537 .527
123
.430 .410 .038 MAX.
.750 .500
.005
.035 .025
.100 TYP.
.120 TYP.
TO-257AA OMR78XXST Isolated/Front View
Pin 1 Pin 2 Pin 3 Tab Input Ground Output Isolated Add "T" to part number for TO-257 Package
TO-205AF (TO-39) OMR78XXNH Non-Isolated
Pin 1 Input Pin 2 Output Pin 3 Ground (Case) Add "H" to part number for TO-205 Package
"R" P/N DESIGNATOR
"M" P/N DESIGNATOR
.140 .450 .015 .050 .157 .140 .140 .050
1
2
.030 MIN.
123
.625 .415
3
.037
.375
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Hermetic D2 Pac OMR78XXSR Isolated
Pin 1 Pin 2 Pin 3 Tab Front View - Input - Ground - Output - Isolated Add "R" to part number for D2 Pac Package
OMR78XXNM SMD-1
Pin 1 - Input Pin 2 - Output Pin 3 - Ground Add "M" to part number for SMD (Surface Mount Package)
OMR
PART NUMBER DESIGNATOR (Example OMR7805STM) 7805 S T
M
Omnirel Rad-Tolerant
Device Type
Isolated Package
Package Style
Screening Level
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246 Visit Our Web Site at www.omnirel.com


▲Up To Search▲   

 
Price & Availability of OMR7805ST

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X