Part Number Hot Search : 
SI3152V 71256 15T1G Z1360AI SW1215 R3060 MUR1605 VTT1015
Product Description
Full Text Search
 

To Download NTE2054 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2054 Integrated Circuit A/D Converter for 3-Digit Display
Description: The NTE2054 is an I2L monolithic Analog to Digital converter in a 16-Lead DIP type package that provides a 3-digit multiplexed BCD output. This device, when used with an NTE2032 BCD-to- Seven-Segment Decoder/Driver and a minimum of external parts, implements a complete 3-digit display. Features: D Dual-Slope A/D Conversion D Multiplexed BCD Display D Ultra-Stable Internal Band-Gap Voltage Reference D Capable of Reading 99mV below GND with a Single Supply D Differential Input D Internal Timing - No External Clock Required D Choice of Low-Speed (4Hz) or High-Speed (96Hz) Conversion Rate D "Hold" Inhibits Conversion but Maintains Delay Absolute Maximum Ratings: DC Supply Voltage (between Pin7 and Pin14), V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7V Input Voltage (Pin10 or Pin11 to GND), VI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V Device Dissipation (Up to TA = +55C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 750mW Derate Linearly Above TA = +55C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.9mW/C Operating Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Lead Temperature, TL (During Soldering, 1/16 1/32 in. (1.59 0.79mm) from case for 10sec Max) . . . . . . +265C
Electrical Characteristics: (TA = +25C, V+ = 5V, Zero pot centered, gain pot = 2.4k unless otherwise specified)
Parameter Operating Supply Voltage Range Supply Current Input Impedance Input Bias Current Unadjusted Zero Offset Unadjusted Gain Linearity Conversion Rate Slow Mode Fast Mode Conversion Control Voltage (Hold Mode) at Pin6 Common-Mode Input Voltage Range BCD Sink Current at Pin1, Pin2, Pin15, and Pin16 Digit Select Sink Current at Pin3, Pin4, and Pin5 Zero Temperature Coefficient Gain Temperature Coefficient VICR Note 3, Note 4 VBCD 0.5V, at Logic Zero State VDigit Select = 4V at Logic Zero State VI = 0V, Zero Pot Centered VI = 900mV, Gain Pot = 2.4k Symbol V+ I+ Zi IIB Pin10 and Pin11 V11 -V10 = 0V, Read Decoded Output V11 -V10 = 900mV, Read Decoded Output Note 1, Note 2 Pin6 = Open or GND Pin6 = 5V 100k to V+ on Pin3, Pin4, Pin5 Test Conditions Min 4.5 - - - -12 846 -1 - - 0.8 -0.2 0.4 1.6 - - Typ 5.0 - 100 -80 - - - 4 96 1.2 - 1.6 2.5 10 0.005 Max 5.5 17 - - +12 954 +1 - - 1.6 +0.2 - - - - Unit V mA M nA mV mV Count Hz Hz V V mA mA V/V %/C
Note 1. Apply zero volts across V11 to V10. Adjust zero potentiometer to give 000mV reading. Apply 900mV to input and adjust gain potentiometer to give 900mV reading. Note 2. Linearity is measured as a difference from a straight line drawn through zero and positive full scale. Limits do not include 0.5 count bit digitizing error. Note 3. For applications where negative Pin10 is not operated at Pin7 potential, a return path of not more than 100k resistance must be provided for input bias currents. Note 4. The common-mode input voltage above ground cannot exceed +0.2V if the full input signal range of 999mV is required at Pin11. That is, Pin11 may not operate higher than 1.2V positive with respect to GND or 0.2V negative with respect to GND. If the maximum input signal is less than 999mV, the common-mode input voltage may be raised accordingly. Circuit Description: The heart of the NTE2054 is the V/I converter and reference-current generator. The V/I converter converts the input voltage applied between Pin10 and Pin11 to a current that charges the integrating capacitor on Pin12 for a predetermined time interval. At the end of the charging interval, the V/I converter is disconnected from the integrated capacitor, and a band-gap reference constant-current source of opposite polarity is connected. The number of clock counts that elapse before the charge is restored to its original value is a direct measure of the signal induced current. The restoration is sensed by the comparator, which in turn latches the counter. The count is then multiplexed to the BCD outputs.
Circuit Description (Cont'd): The timing for the NTE2054 is supplied by a 786Hz ring oscillator, and the input at Pin6 determines the sampling rate. A 5V input provides a high-speed sampling rate (96Hz), and grounding or floating Pin6 provides a low-speed (4Hz) sampling rate. When Pin6 is fixed at +1.2V (by placing a 12k resistor between Pin6 and the +5V supply) a "hold" feature is available. While the NTE2054 is in the hold mode, sampling continues at 4Hz but the display data are latched to the last reading prior to the application of the 1.2V. Removal of the 1.2V restores continuous display changes. Note, however, that the sampling rate remains at 4Hz. The "EEE" or "---" displays indicate that the range of the system has been exceeded in the positive or negative direction, respectively. Negative voltages to -99mV are displayed with the minus sign in the MSD. The BCD code is 1010 for a negative overrange (---) and 1011 for a positive overrange (EEE).
Pin Connection Diagram BCD Output 21 1 BCD Output 20 2 Digit Select Output NSD 3 Digit Select Output MSD 4 Digit Select Output LSD 5 Hold/Bypass 6 GND 7 Zero Adjust 8 16 BCD Output 23 15 BCD Output 22 14 V (+) 13 Gain Adjust 12 Integrating Cap 11 High Input 10 Low Input 9 Zero Adjust
16
9
1
8
.870 (22.0) Max .200 (5.08) Max
.260 (6.6) Max
.100 (2.54) .700 (17.78)
.099 (2.5) Min


▲Up To Search▲   

 
Price & Availability of NTE2054

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X