Part Number Hot Search : 
SIHF740S CZRA3014 LF198A A132WK BAT30F3 VCO55CL U2702A 0TA17
Product Description
Full Text Search
 

To Download MM1217XS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUMI
Flame Detection Amplifier MM1217
Flame Detection Amplifier
Monolithic IC MM1217
Outline
This IC is comprised of an operation amplifier, a comparator, and a reference power source. It is worthy of note that the input offset voltage and the input offset voltage temperature drift of this operation amplifier are one digit less than those of conventional products regardless of the single power supply. Formerly, offset voltage adjustment was required for flame detection using a thermocouple on gas appliances, but with this IC adjustment is not required. Due to the single power supply, low current consumption, and low offset voltage, two batteries can be used for operation, making it appropriate for equipment that amplifies the very small signal of portable equipment.
Features
General 1. Power supply voltage (single batteries) 2. Current consumption 3. Power supply line elimination ratio Amplifier section 1. Low input offset voltage 2. Low input offset voltage drift (-20C~+75C) 3. Input offset current 4. Input bias current 5. Gain (Open roop) Comparator Section 1. Input offset voltage 2. Low input offset voltage drift (-20C~+75C) 3. Input bias current 4. Output sink current Reference Voltage Section 1. Reference voltag 2. Reference voltage temperature characteristics 3. Output current VCC=1.8V~6V (It is available to operate by two dry cell batteries.) 0.1mA typ. 60dB typ.
0.1mV typ. 1.0V/C typ. 1nA typ. 50nA typ. 100dB typ.
1.0mV typ. 10V/C typ. 25nA typ. 5mA min.
1.27V0.05V 100ppm/C typ. 0.3mA min.
Package
SOP-8C (MM1217XF) SIP-9A (MM1217XS)
Applications
1. Gas burners 2. Instantaneous gas water heaters
MITSUMI
Flame Detection Amplifier MM1217
Pin Assignment
MM1217XF Pin No. 1 1 2 3 4 2 3 SOP-8C MM1217XS 4 5 6 123456789 SIP-9A 7 8 9 Pin Function MM1217XF AIN+ AINAOUT GND COMPINVS COMPOUT VCC MM1217XS AIN+ AINAOUT COMPIN+ GND COMPINVS COMPOUT VCC
8
7
6
5
Pin Function
Pin No.
(SOP-8C) Internal Equivalent Circuit Pin No. Pin Function Internal Equivalent Circuit
Pin Function
1
AIN+
5
COMPIN-
2
AIN-
6
VS
3
AOUT
7
COMPOUT
MITSUMI
Flame Detection Amplifier MM1217
Block Diagram
MM1217XF MM1217XS
Absolute Maximum Ratings
Item Storage temperature Operating temperature Power supply voltage Input voltage
(Ta=25C) Symbol TSTG TOPR VCC max. VIN Pd Specification -40~+125 -20~+75 -0.3~+10 -0.3~+10 MM1217XF MM1217XS 300 470 Units C C V V mW
Allowable power dissipation
Electrical Characteristics
Item Current consumption
(Unless otherwise specified Ta=25C, VCC=3V, VIN=0V) Symbol ICC IOVS1 VS1 VS1 PSRR VCC VI VIOA VIOA IIOA IBA GV IOA VOA RL=100k VIN=10mV, VO1=0.5V VIN=-5~25mV RL=10k 80 0.5 0.01 VCC -1.0 f=100Hz 50 1.8 -0.2 0.3 1.22 1.27 100 60 3.0 6.0 0.3 1.32 Measurement Conditions Min. Typ. Max. Units 0.1 0.15 mA mA V ppm/C dB V V
Reference voltage output current Reference voltage Reference voltage temperature drift Power supply line elimination ratio Power supply voltage range Input voltage range Input offset voltage Input offset voltage temperature drift Amplifier section Input offset current Input bias current Gain Output current Output voltage
0.1 0.35 mV 1.0 1 50 100 3.0 V/C 10 150 nA nA dB mA V
MITSUMI
Flame Detection Amplifier MM1217
Electrical Characteristics
Item Input offset voltage Input offset voltage Comparator Section temperature drift Input bias current Output sink current Output leak current
Unless otherwise specified (Ta=25C, VCC=3V, VIN=0V) Symbol VIOC VIOC IBC ISINK ILC ISAT Measurement Conditions VIN=-5mV VIN=-5mV VIN=-5mV VIN=10mV, VO2=0.4V VO2=VCC+1V VIN=10mV, ISINK=5mA 200 5 0.2 400 Min. Typ. Max. Units 1.0 10 25 3.5 mV
30 V/C 75 nA mA A mV
Output saturation voltage
Note 1 : Amplifier output *** emitter-follower (pull-down resistance 22k) Note 2 : Comparator output *** open collector
Application Circuits
Flame detection circuit using a thermocouple (single power source)
Note : Use a gain range of 20dB-50dB in the amplifier section (40dB recommended) . Also, insert the capacitor between output 3 and GND instead of parallel to R2 in order to eliminate noise from the input. Please note that use of the equipment under different conditions will cause vibration.


▲Up To Search▲   

 
Price & Availability of MM1217XS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X