Part Number Hot Search : 
C8051 SPN2038 10120 133AI S1002 R2060C BDC02D 78E51
Product Description
Full Text Search
 

To Download MID-18H22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.8mm PACKAGE NPN PHOTOTRANSISTOR
Description
The MID-18H22 is a NPN silicon phototransistor mounted in a lensed , special dark plastic package.The lensing effect of the package allows an acceptance view angle of 35 that is measured from the optical axis to the half power point .
3.00 (.118) 3.30 (.130) 1.40 (.055) 1.60 (.063) R 1.70 (.067)
MID-18H22
Package Dimensions
1.80 (.071) 2.40 (.094)
Unit : mm (inches )
SEE NOTE 2
25.40MIN. (1.000)
Features
l l l l
Wide range of collector current Lensed for high sensitivity Low cost plastic package Good spectral matching IRED (p=850nm) type.
0.50 TYP. (.020) 1.00MIN. (.040)
2.54 NOM. (.100)
SEE NOTE 3
E
C
Notes : 1. Tolerance is 0.25mm (.010") unless otherwise noted . 2. Protruded resin under flange is 0.8 mm (.031") max 3. Lead spacing is measured where the leads emerge from the package.
Absolute Maximum Ratings
@ TA=25 C Parameter Power Dissipation Collector-Emitter Voltage Emitter-Collector Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature Maximum Rating 100 30 5 -55 C to +100 C -55 C to +100 C 260oC for 5 seconds
o o o o o
Unit mW V V
Unity Opto Technology Co., Ltd.
02/04/2002
. Optical-Electrical Characteristics
Parameter Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector-Emitter Saturation Voltage Rise Time Fall Time Collector Dark Current On State Collector Current
Iceo-Collector Dark Current -A
MID-18H22
Test Conditions Ic=0.1mA Ee=0 Ie=0.1mA Ee=0 Ic=0.5mA Ee=0.1mW/cm2 VCC =5V, RL=1K IC=1mA VCE=10V Ee=0 VCE=5V Ee=0.1mW/cm2 Symbol V(BR)CEO V(BR)ECO VCE(SAT) Tr Tf ICEO IC(ON) 2.2 15 15 100 Min. 30 5 0.4 Typ . @ TA=25 C Max. Unit V V V S nA mA
o
1000 100 10 1 0.1 0.01 0.001 0 40 80 120
IC Normalized Collector Current
Typical Optical-Electrical Characteristic Curves
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0
Vce = 5 V Ee = 0.1 mW/cm2 @ = 850 nm
200 160 120 80 40 0 0
Relative Collector Current (mA)
Tr Tf Rise and Fall Time - S
TA- Ambient Temperature -oC FIG.1 COLLECTOR DARK CURRENT VS AMBIENT TEMPERATURE
Vcc = 5 V VRL= 1 V F = 100 Hz PW = 1 ms
TA- Ambient Temperature -oC FIG.2 NORMALIZED COLLECTOR CURRENT VS AMBIENT TEMPERATURE
10 8 6 4 2 0 0 0.1 0.2 0.3 0.4 0.5 0.6
2
-75
-25
25
75
125
Vce = 5 V
2
4
6
8
10
Relative Spectral Sensitivity
RL - Load Resistance - K FIG.3 RISE AND FALL TIME VS LOAD RESISTANCE
100% 90% 80% 70% 60% 50% 40% 30% 20% 10% 0% 600 700 800 900 1000
Ee - Irradiance - mW/cm FIG.4 RELATIVE COLLECTOR CURRENT VS IRRADIANCE
0 10 20
Relative Sensitivity
30 40 1.0 0.9 0.8 0.5 0.3 0.1 0.2 0.4 0.6 50 60 70 80 90
Wavelength-nm FIG.5 RELATIVE SPECTRAL SENSITIVITY VS. WAVELENGTH
FIG.6 SENSITIVITY DIAGRAM
Unity Opto Technology Co., Ltd.
02/04/2002


▲Up To Search▲   

 
Price & Availability of MID-18H22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X