Part Number Hot Search : 
ZUR55W LMV358 00051 5623A9 APE34024 STRX6729 2N1900 P82C211
Product Description
Full Text Search
 

To Download MCSO1FVTBE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.3V CMOS Oscillator Low Jitter
Specifications
MCSO1FV
Parameters
Product MCSO1FV Option Codes
Frequency range: 40.0 ~ 160MHz Frequency stability*: 100ppm 50ppm tighter stabilities on request T specify A B C
7.86
Operating temperature range: 0 to +70C -40 to +85C -55 to +125C Operable temperature range: -55 to +125C ACTUAL SIZE
PAD 1 2 2.00 3 4 CONNECTION
Not connected or Enable/Disable
3.60
Storage temperature range: -65 to +125C Supply voltage (VDD): Supply current (max): Driving ability:
2.10 1.10
+3.3V (5%) 30mA CMOS
Ground Output Supply
1 4 2.10
2 3 1.00
4 1
3 2
Logic levels: `0' level = +0.4V max `1' level = VDD-0.5V min Start up time: 5ms max
2.10
Waveform symmetry: 40:60 max @ 50%VDD Jitter: 1ps max 3ns max
2.54
3.30 TOP VIEW
2.54
Scale 3:1
Rise / fall times:
Features

Low jitter Military temperature range option Excellent shock & vibration resistance Enable / disable tristate option
Enable / disable function: None (pad 1 NC) Tristate (control via pad 1) Shock resistance: 5,000G, 0.3ms, 1/2 sine Vibration resistance: 10G rms 10.0 ~ 2,000Hz Soldering condition: 260C, 10 sec max Standard. Optional - Please specify required code(s) when ordering
E
Standard Frequencies
Frequencies in MHz 40.00000 40.60000 40.96000 44.23680 48.00000 49.15200 50.00000 50.75000 51.15000 51.20000 52.00000 55.29600 58.98240 60.00000 60.90000 61.38000 61.44000 64.00000 65.00000 65.53600 66.35520 72.00000 73.72800 76.80000 78.00000 80.00000 81.20000 81.84000 81.92000 88.47360 90.00000 96.00000 98.30400 100.00000 102.40000 104.00000 108.00000 110.59200 117.94600 120.00000 125.00000 128.00000 131.07200 132.71040 144.00000 150.00000 160.00000
* Frequency stability is inclusive of calibration @ 25C, operating temperature range, supply voltage change, load change and ageing over 10 years.
Ordering Information
Product name + option codes (if any) + frequency eg: MCSO1FV/A 80.0MHz 100ppm 0 to +70C MCSO1FV/TBE 120MHz 50ppm -40 to +85C Enable / disable Option code X (eg MCSO1FV/X) denotes a custom specification.
Packed in trays (91pcs/tray).
Other frequencies available. Please consult our sales office.
Enable / Disable Function
Input (pad 1) Open `1' level `0' level Output (pad 3) Enabled Enabled High Impedance
Tel: +44 1460 256 100
18 Oct 2004
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of MCSO1FVTBE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X