Part Number Hot Search : 
P8P08 T72V3 DS1780 0131K BZV55C16 2SC41 YMZ284 E1300
Product Description
Full Text Search
 

To Download MCOCXOV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5V OCXO HCMOS Output 14-pin DIL
Specifications
MCOCXOV
Product MCOCXOV
Parameters
Frequency range: 10.0kHz ~ 40.0MHz Frequency stability: 0.7ppm max first year 4ppm max in 10 years 0.1ppm over VDD 0.2V 0.01ppm over 10% change in load
20.30 PIN 13.20 1 7 8 14 8.00 (max) 6.80 (max) CONNECTION Freq adjustment Ground Output Supply
Option Codes
Short term stability: 5x10-10, 0.1 to 30s 5x10-11 over 1s typ Temperature stability: 0.2ppm max, 0 to +60C 0.075ppm max, 0 to +60C 0.3ppm max, -20 to +70C 0.15ppm max, -20 to +70C 0.5ppm max, -40 to +85C 0.25ppm max, -40 to +85C Operable temperature range: -40 to +85C Storage temperature range: -65 to +125C A TA B TB C TC
0.80 0.50O
1 14
7 8
7.62
15.24
Scale 1:1
Output waveform: HCMOS compatible `0'=+0.4V max,`1'=VDD-0.5V min 40:60 max Rise / fall times: 7ns / 7ns max V5 R1
Features

Compact 14-pin DIL package 5.0V supply voltage HCMOS compatible output Very fast warmup Low power consumption Wide temperature range available
Frequency adjustment: Control voltage (pin 1) 4ppm min, 0.5V ~ 5.0V 'Variable resistor (pins 1 to 7) 4ppm min, 0 ~ 10k Supply voltage (VDD): +5.0V (0.2V) Input current: 70mA max @ +30C 110mA max @ -20C Warm up: within spec after 30s @ 0C current 250mA max during 10s Phase noise (typ @ 10MHz): -70dBc/Hz @ 1Hz -100dBc/Hz @ 10Hz -130dBc/Hz @ 100Hz -140dBc/Hz @ 1kHz 19.44000 20.00000 40.00000 Shock & vibration: 2,000G, 0.3ms 1/2-sine 10.0 ~ 2,000Hz, 10G Standard. Optional - Please specify required code(s) when ordering
Standard Frequencies
Frequencies in MHz 10.00000 12.80000 16.00000 16.38400
Ordering Information
Product name +model code (if standard) + frequency eg: MCOCXOV-AR1 12.80MHz MCOCXOV-TBV5 16.3840MHz Option code X (eg MCOCXOV/X) denotes a custom spec.
Other combinations of calibration and temperature stability/range are available.
Tel: +44 1460 256 100
01 Mar 2006
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of MCOCXOV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X