Part Number Hot Search : 
2SC4434 PT6045 BZP62 033200 033200 0F109 MW7IC 044H0
Product Description
Full Text Search
 

To Download MC3419 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC MC3419 LINEAR INTEGRATED CIRCUIT
LOW POWER AUDIO AMPLIFIER
DESCRIPTION
The UTC MC3419 is a low power audio amplifier integrated circuit, intended for the telephone applications, such as in speakerphones. It provides differential speaker outputs to maximize output swing at low supply voltages. Coupling capacitor to the speaker is not required. Open loop gain is 80dB, and the closed loop gain is set with two external resistors. A chips disable pin permits powering down and/or muting the input signal.
SOP-8
DIP-8
FEATURES
*Wide operating supply voltage: Vcc=2V~16V *Low quiescent supply current (Icc=2.7mA, typ) *Medium output power (Po=250mW at Vcc=6V, RL=32ohm, THD=10%) *Load impedance range (8 to 100ohm) *Low distortion *Mute function (Icc=65A, typ) *Minimum number of external parts required
TSSOP-8
*Pb-free plating product number: MC3419L
BLOCK DIAGRAM
UTC
UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R107-042,A
UTC MC3419 LINEAR INTEGRATED CIRCUIT
ABSOLUTE MAXIMUM RATINGS (Ta=25C)
PARAMETER
Supply Voltage Output Current Maximum Input, Ripple Rejection, Mute Pin Voltage Applied Output Voltage (Output Pin When Disabled) Junction Temperature
SYMBOL
Vcc Io Vi Vo Tj
VALUE
-1 to +18 +-250 -1 to +1 -1 to +1 -55 to +150
UNIT
V mA V V C
PIN CONFIGURATIONS
PIN
1
NAME
Mute
DESCRIPTION
2 3
4 5 6 7 8
This pin can be used to power down the IC to converse power, or for muting, or both. When at a logic "LOW" (less than 0.8V), the IC is enabled for normal operation. When at a logic "HIGH" (2V to Vcc), the IC is disabled. If Mute is open, that is equivalent to a logic "LOW". Ripple A capacitor at this pin increase power supply rejection, and affects turn-on time. This pin can be Rejection left open if the capacitor at pin 1 is sufficient. Input(+) Analog Ground for the amplifiers. A 1F capacitor at this pin ( with a 5F capacitor at pin 8) provides 52dB( typ) of power supply rejection. Turn-on time of the circuit is affected by the capacitor on this pin. This pin can be used as an alternative input. Input(-) Amplifier input. The input capacitor and resistor set low frequency roll-off and input impedance. The feedback resistor is connected between this pin and output 1. Output 1 Amplifier 1's output. The DC level is about (Vcc~0.7V)/2. Vcc DC supply voltage is applied to this pin(Vcc=2~16V). GND Ground pin. Output 2 Amplifier 2's output. This signal is equal in amplitude, but 180 out of phase with that output 1, the DC level is about (Vcc~0.7V)/2.
RECOMMENDED OPERATION CONDITIONS (Ta=25C)
PARAMETER
Supply Voltage Load Impedance Peak Load Current Differential Gain (5KHz Bandwidth) Voltage at Mute Ambient Temperature
SYMBOL
Vcc ZL IL(peak) Gv Vi(mute) Ta
VALUE
2~16 8~100 +-200 0~46 0~Vcc -20~+70
UNIT
V mA dB V C
UTC
UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R107-042,A
UTC MC3419 LINEAR INTEGRATED CIRCUIT
ELECTRICAL CHARACTERISTICS (Vcc=6V, Ta=25C, unless otherwise specified)
PARAMETER
DC PARAMETER Operating Current
SYMBOL
Icc
TEST CONDITIONS
Vcc=3V, Mute=0.8V Vcc=16V, Mute=0.8V Vcc=3V, Mute=2V RL=16, R1=75K Vcc=3V Vcc=6V Vcc=12V Vcc=6V, Rf=75K,RL=32 2VMIN
TYP
2.7 3.3 65
MAX
4 5 100 1.25
UNIT
mA mA A V V V mV V V nA K K dB dB mW mW mW % % % MHz dB dB dB dB
Output Voltage
Vo
1
Output Offset Voltage Output High Level Output Low Level Input Bias Current Equivalent Resistance AC PARAMETER Open Loop Gain of Amp. 1 Open Loop Gain of Amp. 2 Output Power
Voo VOH VOL Ibias REQ
-30
100 18 80 -0.35 55 250 400
1.15 2.65 5.65 0 Vcc~1 0.16 -100 150 25
30
-200 220 40
Gv1 Gv2 Po
Total Harmonic Distortion (f=1KHz)
THD
f=1KHz, RL=32 Vcc=3V, RL=6, THD<10% Vcc=6V, RL=32, THD<10% Vcc=12V, RL=100, THD<10% Vcc=6V, RL=32, Po=125mW Vcc<3V, RL=8, Po=20mW Vcc<12V, RL=32, Po=200mW
0
0.35
0.5 0.5 0.6 1.5 50 12 52 70
1
Gain Bandwidth Product Power Supply Rejection (Vcc=6V, Vcc=3V)
GBW PSRR
C1=, C2=0.01F C1=0.1F, C2=0, f=1KHz C1=1F, C2=5F, f=1KHz Mute=2V, 1KHzMuting
Gv(mute)
UTC
UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R107-042,A
UTC MC3419 LINEAR INTEGRATED CIRCUIT
TYPICAL PERFORMANCE CHARACTERISTICS
UTC MC3419
UTC MC3419
UTC MC3419
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UTC
UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R107-042,A


▲Up To Search▲   

 
Price & Availability of MC3419

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X