Part Number Hot Search : 
P1S21 ST202BD PN2906 MJ11016G CEIDL369 74AUP3G 33287 MDAG04
Product Description
Full Text Search
 

To Download MBR60100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
MBR6020(R) THRU MBR60100(R)
SCHOTTKY DIODES STUD TYPE
60 A
60Amp Rectifier 20-100 Volts
Features
High Surge Capability Types up to100V V RRM
DO-5
Maximum Ratings
Operating Temperature: -65 C to +150
N
B
Storage Temperature: -65 C to +175
M
C J
Part Number MBR6020(R) MBR6030(R) MBR6035(R) MBR6040(R) MBR6045(R) MBR6060(R) MBR6080(R) MBR60100(R)
Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V 60V 80V 100V
Maximum RMS Voltage 14V 21V 25V 28V 32V 42V 50V 70V
Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V
K
P G F A
D
E
Notes: 1.Standard Polarity:Stud is Cathode 2.Reverse Polarity:Stud is Anode
Electrical Characteristics @ 25
Average Forward Current Peak Forward Surge Current NOTE (1) Maximum Instantaneous Forward Voltage Maximum Instantaneous Reverse Current At Rated DC Blocking NOTE (1) Voltage IF(AV) IFSM VF IR
Unless Otherwise Specified
60A 700A
0.65V 0.75V 0.84V
TC =100
DIMENSIONS INCHES MIN MAX 1/4 1/4 -28 Threads .669 .687 ----.794 ----1.020 .422 .453 .115 .200 ----.460 .----.--------.375 .156 --------.667 ----.080 .140 .175 MM MIN Standard 17.19 --------10.72 2.93 ------------3.96 --------3.56 MAX Polarity 17.44 20.16 25.91 11. 50 5.08 11.68 ----9.52 ----16.94 2.03 4.45 NOTE
8.3ms , half sine
(MBR6020~MBR6045) (MBR6060) (MBR6080~MBR60100) I FM =60 A ; T j = 25
5.0 mA 150 mA
TJ = 25 TJ = 125
Maximum Thermal Resistance,Junction To Case Mounting torque
R jc
1.0 C/W
DIM A B C D E F G H J K M N P
Kgf-cm
23~34
Not lubricated threads
NOTE : (1) Pulse Test: Pulse Width 300 usec, Duty Cycle < 2%
MBR6020( R ) THRU
MBR60100(R)
100 60 40
Figure .1-Typical Forward Characteristics
60
Average ForwArd Rectified Current - AmPeres
Figure .2- Forward Derating Curve
MBR6020(R)~ MBR6045(R)
50
I nStantaneous Forward Current - Amperes Amps
40
T =25 J
20 MBR6060(R) 10 6.0 4.0 MBR6080(R)~ MBR60100(R)
Amps
30
20
10
Single Phase, Half Wave 60Hz Resistive or Inductive Load 30 60 90 120 150 180
0
0
Case Te mperature -
2.0 1.0
0
0.2
0.4
0.6
Volts
0.8
1.0
1.2
1000 600 400 200 Tj =150 C Figure .4-Typical Reverse Characteristics
Instantaneous Forward Voltage - Volts
Instantaneous Reverse Leakage Current - Mill Amperes
100 60 40 20 10 Tj =125 C
700
Figure .3- Peak Forward Surge Current 8.3ms Single Half Sine Wave JEDEC method T =25 J
Peak Forward Surge Current -Amperes Amps
600 500 400 300 200 1001 2 4
m Amps
6 4 2 1 .6 .4 .2 .1 .06 .04 .02 .01 0 10 20 30 40 50 60 70 80 90 100 T =25 J T =75 J
6
8 10 20 Cycles
40
60 80 100
Number Of Cycles At 60Hz - Cycles
Volts Reverse Voltage - Volts


▲Up To Search▲   

 
Price & Availability of MBR60100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X