Part Number Hot Search : 
1N4936 24C08 HC273 ZTB944E 24D15 SST25 UF1008CT P808D
Product Description
Full Text Search
 

To Download MB140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LITE-ON SEMICONDUCTOR
MB140
REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT- 1.0 Ampere
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
FEATURES
For surface mounted applications Metal-Semiconductor junction with guardring Epitaxial construction Low VF provides higher efficiency and extends battery life Plastic material has UL flammability classification 94V-0 For use in portable and battery powered product Typical applications are ac/ac and dc/dc converters, reverse battery protection, and "Oring" of multiple supply voltage
DO-216AA
H
DO-216AA
DIM. MIN. 1.75 1.80 0.95 0.42 0.70 -0.05 0.10 3.65 0.40 1.10 0.20 MAX. 2.05 2.20 1.25 0.68 1.00 +0.10 0.25 3.95 0.70 1.50 0.80 A B
A
K
B
J
C D E F G H I
C
GF
G
I
MECHANICAL DATA
Case : JEDEC DO-216AA Molded plastic Polarity : Cathode designated by TAB 1 Approx Weight : 0.016grams Mounting position : Any
E
D
J K
CATHODE TAB 1
ANODE TAB 2
All Dimensions in millimeter
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60Hz,resistive or inductive load. For capacitive load, derate current by 20%.
Characteristics
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current @TL=110 Peak forward surge current 8.3 ms single half-sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage (Note 1) ( @ IF=0.1A ) ( @ IF=1.0A ) ( @ IF=3.0A ) Maximum instantaneous reverse current ( @ VR=40V ) ( @ VR=20V ) Thermal resistance - Junction to Lead (Anode) Thermal resistance - Junction to Tab (Cathode) Thermal resistance - Junction to Ambient Operating Temperature Range Storage Temperature Range
NOTE: 1.Pulse Test: Pulse Width = 300us , Duty Cycle = 2%
Symbol
Vrrm
Vrms VDC
MB140
40 28 40 1.0 40
@ TJ = 25 @ TJ = 85
Units
V V V A A
I(AV)
IFSM
VF
0.36 0.55 0.85
@ TJ = 25
0.30 0.515 0.88
@ TJ = 85
V
IR
Rtjl Rttab Rtja
0.5 0.15 35 20 250 -55 to +125 -55 to +150
25 18
mA
/W
TJ

TSTG
REV. 0, 26-Dec-2001, KSHP01
RATING AND CHARACTERISTIC CURVES MB140
Fig.1 - Forward Current Derating Curve
1.2
, INSTANTANEOUS REVERSE CURRENT (mA)
Fig.2 - Typical Reverse Characteristics
10
TJ =125
1
1
I(av) , AVERAGE FORWARD CURRENT(A)
0.8
TJ =100
0.1
0.6
0.01
0.4
0.2
RESISTIVE OR INDUCTIVE LOAD
0.001
TJ =25
0 25 50 75 100 125 150
0.0001 0 5 10 15 20 25 30 35 40 45
TL , LEAD TEMPERATURE () Fig.3 - Maxmun Non-Repetitive Peak Forward Surge Current
50
VR , RATED PEAK REVERSE VOLTAGE (V)
Fig.4 - Typical Junction Capacitance
1000
Ifsm , PEAK FORWARD SURGE CURRENT (A)
40
Cj , CAPACITANCE , (pF)
Single Half-Wave (JEDEC Method)
30
Tj =25 f=1MHz 1.0Vrms
100
20
10
0 1 10 100 10 0.1 1 10 100
NUMBER OF CYCLES AT 60Hz Fig.5 - Typical Forward Characteristics
10
VR , REVERSE VOLTAGE(V)
FOOTPRINTS FOR SOLDERING
IF , INSTANTANEOUS FORWARD CURRENT (A)
0.105 2.67
0.025 0.635
0.030 0.762
TJ =125
1
TJ =100
0.100 2.54
0.050 1.27
TJ =25
PULSE WIDTH : 300us 1% Duty Cycle
0.1 0 0.2 0.4 0.6 0.8 1
inches mm
VF , INSTANTANEOUS FORWARD VOLTAGE (V)
REV. 0, 26-Dec-2001, KSHP01


▲Up To Search▲   

 
Price & Availability of MB140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X