Part Number Hot Search : 
LVXT4053 CS5421 CS5421 TFS70AY FR205 UN5111 CJL6601 LTC5623P
Product Description
Full Text Search
 

To Download MABACT0062 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
1:1 Flux Coupled Transformer 3-200MHz
Features
* * * * * * * Surface Mount 1:1 Impedance Centre tap on secondary 260C Reflow Compatible RoHS* Compliant RoHS version of ETC1-1T and MABACT0012 Available on Tape and Reel. Reel quantity 2000
MABACT0062 V3
Schematic
Description
M/A-COM's MABACT0062 is a 1:1 RF flux coupled transformer in a low cost, surface mount package. Ideally suited for high volume CATV/Broadband applications. This product is suitable for both 50 and 75 Ohm systems.
Case Style: SM-22
0.050 (1.27) 0.030 (0.762)
0.150 (3.81) 0.030 (0.762) 0.150 (3.81)
0.150 MAX (3.81 MAX) 0.065 (1.65)
0.030 (0.762)
0.055 0.190 (1.397) (4.83)
Pin Configuration
Pin No. 1 2 3 4 5 Function Secondary Dot Secondary centre tap Secondary Primary Primary Dot
0.100 (2.54) 0.130 (3.30) 0.030 (0.762)
Dimensions in inches [mm] Tolerance: .xx .02, .xxx .010
Ordering Information
Part Number MABACT0062 MABA-008115-CT62TB Package 2000 piece reel Customer test board
Note: Reference Application Note M513 for reel size information. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
1:1 Flux Coupled Transformer 3-200MHz
Electrical Specifications: TA = 25C, Z0 = 50 1
Parameter
Insertion Loss
MABACT0062 V3
Test Conditions
-
Frequency
3 - 50 MHz 50 - 160 MHz 160 - 200 MHz 3 - 50 MHz 50 - 200 MHz 3 - 50 MHz 50 - 200 MHz 3 - 200 MHz 5 - 100 MHz
Units
dB dB dB dB dB dB dB
Min
10 15
Typ
0.2 0.5 0.8 0.02 0.06 0.2 0.5 20 25
Max
0.5 1.0 1.2 0.1 0.5 1.5 5.0 -
Amplitude Unbalance (Nominal 0dB) Phase Unbalance (Nominal 180) Input Return Loss
Electrical Specifications: TA = 25C, Z0 = 75 1
Parameter
Insertion Loss
Test Conditions
-
Frequency
3 - 5 MHz 5 - 65 MHz 65 - 200 MHz 3 - 65 MHz 65 - 200 MHz 3 - 65 MHz 65 - 200 MHz 3 - 5MHz 5 - 65 MHz 65 - 100 MHz 100 - 200 MHz
Units
dB dB dB dB dB dB dB dB dB
Min
18 21 19 14
Typ
0.5 0.4 0.6 0.02 0.04 0.4 1.2 24 29 25 20
Max
1.0 0.6 1.0 0.2 0.3 2.0 5.0 -
Amplitude Unbalance (Nominal 0dB) Phase Unbalance (Nominal 180) Input Return Loss
Absolute Maximum Ratings 1,2
Parameter Max Input Power DC current Operating Temperature Storage Temperature Absolute Maximum 250mW 240mA -40C to +85C -55C to +100C
Recommended PCB Configuration
0.065 (1.65)
0.055 0.190 (1.397) (4.83)
0.130 (3.30)
1. Exceeding any one or combination of these limits may cause permanent damage to this device. 2. M/A-COM does not recommend sustained operation near these survivability limits. 2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
0.030 (0.762)
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
1:1 Flux Coupled Transformer 3-200MHz
Typical Performance Curves: TA = 25C, Z0 = 50 1
Insertion Loss
0.0 -0.1 -0.2 -0.3 -0.4
MABACT0062 V3
Phase Balance
185 184 183
Degrees
182 181 180 179 178 177 176 175
dB
-0.5 -0.6 -0.7 -0.8 -0.9 -1.0 3 52 101 151 200
3
52
101
151
200
F re que nc y ( M H z)
Frequency (MHz)
Input Return Loss
0 -5 -10
Amplitude Unbalance
1.0 0.8 0.6 0.4 0.2
dB
0.0 -0.2 -0.4 -0.6 -0.8 -1.0 3 52 101 151 200
dB
-15 -20 -25 -30 -35 3 52 101 151 200
Frequency (MHz)
Frequency (MHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MABACT0062

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X