Part Number Hot Search : 
XDUG09C3 RO2180B S5R12 STBP518 00222 FJX4012R GMS81024 MADK21
Product Description
Full Text Search
 

To Download MABACT0036 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1:1 Flux Coupled Transformer 0.3 - 200 MHz
SM-155 Package
Features
* * * * * Surface Mount 1:1 Impedance CT on Secondary 75 Available on tape & reel
Description
M/ACom's MABACT0036 is a 1:1 RF flux coupled step up transformer in a low cost, surface mount package. Ideally suited for high volume CATV/Broadband applications.
Dimensions in inches [mm] Tolerance: .xx .02, .xxx .010
Electrical Specifications @ 25C, Z0 = 75 Ohms
Frequency Range .3 - 200 MHz Insertion Loss (Pin 1 - 5) Insertion Loss (Pin 3 - 5) Amplitude Balance Phase Balance Input Return Loss Test Conditions 0.3 - 5 MHz 5 - 200 MHz 0.3 -10 MHz 10 - 200 MHz 0.3-200 MHz 0.3-200 MHz 0.3 - 5 MHz 5 - 200 MHz Nominal -- -- -- -- 0 180 -- -- Units dB dB dB dB dB dB dB Min. -- -- -- -- -- -- 5 19 Typ. 1.0 0.5 1.0 0.4 0.1 0.3 13 27 Max. 2.6 0.9 2.6 0.7 0.5 3.0 -- --
Note: Specifications subject to change without notice.
1
1:1 Flux Coupled Transformer, 0.3 - 200 MHz
Absolute Maximum Ratings
Parameter RF Power DC Current Storage Temperature Operating Temperature Absolute Maximum 250 mW 30 mA -40C to +85 C -40C to +85 C Secondary (Output 2)
MABACT0036
Operating Characteristics
Function Primary Dot (Input) Pin No. 5
Primary (Ground)
4
Secondary Dot (Output 1)
1
3
Schematic
Secondary Center Tap (Ground) 2
Typical Performance @ +25 C
Insertion Loss 1: Pin 5-1 (Ref Value = -10.67 removed)
0.0
Insertion Loss 2: Pin 5-3 (Ref Value = -10.67 removed)
0.0
-0.5
-0.5
-1.0
-1.0
dB
dB
-1.5
-1.5
-2.0
-2.0
-2.5
0.3 0
-2.5
50
100
150
200
00.3
50
100
150
200
Frequency (MHz)
Frequency (MHz)
Rev A
Specifications subject to change without notice. n North America: Tel. (800) 366 -2266, Fax (800) 618 -8883 n Asia/Pacific: Tel.+ 81-44-844-8296 , Fax + 81-44-844 -8298 n Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
Visit www.macom.com for additional data sheets and product information.
2
1:1 Flux Coupled Transformer, 0.3 - 200 MHz
Amplitude Balance
0.5 0.4 0.3 0.2 0.1
MABACT0036
dB
0.0 -0.1 -0.2 -0.3 -0.4 -0.5 0 50 100 150 200
Frequency (MHz)
Phase Balance
182 182 181
degrees
181 180 180 179 179 178 0 50 100 150 200
Frequency (MHz)
Input Return Loss
0 -5 -10
dB
-15 -20 -25 -30 -35 0 50 100 150 200
Frequency (MHz)
Rev A
Specifications subject to change without notice. n North America: Tel. (800) 366 -2266, Fax (800) 618 -8883 n Asia/Pacific: Tel.+ 81-44-844 -8296, Fax +81-44-844 -8298 n Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
Visit www.macom.com for additional data sheets and product information.
3


▲Up To Search▲   

 
Price & Availability of MABACT0036

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X