![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RoHS Compliant Amplifier, Power, 13W 0.7-2.5 GHz Features 13 Watt Saturated Output Power Level Variable Drain Voltage (6-10V) Operation MSAGTM Process MAAP-000077-PKG001 Rev -- Advance Datasheet Primary Applications Radio Communications Test Equipment Radar Description The MAAP-000077-PKG001 is a 2-stage 13W power amplifier with on-chip bias networks in a 10 lead flange-mount ceramic package, allowing easy assembly. The package is hermetic and provides an excellent thermal path. This product is fully matched to 50 ohms on both the input and output. External DC blocking capacitors are not required since they are incorporated into the MMIC design. It can be used as a power amplifier stage or as a driver stage in high power applications. Fabricated using M/A-COM's repeatable, high performance and highly reliable GaAs Multifunction Self-Aligned Gate (MSAGTM)Process, each device is 100% RF tested on wafer to ensure performance compliance. Pin # 1 2 3 4 5 6 7 8 9 10 Description VGG N/C RF IN N/C VGG VDD N/C RF OUT N/C VDD Also Available in: Description Part Number Die MAAPGM0077-DIE Ceramic Pkg Sample Board MAAP-000077-SMB001 Die Sample Board MAAP-000077-SMB004 Electrical Characteristics: TC = 60C1, Z0 = 50 , VDD = 10V, IDQ = 3.8A2, Pin = 22 dBm, RG=30 Parameter Bandwidth Output Power 1-dB Compression Point Small Signal Gain Power Added Efficiency Input VSWR Output VSWR Gate Current Drain Current 2nd Harmonic, 1.5 GHz 2nd Harmonic, 2.0 GHz 1. 2. Symbol f POUT P1dB G PAE VSWR VSWR IGG IDD 2f 2f Typical 0.7-2.5 41 41 23 26 1.7:1 1.6:1 20 4.9 26 47 mA A dBc dBc Units GHz dBm dBm dB % 1 TC = Case Temperature Adjust VGG between -2.6 and -1.5V to achieve specified Idq. M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information. * North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information. RoHS Compliant Amplifier, Power, 13W 0.7-2.5 GHz Maximum Ratings 3 Parameter Input Power Drain Supply Voltage Gate Supply Voltage Quiescent Drain Current (No RF) Quiescent DC Power Dissipated (No RF) Junction Temperature Storage Temperature Symbol PIN VDD VGG IDQ PDISS TJ TSTG Absolute Maximum 28 +12.0 -3.0 6.1 68 170 -55 to +150 Units dBm V V A W C C MAAP-000077-PKG001 Rev -- Advance Datasheet 3. Operation beyond these limits may result in permanent damage to the part. Recommended Operating Conditions4 Characteristic Drain Voltage Gate Voltage Input Power Junction Temperature Thermal Resistance Case Temperature Symbol VDD VGG PIN TJ JC TC Note 5 Min 6.0 -2.6 Typ 10 -2.0 22 Max 10 -1.2 25 150 Unit V V dBm C C/W C 4. Operation outside of these ranges may reduce product reliability. 5. Case Temperature = 150C -- JC* VDD * IDQ Operating Instructions This device is static sensitive. Please handle with care. To operate the device, follow these steps. 1. Apply VGG = -2.7 V, VDD= 0 V. 2. Ramp VDD to desired voltage, typically 10.0 V. 3. Adjust VGG to set IDQ, (approximately @ -2.2 V). 4. Set RF input. 5. Power down sequence in reverse. Turn VGG off last. 2 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information. * North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information. RoHS Compliant Amplifier, Power, 13W 0.7-2.5 GHz MAAP-000077-PKG001 Rev -- Advance Datasheet Figure 1. Package Dimensions This is a high frequency, low thermal resistance package. The package consists of a cofired ceramic construction with a copper-tungsten base and iron-nickel-cobalt leads. The finish consists of electrolytic gold over nickel plate. 3 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information. * North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information. RoHS Compliant Amplifier, Power, 13W 0.7-2.5 GHz MAAP-000077-PKG001 Rev -- Advance Datasheet Figure 2. Recommended Bias Configuration Assembly Instructions: This flange mount style package provides a robust interface between a highly integrated GaAs MMIC device and a circuit board which may be assembled using conventional surface mount techniques. A thin shim made of a thermally and electrically conductive, ductile material must be used prior to installation of the ceramic package for proper thermal and electrical performance. Refer to M/A-COM Application Note #M567* for more information regarding shim material and mounting screw torque requirements. For applications where surface mount components are to be installed after the ceramic package installation, this package will not be damaged when subjected to typical convection or IR oven reflow profiles. Refer to M/A-COM Application Note #M538* for maximum allowable reflow time and temperature. Alternatively, the package leads may be individually soldered. Whether an iron or hot gas soldering equipment is used, care should be taken to insure that the temperature is well controlled and electric static discharge (ESD) safe. * Application Notes are available upon request. Biasing Notes: A negative bias must be applied to VGG before applying a positive bias to VDD to prevent damage to the amplifier. 4 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information. * North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information. RoHS Compliant Amplifier, Power, 13W 0.7-2.5 GHz MAAP-000077-PKG001 Rev -- Advance Datasheet * Additional bypassing may be required if wires are longer than 12". Figure 3. MAAP-000077-PKG001 Evaluation Board 5 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information. * North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information. |
Price & Availability of MAAP-000077-SMB001
![]() |