Part Number Hot Search : 
16HD13MR 2SD2340 MB91F36 SRC12 HA12223F CLC1050 910512 AN7172NK
Product Description
Full Text Search
 

To Download MAAM-007217 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
LO Buffer Amplifier 900 - 2000 MHz
Features
* * * * * * * * * * High Gain 2-Stage Amplifier Single Supply, 3V Operation High Reverse Isolation Low Current Broadband Operation Lead-Free SOT-143 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant version of MAAMSS0005
MAAM-007217 V2
Block Diagram
Description
M/A-COM's MAAM-007217 is a low current, high reverse isolation LO buffer amplifier in a low cost, lead-free SOT-143 plastic package. The MAAM007217 is ideally suited for LO buffer handset applications in the Cellular, GPS and PCS frequency bands. The MAAM-007217 is fabricated using M/A-COM's 0.5 micron low noise E/D GaAs MESFET process. The process features full passivation for increased performance and reliability.
Pin Configuration
Pin No.
1 2
Function
GND RF IN
Pin No.
3 4
Function
GND RF OUT
Absolute Maximum Ratings 2,3
Parameter
Vbias
Absolute Maximum
6.0 V 0 dBm -30C to +85C -65C to +150C
Ordering Information
Part Number MAAM-007217-000000 MAAM-007217-TR3000
1
Max Input Level Operating Temperature Package Bulk Packaging 3000 piece reel 2. 3. Storage Temperature
Exceeding any one or combination of these limits may cause permanent damage to this device. M/A-COM does not recommend sustained operation near these survivability limits.
1. Reference Application Note M513 for reel size information.
Recommended PCB Configuration
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
LO Buffer Amplifier 900 - 2000 MHz MAAM-007217 V2
Electrical Specifications - Cellular Band (965 - 975 MHz): TA = 25C, VDD = 3.0 V, Z0 = 50
Parameter
Gain Noise Figure VSWR In/Out Output P1dB Reverse Isolation Output IP3 Idd
Test Conditions
-- -- -- -- -- -- --
Units
dB dB Ratio dBm dB dBm mA
Min
13.0 -- -- -- 30 -- --
Typ
15.5 2.8 1.4:1 6 35 +17 5
Max
17.0 -- -- -- -- -- 7
Electrical Specifications - PCS Band (1580 - 1780 MHz): TA = 25C, VDD = 3.0 V, Z0 = 50
Parameter
Gain Noise Figure VSWR In/Out Output P1dB Reverse Isolation Output IP3 Idd
Test Conditions
-- -- -- -- -- -- --
Units
dB dB Ratio dBm dB dBm mA
Min.
-- -- -- -- -- -- --
Typ.
10.0 3.6 1.6:1 4 36 +16 5
Max.
-- -- -- -- -- -- 7
Lead Free SOT-143
Sample Board Schematic
External Circuitry Parts List
Part
C1 C2 C3 C4
Value (Cellular/PCS)
1000 pF 3.3 pF / 2.2 pF 0.1 F 1.2 pF / 1.0 pF 30 nH / 10 nH 12 nH / 5.1 nH
Purpose
DC Block RF Matching Bypass RF Matching RF Matching RF Matching
Reference Application Note M538 for lead-free solder reflow recommendations.
L1 L2
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
LO Buffer Amplifier 900 - 2000 MHz MAAM-007217 V2
Typical Performance Curves vs. Temperature - Cellular Frequency Band VDD = 3 V
Input Return Loss
0
Output Return Loss
0
-5
-5
-10
-10
-15
-15
-20
+25C -30C +85C
-20
+25C -30C +85C
-25
-25
-30 0.80
0.85
0.90
0.95
1.00
1.05
1.10
-30 0.80
0.85
0.90
0.95
1.00
1.05
1.10
Frequency (GHz)
Frequency (GHz)
Gain
18
Reverse Isolation
0
16
-10
14
-20
12
+25C -30C +85C
-30
10
+25C -30C +85C
8
-40
6 0.80
0.85
0.90
0.95
1.00
1.05
1.10
-50 0.80
0.85
0.90
0.95
1.00
1.05
1.10
Frequency (GHz)
Frequency (GHz)
Noise Figure
4.5
P1dB @ 965 MHz
18
4.0 16 3.5
3.0
14
2.5 12 2.0
+25C -30C +85C
+25C -30C +85C
1.5 0.950
0.955
0.960
0.965
0.970
0.975
0.980
10 -10
-6
-2
2
6
10
Frequency (GHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
Output Power (dBm)
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
LO Buffer Amplifier 900 - 2000 MHz MAAM-007217 V2
Typical Performance Curves vs. Temperature - PCS Frequency Band VDD = 3 V
Input Return Loss
0
Output Return Loss
0
-5
-5
-10
-10
-15
-15
-20
+25C -30C +85C
-20
+25C -30C +85C
-25
-25
-30 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0
-30 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0
Frequency (GHz)
Frequency (GHz)
Gain
12
Reverse Isolation
0
10
-10
8 -20 6 -30 4
+25C -30C +85C +25C -30C +85C
2
-40
0 1.2
-50 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0
Frequency (GHz)
Frequency (GHz)
Noise Figure
6
+25C -30C +85C
P1dB @ 1635 MHz
14
5
12
4
10
3
8
+25C -30C +85C
2 1.575
1.627
1.680
1.732
1.785
6 -14
-10
-6
-2
2
6
4
Frequency (GHz)
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
Output Power (dBm)
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MAAM-007217

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X