Part Number Hot Search : 
S6494 98DX4211 20032WR S6494 9410B NJM2147D F0511 MAX4621
Product Description
Full Text Search
 

To Download MAALSS0042 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
Low Noise Amplifier 1.575 GHz
Features
* * * * * * * * * Low Noise Figure: 1.15 dB High Gain: 27 dB Low Power Consumption: 5V, 20 mA High Dynamic Range Lead-Free SOIC-8 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of AM50-0002
MAALSS0042 V1
Functional Diagram
GND GND
RF IN
GND
GND
RF OUT
Description
M/A-COM's MAALSS0042 is a high performance GaAs MMIC low noise amplifier in a lead-free SOIC 8-lead surface mount plastic package. The MAALSS0042 employs a monolithic 3-stage selfbias design and a simple external matching network to obtain minimum noise figure. The MAALSS0042 is ideally suited for use where low noise figure, high gain, high dynamic range and low power consumption are required. Typical applications include receiver front ends in the Global Positioning System (GPS) market, as well as standard gain blocks, buffer amps, driver amps, and IF amps in both fixed and portable systems. M/A-COM'S MAALSS0042 is fabricated using a mature 0.5-micron gate length GaAs process. The process features full passivation for increased performance reliability.
GND GND
Pin Configuration 1,2,3
Pin No.
1 2 3 4 5 6 7 8
Pin Name
GND RF IN GND GND GND RF OUT GND GND
Description
Ground RF Input Ground Ground Ground RF Output, VDD Ground Ground
1. Pins 1, 3, 4, 5, 7, and 8 must be RF and DC grounded (see Recommended PCB Configuration). 2. Pin 2 is the RF input and must be connected to the simple matching network shown in the Application Schematic. 3. Pin 6 is the RF output. VDD is also applied on Pin 6.
Ordering Information
Part Number
MAALSS0042 MAALSS0042TR-3000 MAALSS0042SMB
Absolute Maximum Ratings4,5
Package
Bulk Packaging 3000 piece reel Sample Test Board (Includes 5 Samples)
Parameter
VDD Input Power Channel Temperature Storage Temperature
6
Absolute Maximum
+10 VDC 17 dBm +150 C -40 C to +85 C -65 C to +150 C
Operating Temperature
Note: Reference Application Note M513 for reel size information.
4. Exceeding any one or combination of these limits may cause permanent damage to this device. 5. M/A-COM does not recommend sustained operation near these survivability limits. 6. Typical thermal resistance (jc) = +165 C/W
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Low Noise Amplifier 1.575 GHz
Electrical Specifications: TA = +25C, VDD = +5 V, Z0 = 50
Parameter
Gain Noise Figure Input VSWR Output VSWR Output P1dB Input IP3 Reverse Isolation Bias Current
MAALSS0042 V1
Test Conditions
F = 1.575 GHz, PIN = -35 dBm F = 1.575 GHz, PIN = -35 dBm F = 1.575 GHz, PIN = -35 dBm F = 1.575 GHz, PIN = -35 dBm F = 1.575 GHz F = 1.575 GHz, PIN = -35 dBm F = 1.575 GHz, PIN = -35 dBm --
Units
dB dB Ratio Ratio dBm dBm dB mA
Min.
25 15
Typ.
27 1.15 2.0:1 1.5:1 1 -14 48 20
Max.
29 1.4 25
Recommended PCB Configuration
Application Schematic
GND 1 T1 RF IN 2 GND T2 3 GND 4 6 GND 5 RF OUT, VDD GND 8 GND 7
Dimensions in inches (mm).
Frequency = 1.575 GHz Impedance Electrical Length
T1 T2 57.2 82.7 36.0 16.2
Lead-Free SOIC-8
Reference Application Note M538 for lead-free solder reflow recommendations.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Low Noise Amplifier 1.575 GHz
Typical Performance
Gain, TA = +25C
28
MAALSS0042 V1
Gain over Temperature
28
26
26
24
24
22
22
+25C -40C +85C
20 1.3
1.4
1.5
1.6
1.7
1.8
20 1.3
1.4
1.5
1.6
1.7
1.8
Frequency (GHz)
Frequency (GHz)
Noise Figure, TA = +25C
1.6
Noise Figure over Temperature
1.6
1.4
1.4
1.2
1.2
1.0
1.0
+25C -40C +85C
0.8 1.50
1.52
1.54
1.56
1.58
1.60
0.8 1.50
1.52
1.54
1.56
1.58
1.60
Frequency (GHz)
Frequency (GHz)
Input IP3, TA = +25C
-12
VSWR, TA = +25C
3.0
-13
2.5
-14
2.0
Input Output
-15
1.5
-16 1.50
1.52
1.54
1.56
1.58
1.60
1.0 1.3
1.4
1.5
1.6
1.7
1.8
Frequency (GHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
Frequency (GHz)
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MAALSS0042

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X