Part Number Hot Search : 
FM205 C2111 IN74HC1 AD8332A ICS1562B DS2764BR RD6180 TDA1046
Product Description
Full Text Search
 

To Download LTS-3403LE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
FEATURES
0.8 inch ( 20.32 mm) DIGIT HEIGHT CONTINUOUS UNIFORM SEGMENTS LOW POWER REQUIREMENT EXCELLENT CHARACTERS APPEARANCE HIGH BRIGHTNESS & HIGH CONTRAST WIDE VIEWING ANGLE SOLID STATE RELIABILITY CATEGORIZED FOR LUMINOUS INTENSITY LEAD-FREE PACKAGE (ACCORDING TO ROHS)
DESCRIPTION
The LTS-3403LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display. This device uses red orange LED chips(GaAsP epi on GaP substrate) .The display has gray face and white segments.
DEVICE
PART NO. RED ORANGE LTS-3403LE DESCRIPTION Common Cathode Rt. & Lt. Hand Decimal
PART NO.: LTS-3403LE BNS-OD-C131/A4
PAGE:
1 of 5
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PACKAGE DIMENSIONS
NOTES: All dimensions are in millimeters. Tolerance is 0.25 mm (0.01") unless otherwise noted.
INTERNAL CIRCUIT DIAGRAM
PART NO.: LTS-3403LE BNS-OD-C131/A4
PAGE:
2 of 5
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PIN CONNECTION
No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 CONNECTION NO PIN ANODE A ANODE F COMMON CATHODE *1 ANODE E COMMON CATHODE *1
ANODE L.D.P. NO PIN NO PIN ANODE R.D.P. ANODE D COMMON ANODE *1 ANODE C ANODE G ANODE B NO PIN COMMON CATHODE *1 NO PIN
PART NO.: LTS-3403LE BNS-OD-C131/A4
PAGE:
3 of 5
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
ABSOLUTE MAXIMUM RATING
PARAMETER Power Dissipation Per Segment Peak Forward Current Per Segment ( Frequency 1Khz, 10% duty cycle ) Continuous Forward Current Per Segment Forward Current Derating from 250C Reverse Voltage Per Segment Operating Temperature Range Storage Temperature Range
* see figure 5 to establish pulsed condition
MAXIMUM RATING 75 100* 25 0.33 5 -35 -35 to +85 to +85
UNIT mW mA mA mA/ V
Soldering Conditions : 1/16 inch below seating plane for 8 seconds at 2650C
ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta=25oC
PARAMETER Average Luminous Intensity Peak Emission Wavelength Spectral Line Half-Width Dominant Wavelength Forward Voltage Per Segment Reverse Current Per Segment Luminous Intensity Matching Ratio (Similar Light Area) SYMBOL MIN. TYP. MAX. UNIT TEST CONDITION IV p d VF IR IV-m 800 2400 630 40 621 2.0 2.6 100 2:1 cd nm nm nm V A IF=10mA IF=20mA IF=20mA IF=20mA IF=20mA VR=5V IF=10mA
Note: Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (Commision Internationale De L'Eclairage) eye-response curve.
PART NO.: LTS-3403LE BNS-OD-C131/A4
PAGE:
4 of 5
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
TYPICAL ELECTRICAL / OPTICAL CHARACTERISTIC CURVES (25oC Ambient Temperature Unless Otherwise Noted)
PART NO.: LTS-3403LE BNS-OD-C131/A4
PAGE:
5 of 5


▲Up To Search▲   

 
Price & Availability of LTS-3403LE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X