Part Number Hot Search : 
F45ITR BG9832 STUS021 11024 FOOC1 0015474 IRF7342 M100D
Product Description
Full Text Search
 

To Download LT10000-S03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducer LT 10000-S
For the electronic measurement of currents : DC, AC, pulsed..., with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN
=
10000 A
Electrical data
IPN IP RM Primary nominal r.m.s. current Primary current, measuring range (1 s /mn) Measuring resistance with 48 V with 60 V ISN KN VC IC Vd @ 10000 A @ 12000 A @ 10000 A @ 15000 A
max max max max
10000 0 .. 15000 RM min RM max 0 0 0 0 8 1 20 1.5
A A
Features
* Closed loop (compensated) current
transducer using the Hall effect
* Insulated case.
Advantages
* * * * * * *
Excellent accuracy Very good linearity Low temperature drift Optimized response time Wide frequency bandwidth No insertion losses High immunity to external interference * Current overload capability.
Secondary nominal r.m.s. current Conversion ratio Supply voltage ( 5 %) Current consumption R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
1 A 1 : 10000 48 .. 60 V 40 (@ 60 V ) + IS m A 10 1) kV 1 2) kV
Accuracy - Dynamic performance data
XG
L
Overall accuracy @ IPN , TA = 25C Linearity error Offset current @ IP = 0, TA = 25C Thermal drift of IO Response time 3) @ 90 % of IPN di/dt accurately followed Frequency bandwidth (- 1 dB)
0.3 < 0.1 Typ Max 1.5 0.8
% % mA mA s A/s kHz
Applications
* AC variable speed drives and servo
motor drives
IO IOT tr di/dt f
- 25C .. + 70C
0.6
<1 > 50 DC .. 100
* Static converters for DC motor drives * Battery supplied applications * Uninterruptible Power Supplies
(UPS)
* Switched Mode Power Supplies
(SMPS)
General data
TA TS RS m Ambient operating temperature Ambient storage temperature Secondary coil resistance @ TA = 70C Mass Standards - 25 .. + 70 C - 40 .. + 85 C 35 17 kg EN 50178 (97.10.01)
* Power supplies for welding
applications.
Notes :
1) 2) 3)
Between primary and secondary + shield Between secondary and shield With a di/dt of 100 A/s. 031003/8
LEM Components
w w w.lem.com
Dimensions LT 10000-S (in mm. 1 mm = 0.0394 inch)
Front view Left view
Connection
Mechanical characteristics
* General tolerance * Transducer fastening
Recommended fastening torque * Primary through-hole * Connection of secondary Recommended fastening torque 1 mm 4 holes 11 mm 4 x M10 steel screws 11.4 Nm or 8.48 Lb - Ft 200 mm M5 threaded studs 2.2 Nm or 1.62 Lb - Ft
Remarks
* IS is positive when IP flows in the direction of the arrow. * Temperature of the primary conductor should not exceed
100C.
* Dynamic performances (di/dt and response time) are best
with a primary bar in the center of the through-hole.
* This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...), please contact us.
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.


▲Up To Search▲   

 
Price & Availability of LT10000-S03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X