Part Number Hot Search : 
BTA204W NK60Z 2SC383 NTXV1N TMPF43XX 12S100 CFD611 AC500
Product Description
Full Text Search
 

To Download LAA100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAA100
DUAL POLE OptoMOS(R) Relay
Load Voltage Load Current Max RON
LAA100 350 120 25
Units V mA
Description LAA100 is a 350V, 120mA, 25 2-Form-A relay. It features improved on-resistance. Current limiting version is available ("L" suffix).
Features * Small 8 Pin DIP Package * Low Drive Power Requirements (TTL/CMOS Compatible) * No Moving Parts * High Reliability * Arc-Free With No Snubbing Circuits * 3750VRMS Input/Output Isolation * FCC Compatible * VDE Compatible * No EMI/RFI Generation * Machine Insertable, Wave Solderable * Surface Mount and Tape & Reel Versions Available
Approvals * UL Recognized: File Number E76270 * CSA Certified: File Number LR 43639-10 * BSI Certified to: * BS EN 60950:1992 (BS7002:1992) Certificate #: 7344 * BS EN 41003:1993 Certificate #: 7344
Ordering Information Part # LAA100 LAA100P LAA100PTR LAA100S LAA100STR Description 8 Pin DIP (50/Tube) 8 Pin Flatpack (50/Tube) 8 Pin Flatpack (1000/Reel) 8 Pin Surface Mount (50/Tube) 8 Pin Surface Mount (1000/Reel)
Applications * Telecommunications * Telecom Switching * Tip/Ring Circuits * Modem Switching (Laptop, Notebook, Pocket Size) * Hookswitch * Dial Pulsing * Ground Start * Ringer Injection * Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Meters (Watt-Hour, Water, Gas) * Medical Equipment-Patient/Equipment Isolation * Security * Aerospace * Industrial Controls
Pin Configuration
LAA100/LAA100L Pinout
AC/DC Configuration + Control - Switch #1 - Control - Switch #1 + Control - Switch #2 - Control - Switch #2 1 2 3 4 8 7 6 5 Load - Switch #1 Load - Switch #1 Load - Switch #2 Load - Switch #2
Switching Characteristics of Normally Open (Form A) Devices
10ms CONTROL
+ 90% LOAD 10% + TON 10%+ TOFF
DS-LAA100-R1
www.clare.com
1
LAA100
Absolute Maximum Ratings (@ 25 C)
Parameter Input Power Dissipation Input Control Current Peak (10ms) Reverse Input Voltage Total Power Dissipation Isolation Voltage Input to Output Operational Temperature Storage Temperature Soldering Temperature DIP Package Flatpack/Surface Mount Pkg (10 Seconds Max.)
1 2
Min 3750 -40 -40 -
Typ Max Units 1501 50 1 5 8002 +85 +125 +260 +220 mW mA A V mW VRMS C C C C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the device to the absolute maximum ratings for an extended period may degrade the device and effect its reliability.
Derate Linearly 1.33 mw/C Derate Linearly 6.67 mw/C
Electrical Characteristics
Parameter Output Characteristics @ 25C Load Voltage (Peak) Load Current (Continuous) AC/DC Configuration Peak Load Current On-Resistance AC/DC Configuration Off-State Leakage Current Switching Speeds Turn-On Turn-Off Output Capacitance Capacitance Input to Output Input Characteristics @ 25C Input Control Current Input Dropout Current Input Voltage Drop Reverse Input Voltage Reverse Input Current IL=120mA IF=5mA VR=5V IF IF VF VR IR 5 0.4 0.9 0.7 1.2 50 1.4 5 10 mA mA V V A IL=120mA VL=35OV IF=5mA, VL=10V IF=5mA, VL=10V 50V; f=1MHz RON ILEAK TON TOFF COUT 35 3 25 1 5 5 A ms ms pF pF 10ms VL IL ILPK 350 120 350 V mA mA Conditions Symbol Min Typ Max Units
2
www.clare.com
Rev. 1
LAA100
PERFORMANCE DATA*
35 30 Device Count (N)
LAA100 Typical LED Forward Voltage Drop (N=50 Ambient Temperature = 25oC) IF = 5mA
LAA100 Typical On-Resistance Distribution (N=50 Ambient Temperature = 25oC) (Load Current = 120mADC)
35 30 Device Count (N) Device Count (N) 25 20 15 10 5 0 35 30 25 20 15 10 5 0 13.93 14.05 14.17 14.29 14.41 14.54 14.66 On-Resistance ()
LAA100 Typical Blocking Voltage Distribution (N=50 Ambient Temperature = 25oC)
25 20 15 10 5 0 1.17 1.19 1.21 1.23 1.25 LED Forward Voltage Drop (V)
390
395
400
405
410
415
420
Blocking Voltage (V)
LAA100 Typical IF for Switch Operation (N=50 Ambient Temperature = 25oC) (Load Current = 120mADC)
25 20 15 10 5 0 0.60 0.65 0.70 0.75 0.80 0.85 0.90 LED Current (mA) 25 20 15 10 5 0
LAA100 Typical IF for Switch Dropout (N=50 Ambient Temperature = 25oC) (Load Current = 120mADC)
25 20 15 10 5 0 0.55 0.60 0.65 0.70 0.75 0.80 0.85
LAA100 Typical Turn-On Time (N=50 Ambient Temperature = 25oC) (Load Current = 120mADC; IF = 5mA)
Device Count (N)
Device Count (N)
Device Count (N)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
LED Current (mA)
Turn-On (ms)
25 20 15 10 5 0
LAA100 Typical Turn-Off Time (N=50 Ambient Temperature = 25oC) (Load Current = 120mADC; IF = 5mA)
180 160 Load Current (mA) 140 120 100
LAA100 Maximum Continuous DC Load Current vs. Temperature *
LAA100 Typical Leakage vs. Temperature (Measured across Pins 4 & 6)
0.016 0.014 Leakage (A)
Device Count (N)
One Pole Operating Two Poles Operating IF=10mA IF=10mA IF=5mA IF=5mA
0.012 0.010 0.008 0.006 0.004 0.002
80 60 40 20 0
0.06
0.08
0.10
0.13
0.15
0.17
0.19
-40
-20
0
20
40
60 (oC)
80
100
120
0 -40 -20 0 20 40 60 80 100 Temperature (oC)
Turn-Off (ms)
Temperature
LAA100 Typical Blocking Voltage vs. Temperature
450 Blocking Voltage (VRMS) 440 Turn-On (ms) 430 420 410 400 390 380 -40 -20 0 20 40 60 80 100 Temperature (oC) 3.000 2.500 2.000 1.500 1.000 0.500 0 -40
LAA100 Typical Turn-On vs. Temperature (Load Current = 70mADC)
IF=5mA Turn-Off (ms) IF=10mA 0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0 -40
LAA100 Typical Turn-Off vs. Temperature (Load Current = 70mADC)
-20
0
20
40
60
80
100 120
-20
0
20
40
60
80
100
120
Temperature (oC)
Temperature (oC)
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
Rev. 1
www.clare.com
3
LAA100
PERFORMANCE DATA*
LAA100 Typical LED Forward Voltage Drop vs. Temperature
LED Forward Voltage Drop (V) 1.8 1.6 Turn-On (ms) 1.4 1.2 1.0 0.8 -40 -20 0 20 40 60 (oC) 80 100 120 Temperature
LAA100 Typical Turn-On vs. LED Forward Current (Load Current = 120mADC)
3.0 2.5 2.0 1.5 1.0 0.5 0 0 5 10 15 20 25 30 35 40 45 50 LED Forward Current (mA) Turn-Off (ms)
LAA100 Typical Turn-Off vs. LED Forward Current (Load Current = 120mADC)
0.30 0.25 0.20 0.15 0.10 0.05 0 0 5 10 15 20 25 30 35 40 45 50 LED Forward Current (mA)
50mA 10mA 5mA
LAA100 Typical On-Resistance vs. Temperature (Load Current = Max Rated at Temperature, One Pole Operating; IF = 5mA, 10mA) 30
On-Resistance () On-Resistance () 25 20 15 10 5 0 -40 -20 0 20 40 60 (oC) 80 100 120 Temperature
IF=5mA Continuous Load IL=Max Rated IF=10mA IF=5mA IF=10mA Pulsed IL=100mA
LAA100 Typical On-Resistance vs. Temperature (Load Current = Max Rated at Temperature, Both Poles Operating; IF = 5mA, 10mA) 30
25 20 15 10 5 0 -40 -20 0 20 40 60 (oC) 80 100 120 Temperature IF=5mA IF=10mA LED Current (mA)
LAA100 Typical IF for Switch Operation vs. Temperature (Load Current = 70mADC)
5.0 4.0 3.0 2.0 1.0 0 -40 -20 0 20 40 60 80 100 120 Temperature (oC)
LAA100 Typical IF for Switch Dropout vs. Temperature (Load Current = 70mADC)
5.0 Load Current (mA) LED Current (mA) 4.0 3.0 2.0 1.0 0 -40 -20 0 20 40 60 80 100 120 Temperature (oC)
150 100
LAA100 Typical Load Current vs. Load Voltage (Ambient Temperature = 25oC) IF = 5mA
LAA100 Energy Rating Curve
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 10s 100s 1ms 10ms 100ms Time
50 0 -50 -100 -150 -3 -2 -1 0 1 2 3 Load Voltage (V)
Load Current (A)
1s
10s 100s
0.50 Proportion per Bar 0.40 0.30 0.20 0.10 0.0 16.00
LAA100 Steady State Performance (25oC, Still Air) (IL=120mA, IF=15mA)
Proportion per Bar
0.50 0.40 0.30 0.20 0.10 0.0
LAA100 Steady State Performance (75oC, Still Air) (IL=70mA, IF=15mA)
Proportion per Bar
0.50 0.40 0.30 0.20 0.10 0.0
LAA100 Steady State Performance (75oC, Still Air) (Von=3.5VCD, IL=70mA)
19.00
22.00 Ron ()
25.00
21.00
22.50
24.00 Ron ()
25.50
3.00
6.00
9.00 Ron ()
12.00
15.00
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
4
www.clare.com
Rev. 1
LAA100
Mechanical Dimensions
8 Pin DIP Through Hole (Standard)
7.620 .254 (.300 .010) 3.302 (.130) 9.144 TYP. (.360) 6.350 .127 (.250 .005)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View)
2.540 .127 8-.800 DIA. (.100 .005) (8-.031 DIA.) 7.620 .127 (.300 .005)
7.239 TYP. (.285)
9.144 .508 (.360 .020)
6.350 .127 (.250 .005)
.457 .076 (.018 .003) 8.077 .127 (.318 .005 )
7.620 .127 (.300 .005)
8 Pin Flatpack ("P" Suffix)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View)
2.540 .127 (.100 .005) 9.398 .127 (.370 .005)
2.159 TYP. (.085)
7.620 .254 (.300 .010) 6.350 .127 (.250 .005) .203 (.008) .457 .076 (.018 .003) 8.077 .127 (.318 .005) 1.193 (.047)
2.286 MAX. .635 .127 (.090) (.025)
8.763 .127 (.345 .005)
.787 (.031)
8 Pin DIP Surface Mount ("S" Suffix)
7.620 .254 (.300 .010) 4.445 .127 (.175 .005) 3.302 (.130) .635 TYP. (.025) .254 TYP. (.010) 6.350 .127 (.250 .005)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View) 2.540 .127
(.100 .005)
9.525 .254 (.375 .010) 1.905 .127 (.075 .005) .457 .076 (.018 .003) 8.077 .127 (.318 .005) 1.498 .127 (.059 .005)
8.305 .127 (.327 .005)
Dimensions mm (inches)
Rev. 1
www.clare.com
5
LAA100
Mechanical Dimensions
Tape and Reel Packaging for 8 Pin Flatpack Package
330.2 DIA. (13.00) 2.007 .102 1.498 .102 3.987 .102 (.079 .004) (.059 .004) (.157 .004)
Top Cover Tape Thickness .102 MAX. (.004)
6.731 MAX. 1.753 0.102 (.265) (.069 .004) .406 MAX. (.016) 7.493 .102 (.295 .004)
1
8
16.002 .305 (.630 .012) 10.287 (.405)
12.090 (.476) 4.877 (.192)
Embossed Carrier
Top Cover Tape
.050R TYP.
11.988 .102 (.472 .004) User Direction of Feed
10.287 .102 (.405 .004)
1.549 .102 (.061 .004)
Embossment
Tape and Reel Packaging for 8 Pin Surface Mount Package
330.2 DIA. (13.00) Top Cover Tape Thickness .102 MAX. (.004) 2.007 .102 1.498 .102 3.987 .102 (.079 .004) (.059 .004) (.157 .004)
6.731 MAX. 1.753 .102 (.265) (.069 .004) .406 MAX. (.016) 7.493 .102 (.295 .004) 12.090 (.476) 4.877 (.192)
1
8
16.002 .305 (.630 .012) 10.300 (.405)
Embossed Carrier
Top Cover Tape
.050R TYP.
11.989 .102 (.472 .004) User Direction of Feed
10.300 .102 (.405 .004)
1.549 .102 (.061 .004)
Embossment
Dimensions mm (inches)
6
www.clare.com
Rev. 1
Worldwide Sales Offices
CLARE LOCATIONS
Clare Headquarters 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Clare Micronix Division 145 Columbia Aliso Viejo, CA 92656-1490 Tel: 1-949-831-4622 Fax: 1-949-831-4628
EUROPE
European Headquarters CP Clare nv Bampslaan 17 B-3500 Hasselt (Belgium) Tel: 32-11-300868 Fax: 32-11-300890 France Clare France Sales Lead Rep 99 route de Versailles 91160 Champlan France Tel: 33 1 69 79 93 50 Fax: 33 1 69 79 93 59 Germany Clare Germany Sales ActiveComp Electronic GmbH Mitterstrasse 12 85077 Manching Germany Tel: 49 8459 3214 10 Fax: 49 8459 3214 29 Italy C.L.A.R.E.s.a.s. Via C. Colombo 10/A I-20066 Melzo (Milano) Tel: 39-02-95737160 Fax: 39-02-95738829 Sweden Clare Sales Comptronic AB Box 167 S-16329 Spanga Tel: 46-862-10370 Fax: 46-862-10371 United Kingdom Clare UK Sales Marco Polo House Cook Way Bindon Road Taunton UK-Somerset TA2 6BG Tel: 44-1-823 352541 Fax: 44-1-823 352797
ASIA/PACIFIC
Asian Headquarters Clare Room N1016, Chia-Hsin, Bldg II, 10F, No. 96, Sec. 2 Chung Shan North Road Taipei, Taiwan R.O.C. Tel: 886-2-2523-6368 Fax: 886-2-2523-6369
SALES OFFICES AMERICAS
Americas Headquarters Clare 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Eastern Region Clare P.O. Box 856 Mahwah, NJ 07430 Tel: 1-201-236-0101 Fax: 1-201-236-8685 Toll Free: 1-800-27-CLARE Central Region Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824 Western Region Clare 1852 West 11th Street, #348 Tracy, CA 95376 Tel: 1-209-832-4367 Fax: 1-209-832-4732 Toll Free: 1-800-27-CLARE Canada Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824
http://www.clare.com
Clare cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in this Clare product. No circuit patent licenses nor indemnity are expressed or implied. Clare reserves the right to change the specification and circuitry, without notice at any time. The products described in this document are not intended for use in medical implantation or other direct life support applications where malfunction may result in direct physical harm, injury or death to a person.
Specification: DS-LAA100-R1 (c)Copyright 2000, Clare, Inc. OptoMOS(R) is a registered trademark of Clare, Inc. All rights reserved. Printed in USA. 2/12/01


▲Up To Search▲   

 
Price & Availability of LAA100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X