Part Number Hot Search : 
4HC40 FDLL914A M52790 AV19W 13R475C 1N3025C 01800 P3302
Product Description
Full Text Search
 

To Download L-314 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L-31XXIR1XX
3.0mm INFRARED EMITTING DIODE
PACKAGE DIMENSIONS
ABSOLUTE MAXIMUN RATING: (Ta=25)
Part No. L-31XXIR1XX PARAMETER PDmw 100 Power Dissipation VRV 5 Reverse Voltage Topr -35 to 85 Tstg -35 to 85 Storage Temperature Range
Operating Temperature Range Lead Soldering Temperature { 1.6mm ( 0.063 inch ) From Body } 2505For 3 Seconds
ELECTRO-OPTICAL CHARACTERISTICS: (Ta=25)
VFV Part No.
Min Typ Max Min Typ Max Min
IRuA
Pnm
Typ Max
21/2Age
Min Typ Max
Iemw/sr
Min Typ Max
L-314EIR1C L-315EIR1C L-316EIR1C L-318EIR1C L-314EIR1BC L-315EIR1BC L-316EIR1BC L-318EIR1BC
1.2 1.4 1.2 1.4 1.2 1.4 1.2 1.4 1.2 1.4 1.2 1.4 1.2 1.4 1.2 1.4
1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6
10 10 10 10 10 10 10 10
940 940 940 940 940 940 940 940
20 25 30 40 20 25 30 40
7 6 6 6 7 6 6 6
14 12 12 10 14 12 12 10
TEST CONDITION
IF=20mA IF=100mA
VR= 5V
IF= 20mA
IF =20mA
IF= 20mA
BC=BLUE CLEAR 1. All dimension are in millimeter (inches). 2. Tolerance is 0.25mm( 0.01")unless otherwise specified.


▲Up To Search▲   

 
Price & Availability of L-314

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X