Part Number Hot Search : 
5246C 718MZV 215012P 095K3FKE 00113 M51131L RF120 DG211CUE
Product Description
Full Text Search
 

To Download ISL6532B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL6532B
Data Sheet July 2004 FN9120.3
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
The ISL6532B provides a complete ACPI compliant power solution for up to 4 DIMM dual channel DDR/DDR2 memory systems. Included are both a synchronous buck controller and integrated LDO to supply VDDQ with high current during S0/S1 states and standby current during S3 state. During Run mode, a fully integrated sink-source regulator generates an accurate (VDDQ/2) high current VTT voltage without the need for a negative supply. A buffered version of the VDDQ/2 reference is provided as VREF. The switching PWM controller drives two N-Channel MOSFETs in a synchronous-rectified buck converter topology. The synchronous buck converter uses voltagemode control with fast transient response. Both the switching regulator and integrated standby LDO provide a maximum static regulation tolerance of 2% over line, load, and temperature ranges. The output is user-adjustable by means of external resistors down to 0.8V. Switching the memory core output between the PWM regulator and the standby LDO during state transitions is accomplished smoothly via the internal ACPI control circuitry. The NCH signal provides synchronized switching of a backfeed blocking switch during the transitions eliminating the need to route 5V Dual to the memory supply. An integrated soft-start feature brings VDDQ into regulation in a controlled manner when returning to S0/S1 state from S4/S5 or mechanical off states. During S0 the PGOOD signal indicates that all supplies are within spec and operational. Each output is monitored for under and over-voltage events. Current limiting is included on the VTT and VDDQ standby regulators. Thermal shutdown is integrated.
Features
* Generates 2 Regulated Voltages - Synchronous Buck PWM Controller with Standby LDO - 3A Integrated Sink/Source Linear Regulator with Accurate VDDQ/2 Divider Reference - Glitch-free Transitions During State Changes * ACPI Compliant Sleep State Control * Integrated VREF Buffer * PWM Controller Drives Low Cost N-Channel MOSFETs * 250kHz Constant Frequency Operation * Tight Output Voltage Regulation - Both Outputs: 2% Over Temperature * 5V or 3.3V Down Conversion * Fully-Adjustable Outputs with Wide Voltage Range: Down to 0.8V supports DDR and DDR2 Specifications * Simple Single-Loop Voltage-Mode PWM Control Design * Fast PWM Converter Transient Response * Over Current Protection on VTT and Under/Over-Voltage Monitoring of Both Outputs * Integrated Thermal Shutdown Protection * QFN Package Option - QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Product Outline - QFN Near Chip Scale Package Footprint; Improves PCB Efficiency, Thinner in Profile * Pb-free available
Applications
* Single and Dual Channel DDR Memory Power Systems in ACPI compliant PCs * Graphics cards - GPU and memory supplies * ASIC power supplies * Embedded processor and I/O supplies * DSP supplies
Pinout
ISL6532B (QFN) TOP VIEW
UGATE LGATE P12V S5# S3#
20 19 18 17 16 5VSBY 1 GND 2 VTT 3 VTT 4 VDDQ 5 6 VDDQ 7 VTTSNS 8 P5VSBY 9 VREF_OUT 10 VREF_IN 15 NCH 14 PGOOD 13 GND 12 COMP 11 FB
Ordering Information
PART NUMBER ISL6532BCR ISL6532BCRZ (See Note) TEMP. RANGE (oC) 0 to 70 0 to 70 PACKAGE 20 Ld 6x6 QFN 20 Ld 6x6 QFN (Pb-free) PKG. DWG. # L20.6x6 L20.6x6
*Add "-T" suffix to part number for tape and reel packaging. NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which is compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J Std-020B.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2002-2004. All Rights Reserved. All other trademarks mentioned are the property of their respective owners.
Block Diagram
P3V3SBY VDDQ S3 REGULATOR VOLTAGE REFERENCE 0.800V 0.680V (-15%) VDDQ(2) 0.920V (+15%)
SLP_S3#
SLP_S5#
5VSBY
NCH
2
VTTSNS VTT REG VTT(2) DISABLE RU VREF_IN
5V POR
S3 SLEEP, SOFT-START, PGOOD, AND FAULT LOGIC 12V POR PWM ENABLE
S0 S0/S3
ISL6532B
{ {
UV/OV VREF_OUT
P12V SOFT-START PWM EA1 COMP OSCILLATOR PWM LOGIC UGATE
250kHz
UV/OV LGATE
RL
PGOOD
FB
COMP
GND
ISL6532B Simplified Power System Diagram
5VSBY 12V 5V
SLP_S3 SLP_S5
SLEEP STATE LOGIC PWM CONTROLLER
Q1 VDDQ + Q2
5VSBY/3V3SBY STANDBY LDO ISL6532B VTT REGULATOR +
VREF VTT
Typical Application - 5V or 3.3V Input
5VSBY +3.3V +12V CBP P5VSBY 5VSBY +5V OR +3.3V P12V RNCH NCH +
PGOOD VDDQ SLP_S3 S3#
VREF
S5# SLP_S5 VREF_OUT VREF_IN + CSS UGATE Q1
CIN VDDQ
LOUT ISL6532B + LGATE Q2
2.5V
CVDDQ
VTT VTT + CVTT VTTSNS VTT
VDDQ VDDQ
FB COMP
GND
3
ISL6532B Typical Application - Input From 5V Dual
5VSBY +3.3V +12V CBP P5VSBY 5VSBY 5V DUAL P12V RNCH NCH +
PGOOD VDDQ SLP_S3 SLP_S5 VREF S3# S5#
VREF_OUT VREF_IN UGATE CSS Q1
CIN VDDQ
LOUT ISL6532B + LGATE Q2
2.5V
CVDDQ
VTT VTT + CVTT VTTSNS VTT
VDDQ VDDQ
FB COMP
GND
4
ISL6532B
Absolute Maximum Ratings
5VSBY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +7V P12V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +14V UGATE, LGATE, NCH . . . . . . . . . . . . . . GND - 0.3V to P12V + 0.3V All other Pins . . . . . . . . . . . . . . . . . . . GND - 0.3V to 5VSBY + 0.3V ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 2
Thermal Information
Thermal Resistance (Typical, Notes 1, 2) JA (oC/W) JC (oC/W) QFN Package . . . . . . . . . . . . . . . . . . . 32 5 Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
Recommended Operating Conditions
Supply Voltage on 5VSBY . . . . . . . . . . . . . . . . . . . . . . . . +5V 10% Supply Voltage on P12V . . . . . . . . . . . . . . . . . . . . . . . . +12V 10% Supply Voltage on 3V3SBY . . . . . . . . . . . . . . . . . . . . . +3.3V 10% Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . 0oC to 70oC Junction Temperature Range . . . . . . . . . . . . . . . . . . . 0oC to 125oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379. 2. For JC, the "case temp" location is the center of the exposed metal pad on the package underside.
Electrical Specifications
PARAMETER 5VSBY SUPPLY CURRENT Nominal Supply Current
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Block and Simplified Power System Diagrams and Typical Application Schematics SYMBOL TEST CONDITIONS MIN TYP MAX UNITS
ICC_S0 ICC_S3 ICC_S5
S3# & S5# HIGH, UGATE/LGATE Open S3# LOW, S5# HIGH, UGATE/LGATE Open S5# LOW, S3# Don't Care, UGATE/LGATE Open
3.00 3.50 300
5.25 -
7.25 4.75 800
mA mA A
POWER-ON RESET Rising 5VSBY POR Threshold Falling 5VSBY POR Threshold Rising P12V POR Threshold Falling P12V POR Threshold OSCILLATOR AND SOFT-START PWM Frequency Ramp Amplitude Error Amp Reset Time VDDQ Soft-Start Interval REFERENCE VOLTAGE Reference Voltage System Accuracy PWM CONTROLLER ERROR AMPLIFIER DC Gain Gain-Bandwidth Product Slew Rate STATE LOGIC S3# Transition Level S5# Transition Level VS3 VS5 1.5 1.5 V V GBWP SR Guaranteed By Design 15 80 6 dB MHz V/s VREF -2.0 0.800 +2.0 V % fOSC VOSC tRESET tSS S5# LOW to S5# HIGH S5# LOW to S5# HIGH 220 6.5 6.5 250 1.5 280 9.5 9.5 kHz V ms ms 4.00 3.60 10.0 8.80 4.35 3.95 10.5 9.75 V V V V
5
ISL6532B
Electrical Specifications
PARAMETER PWM CONTROLLER GATE DRIVERS UGATE and LGATE Source UGATE and LGATE Sink NCH BACKFEED CONTROL NCH Current Sink NCH Trip Level VDDQ STANDBY LDO Output Drive Current P5VSBY = 5.0V P5VSBY = 3.3V VTT REGULATOR Upper Divider Impedance Lower Divider Impedance VREF_OUT Buffer Source Current Maximum VTT Load Current RU RL IVREF_OUT IVTT_MAX Periodic load applied with 30% duty cycle and 10ms period using ISL6532EVAL1 evaluation board (see Application Note AN1055) By Design -3 2.5 2.5 2 3 k k mA A 650 550 mA mA INCH VNCH NCH = 0.8V 9.0 9.5 6 10 mA V IGATE IGATE -0.8 0.8 A A Recommended Operating Conditions, Unless Otherwise Noted. Refer to Block and Simplified Power System Diagrams and Typical Application Schematics (Continued) SYMBOL TEST CONDITIONS MIN TYP MAX UNITS
VTT Over Current Trip PGOOD PGOOD Rising Threshold PGOOD Falling Threshold PROTECTION VDDQ OV Level VDDQ UV Level Thermal Shutdown Limit
ITRIP_VTT
-3.3
-
3.3
A
VVTTSNS/VVDDQ S3# & S5# HIGH VVTTSNS/VVDDQ S3# & S5# HIGH
-
57.5 45.0
-
% %
VFB/VREF VFB/VREF TSD
S3# & S5# HIGH S3# & S5# HIGH By Design
-
115 85 140
-
% % C
Functional Pin Description
5VSBY (Pin 1)
5VSBY is the bias supply of the ISL6532B. It is typically connected to the 5V standby rail of an ATX power supply. During S4/S5 sleep states the ISL6532B enters a reduced power mode and draws less than 1mA (ICC5) from the 5VSBY supply. This pin should be locally bypassed using a 0.1F capacitor.
P5VSBY (Pin 8)
This pin provides the VDDQ output power during the S3 sleep state. The regulator is capable of providing standby VDDQ power from either a 5V or 3.3V source.
GND (Pin 2, 13, 21)
The GND terminals of the ISL6532B provide the return path for the VTT LDO, Standby LDO and switching MOSFET gate drivers. High ground currents are conducted directly through the exposed paddle of the QFN package which must be electrically connected to the ground plane through a path as low in inductance as possible.
P12V (Pin 18)
P12V provides the gate drive current to the switching MOSFETs of the PWM power stage. The VTT regulation circuit is also powered by P12V. P12V is only required during S0/S1/S2 operation. P12V is typically connected to the +12V rail of an ATX power supply.
UGATE (Pin 20)
UGATE drives the upper (control) FET of the VDDQ synchronous buck switching regulator. UGATE is driven between GND and P12V.
6
ISL6532B
LGATE (Pin 19)
LGATE drives the lower (synchronous) FET of the VDDQ synchronous buck switching regulator. LGATE is driven between GND and P12V. The calculated capacitance, CSS, will charge the output capacitor bank on the VTT rail in a controlled manner without reaching the current limit of the VTT LDO.
NCH (Pin 15)
NCH is an open-drain output that controls the MOSFET blocking backfeed from VDDQ to the input rail during sleep states. A 2k or larger resistor is to be tied between the 12V rail and the NCH pin. Until the voltage on the NCH pin reaches the NCH trip level, the PWM is disabled. If NCH is not actively utilized, it still must be tied to the 12V rail through a resistor. For systems using 5V dual as the input to the switching regulator, a time constant, in the form of a capacitor, can be added to the NCH pad to delay start of the PWM switcher until the 5V dual has switched from 5VSBY to 5VATX.
FB (Pin 11) and COMP (Pin 12)
The VDDQ switching regulator employs a single voltage control loop. FB is the negative input to the voltage loop error amplifier. The positive input of the error amplifier is connected to a precision 0.8V reference and the output of the error amplifier is connected to the COMP pin. The VDDQ output voltage is set by an external resistor divider connected to FB. With a properly selected divider, VDDQ can be set to any voltage between the power rail (reduced by converter losses) and the 0.8V reference. Loop compensation is achieved by connecting an AC network across COMP and FB. The FB pin is also monitored for under and over-voltage events.
PGOOD (Power Good) (Pin 14)
Power Good is an open-drain logic output that changes to a logic low if the VTT regulator is out of regulation in S0/S1/S2 state. PGOOD will always be low in any state other than S0/S1/S2.
VDDQ (Pins 5, 6)
The VDDQ pins should be connected externally together to the regulated VDDQ output. During S0/S1 states, the VDDQ pins serve as inputs to the VTT regulator and to the VTT Reference precision divider. During S3 (Suspend to RAM) state, the VDDQ pins serve as an output from the integrated standby LDO.
S5# (Pin 17)
This pin accepts the SLP_S5# sleep state signal.
S3# (Pin 16)
This pin accepts the SLP_S3# sleep state signal.
VTT (Pins 3, 4)
The VTT pins should be connected together. During S0/S1 states, the VTT pins serve as the outputs of the VTT linear regulator. During any sleep state, the VTT regulator is disabled.
Functional Description
Overview
The ISL6532B provides complete control, drive, protection and ACPI compliance for a regulator powering DDR memory systems. It is primarily designed for computer applications powered from an ATX power supply. A 250kHz Synchronous Buck Regulator with a precision 0.8V reference provides the proper Core voltage to the system memory of the computer. An internal LDO regulator with the ability to both sink and source current and an externally available buffered reference that tracks the VDDQ output by 50% provides the VTT termination voltage. ACPI compliance is realized through the SLP_S3 and SLP_S5 sleep signals and through monitoring of the 12V ATX bus.
VTTSNS (Pin 7)
VTTSNS is used as the feedback for control of the VTT linear regulator. Connect this pin to the VTT output at the physical point of desired regulation.
VREF_OUT (Pin 9)
VREF_OUT is a buffered version of VTT and also acts as the reference voltage for the VTT linear regulator. It is recommended that a minimum capacitance of 0.1F be connected between VDDQ and VREF_OUT and also between VREF_OUT and GND for proper operation.
VREF_IN (Pin 10)
A capacitor, CSS, connected between VREF_IN and ground is required. This capacitor and the parallel combination of the Upper and Lower Divider Impedance (RU||RL), sets the time constant for the start up ramp when transitioning from S3 to S0/S1/S2. The minimum value for CSS can be found through the following equation:
C VTTOUT V DDQ C SS > -----------------------------------------------10 2A RU || R L
Initialization
The ISL6532B automatically initializes upon receipt of input power. Special sequencing of the input supplies is not necessary. The Power-On Reset (POR) function continually monitors the input bias supply voltages. The POR monitors the bias voltage at the 5VSBY and P12V pins. The POR function initiates soft-start operation after the bias supply voltages exceed their POR thresholds.
7
ISL6532B
ACPI State Transitions
Cold Start (S5/S4 to S0 Transition) At the onset of a mechanical start, the ISL6532B receives it's bias voltage from the 5V Standby bus (5VSBY). As soon as the SLP_S3 and SLP_S5 signals have transitioned HIGH, the ISL6532B starts an internal counter. Following a cold start or any subsequent S5 state, state transitions are ignored until the system enters S0/S1. None of the regulators will begin the soft start procedure until the 5V Standby bus has exceeded POR, the 12V bus has exceeded POR and VNCH has exceeded the trip level. Once all of these conditions are met, the PWM error amplifier will first be reset by internally shorting the COMP pin to the FB pin. This reset lasts for 2048 clock cycles which is typically 8.2ms (one clock cycle = 1/fOSC). The digital soft start sequence will then begin. The PWM error amplifier reference input is clamped to a level proportional to the soft-start voltage. As the soft-start voltage slews up, the PWM comparator generates PHASE pulses of increasing width that charge the output capacitor(s). The internal VTT LDO will also soft start through the reference that tracks the output of the PWM regulator. The soft start lasts for 2048 clock cycles, which is typically 8.2ms. This method provides a rapid and controlled output voltage rise. Figure 1 shows the soft start sequence for a typical cold start. Due to the soft start capacitance, CSS, on the VREF_IN pin, the S5 to S0 transition profile of the VTT rail will have a more rounded features at the start and end of the soft start whereas the VDDQ profile has distinct starting and ending points to the ramp up. By directly monitoring 12VATX and the SLP_S3 and SLP_S5 signals, the ISL6532B can achieve PGOOD status significantly faster than other devices that depend on the Latched_Backfeed_Cut signal for timing. Active to Sleep (S0 to S3 Transition) When SLP_S3 goes LOW with SLP_S5 still HIGH, the ISL6532B will disable the VTT linear regulator. The VDDQ standby regulator will be enabled and the VDDQ switching regulator will be disabled. NCH is pulled low to disable the backfeed blocking MOSFET. PGOOD will also transition LOW. When VTT is disabled, the internal reference for the VTT regulator is internally shorted to the VTT rail. This allows the VTT rail to float. When floating, the voltage on the VTT rail will depend on the leakage characteristics of the memory and MCH I/O pins. It is important to note that the VTT rail may not bleed down to 0V. The VDDQ rail will be supported in the S3 state through the standby VDDQ LDO. When S3 transitions LOW, the Standby regulator is immediately enabled. The switching regulator is disabled synchronous to the switching waveform. The shut off time will range between 4 and 8s. The standby LDO is capable of supporting up to 650mA of load with P5VSBY tied to the 5V Standby Rail. The standby LDO may receive input from either the 3.3V Standby rail or the 5V Standby rail through the P5VSBY pin. It is recommended that the 5V Standby rail be used as the current delivery capability of the LDO is greater. Sleep to Active (S3 to S0 Transition) When SLP_S3 transitions from LOW to HIGH with SLP_S5 held HIGH and after the 12V rail exceeds POR, the ISL6532B will enable the VDDQ switching regulator, disable the VDDQ standby regulator, enable the VTT LDO and force the NCH pin to a high impedance state turning on the blocking MOSFET. The internal short between the VTT reference and the VTT rail is released. Upon release of the short, the capacitor on VREF_IN is then charged up through the internal resistor divider network. The VTT output will follow this capacitor charge-up, acting as the S3 to S0 transition soft start for the VTT rail. The PGOOD comparator is enabled only after 2048 clock cycles, or typically 8.2ms, have passed following the S3 transition to a HIGH state. Figure 2 illustrates a typical state transition from S3 to S0. It should be noted that the soft start profile of the VTT LDO output will vary according to the value of the capacitor on the VREF_IN pin.
S3 S5 12VATX 2V/DIV 5VSBY 1V/DIV VDDQ 500mV/DIV
VTT 500mV/DIV
PGOOD 5V/DIV 2048 CLOCK CYCLES 12V POR 2048 CLOCK CYCLES
Active to Shutdown (S0 to S4/S5 Transition)
When the system transitions from active, S0, state to shutdown, S4/S5, state, the ISL6532B IC disables all regulators and forces the PGOOD pin and the NCH pin LOW.
SOFT START ENDS SOFT START PGOOD COMPARATOR INITIATES ENABLED
FIGURE 1. TYPICAL COLD START
8
ISL6532B
VDDQ S3 S5 12VATX 2V/DIV VDDQ VTT FLOATING 500mV/DIV
VTT 500mV/DIV
VTT 500mV/DIV INTERNAL DELAY PGOOD 5V/DIV 2048 CLOCK CYCLES PGOOD COMPARATOR ENABLED T0 TIME DELAY INTERVAL
12V POR
FIGURE 2. TYPICAL S3 TO S0 STATE TRANSITION
T1
T2
VTT Over Current Protection
The internal VTT LDO is protected from fault conditions through a 3.3A current limit. This current limit protects the ISL6532B if the LDO is sinking or sourcing current. During an overcurrent event on the VTT LDO, only the VTT LDO is disabled. Once the over current condition on the VTT rail is removed, VTT will recover.
FIGURE 3. VTT/VDDQ LDO UNDER VOLTAGE PROTECTION RESPONSES
Shoot-Through Protection
A shoot-through condition occurs when both the upper and lower MOSFETs are turned on simultaneously, effectively shorting the input voltage to ground. To protect from a shootthrough condition, the ISL6532B incorporates specialized circuitry which insures that complementary MOSFETs are not ON simultaneously. The adaptive shoot-through protection utilized by the VDDQ regulator looks at the lower gate drive pin, LGATE, and the upper gate drive pin, UGATE, to determine whether a MOSFET is ON or OFF. If the voltage from UGATE or from LGATE to GND is less than 0.8V, then the respective MOSFET is defined as being OFF and the other MOSFET is allowed to be turned ON. This method allows the VDDQ regulator to both source and sink current. Since the voltage of the MOSFET gates are being measured to determine the state of the MOSFET, the designer is encouraged to consider the repercussions of introducing external components between the gate drivers and their respective MOSFET gates before actually implementing such measures. Doing so may interfere with the shootthrough protection.
Over/Under Voltage Protection.
Both the internal VTT LDO and the VDDQ regulator are protected from faults through internal Over/Under voltage detection circuitry. If either rail falls below 85% of the targeted voltage, then an undervoltage event is tripped. An under voltage will disable all regulators for a period of 3 soft-start cycles, after which a normal soft-start is initiated. If the output remains under 85% of target, the regulators will continue to be disabled and soft-started in a hiccup mode until the fault is cleared. See Figure 3. If either rail exceeds 115% of the targeted voltage, then all outputs are immediately disabled. The ISL6532B will not reenable the outputs until either the bias voltage is toggled in order to initiate a POR or the SLP_S5 signal is forced LOW and then back to HIGH.
Thermal Protection (S0/S3 State)
If the ISL6532B IC junction temperature reaches a nominal temperature of 140oC, all regulators will be disabled. The ISL6532B will not re-enable the outputs until the junction temperature drops below 110oC and either the bias voltage is toggled in order to initiate a POR or the SLP_S5 signal is forced LOW and then back to HIGH.
Application Guidelines
Layout Considerations
Layout is very important in high frequency switching converter design. With power devices switching efficiently at 250kHz, the resulting current transitions from one device to another cause voltage spikes across the interconnecting impedances and parasitic circuit elements. These voltage
9
ISL6532B
spikes can degrade efficiency, radiate noise into the circuit, and lead to device over-voltage stress. Careful component layout and printed circuit board design minimizes these voltage spikes. As an example, consider the turn-off transition of the upper MOSFET. Prior to turn-off, the MOSFET is carrying the full load current. During turn-off, current stops flowing in the MOSFET and is picked up by the lower MOSFET. Any parasitic inductance in the switched current path generates a large voltage spike during the switching interval. Careful component selection, tight layout of the critical components, and short, wide traces minimizes the magnitude of voltage spikes. There are two sets of critical components in the ISL6532B switching converter. The switching components are the most critical because they switch large amounts of energy, and therefore tend to generate large amounts of noise. Next are the small signal components which connect to sensitive nodes or supply critical bypass current and signal coupling. A multi-layer printed circuit board is recommended. Figure 4 shows the connections of the critical components in the converter. Note that capacitors CIN and COUT could each represent numerous physical capacitors. Dedicate one solid layer, usually a middle layer of the PC board, for a ground plane and make all critical component ground connections with vias to this layer. Dedicate another solid layer as a power plane and break this plane into smaller islands of common voltage levels. Keep the metal runs from the PHASE terminals to the output inductor short. The power plane should support the input power and output power nodes. Use copper filled polygons on the top and bottom circuit layers for the phase nodes. Use the remaining printed circuit layers for small signal wiring. The wiring traces from the GATE pins to the MOSFET gates should be kept short and wide enough to easily handle the 1A of drive current. In order to dissipate heat generated by the internal VTT LDO, the ground pad, pin 21, should be connected to the internal ground plane through at least four vias. This allows the heat to move away from the IC and also ties the pad to the ground plane through a low impedance path. The switching components should be placed close to the ISL6532B first. Minimize the length of the connections between the input capacitors, CIN, and the power switches by placing them nearby. Position both the ceramic and bulk input capacitors as close to the upper MOSFET drain as possible. Position the output inductor and output capacitors between the upper and lower MOSFETs and the load. The critical small signal components include any bypass capacitors, feedback components, and compensation components. Place the PWM converter compensation components close to the FB and COMP pins. The feedback resistors should be located as close as possible to the FB pin with vias tied straight to the ground plane as required. 10
12VATX P12V GND ISL6532B NCH 5VSBY P5VSBY 5VSBY GND UGATE CBP CIN CBP VIN_DDR
Q1 LOUT
VDDQ LOAD
LGATE COMP C2 R2 FB R4 C1
Q2
COUT1
R1 C3 R3
VDDQ(2) VTT(2) LOAD COUT2 GND PAD
VDDQ VTT
KEY ISLAND ON POWER PLANE LAYER ISLAND ON CIRCUIT PLANE LAYER VIA CONNECTION TO GROUND PLANE
FIGURE 4. PRINTED CIRCUIT BOARD POWER PLANES AND ISLANDS
Feedback Compensation - PWM Buck Converter
Figure 5 highlights the voltage-mode control loop for a synchronous-rectified buck converter. The output voltage (VOUT) is regulated to the Reference voltage level. The error amplifier output (VE/A) is compared with the oscillator (OSC) triangular wave to provide a pulse-width modulated (PWM) wave with an amplitude of VIN at the PHASE node. The PWM wave is smoothed by the output filter (LO and CO). The modulator transfer function is the small-signal transfer function of VOUT/VE/A . This function is dominated by a DC Gain and the output filter (LO and CO), with a double pole break frequency at FLC and a zero at FESR . The DC Gain of the modulator is simply the input voltage (VIN) divided by the peak-to-peak oscillator voltage VOSC .
Modulator Break Frequency Equations
1 F LC = -----------------------------------------2 x L O x C O 1 F ESR = ------------------------------------------2 x ESR x C O
ISL6532B
OSC PWM COMPARATOR VOSC DRIVER VIN LO DRIVER PHASE CO VDDQ
Compensation Break Frequency Equations
1 F Z1 = ----------------------------------2 x R 2 x C 2 1 F Z2 = -----------------------------------------------------2 x ( R 1 + R 3 ) x C 3 1 F P1 = ------------------------------------------------------- C 1 x C 2 2 x R 2 x --------------------- C1 + C2 1 F P2 = ----------------------------------2 x R 3 x C 3
-
+
ZFB VE/A +
ESR (PARASITIC)
-
ZIN REFERENCE
ERROR AMP
DETAILED COMPENSATION COMPONENTS C1 C2 R2 ZFB ZIN C3 R1 R3 VDDQ
COMP
+
FB R4
Figure 6 shows an asymptotic plot of the DC-DC converter's gain vs frequency. The actual Modulator Gain has a high gain peak due to the high Q factor of the output filter and is not shown in Figure 6. Using the above guidelines should give a Compensation Gain similar to the curve plotted. The open loop error amplifier gain bounds the compensation gain. Check the compensation gain at FP2 with the capabilities of the error amplifier. The Closed Loop Gain is constructed on the graph of Figure 6 by adding the Modulator Gain (in dB) to the Compensation Gain (in dB). This is equivalent to multiplying the modulator transfer function to the compensation transfer function and plotting the gain. The compensation gain uses external impedance networks ZFB and ZIN to provide a stable, high bandwidth (BW) overall loop. A stable control loop has a gain crossing with -20dB/decade slope and a phase margin greater than 45 degrees. Include worst case component variations when determining phase margin.
ISL6532B
REFERENCE
R 1 V DDQ = 0.8 x 1 + ------ R 4 FIGURE 5. VOLTAGE-MODE BUCK CONVERTER COMPENSATION DESIGN AND OUTPUT VOLTAGE SELECTION
100 80 60 GAIN (dB) 40 20 0 -20 -40 MODULATOR GAIN 20LOG (R2/R1)
FZ1 FZ2
FP1
FP2 OPEN LOOP ERROR AMP GAIN
The compensation network consists of the error amplifier (internal to the ISL6532B) and the impedance networks ZIN and ZFB. The goal of the compensation network is to provide a closed loop transfer function with the highest 0dB crossing frequency (f0dB) and adequate phase margin. Phase margin is the difference between the closed loop phase at f0dB and 180 degrees. The equations below relate the compensation network's poles, zeros and gain to the components (R1 , R2 , R3 , C1 , C2 , and C3) in Figure 5. Use these guidelines for locating the poles and zeros of the compensation network: 1. Pick Gain (R2/R1) for desired converter bandwidth. 2. Place 1ST Zero Below Filter's Double Pole (~75% FLC). 3. Place 2ND Zero at Filter's Double Pole. 4. Place 1ST Pole at the ESR Zero. 5. Place 2ND Pole at Half the Switching Frequency. 6. Check Gain against Error Amplifier's Open-Loop Gain. 7. Estimate Phase Margin - Repeat if Necessary.
20LOG (VIN/VOSC) COMPENSATION GAIN CLOSED LOOP GAIN FESR 10K 100K 1M 10M
FLC -60 10 100 1K
FREQUENCY (Hz)
FIGURE 6. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
Output Voltage Selection
The output voltage of the VDDQ PWM converter can be programmed to any level between VIN and the internal reference, 0.8V. An external resistor divider is used to scale the output voltage relative to the reference voltage and feed it back to the inverting input of the error amplifier, see Figure 6.
11
ISL6532B
However, since the value of R1 affects the values of the rest of the compensation components, it is advisable to keep its value less than 5k. Depending on the value chosen for R1, R4 can be calculated based on the following equation:
R1 x 0.8V R4 = ---------------------------------V DDQ - 0.8V
Output Capacitor Selection - LDO Regulator
The output capacitors used in LDO regulators are used to provide dynamic load current. The amount of capacitance and type of capacitor should be chosen with this criteria in mind.
Output Inductor Selection
The output inductor is selected to meet the output voltage ripple requirements and minimize the converter's response time to the load transient. The inductor value determines the converter's ripple current and the ripple voltage is a function of the ripple current. The ripple voltage and current are approximated by the following equations:
I = VIN - VOUT Fs x L x VOUT VIN VOUT = I x ESR
If the output voltage desired is 0.8V, simply route VDDQ back to the FB pin through R1, but do not populate R4. The output voltage for the internal VTT linear regulator is set internal to the ISL6532B to track the VDDQ voltage by 50%. There is no need for external programming resistors.
Component Selection Guidelines
Output Capacitor Selection - PWM Buck Converter
An output capacitor is required to filter the inductor current and supply the load transient current. The filtering requirements are a function of the switching frequency and the ripple current. The load transient requirements are a function of the slew rate (di/dt) and the magnitude of the transient load current. These requirements are generally met with a mix of capacitors and careful layout. DDR memory systems are capable of producing transient load rates above 1A/ns. High frequency capacitors initially supply the transient and slow the current load rate seen by the bulk capacitors. The bulk filter capacitor values are generally determined by the ESR (Effective Series Resistance) and voltage rating requirements rather than actual capacitance requirements. High frequency decoupling capacitors should be placed as close to the power pins of the load as physically possible. Be careful not to add inductance in the circuit board wiring that could cancel the usefulness of these low inductance components. Consult with the manufacturer of the load on specific decoupling requirements. Use only specialized low-ESR capacitors intended for switching-regulator applications for the bulk capacitors. The bulk capacitor's ESR will determine the output ripple voltage and the initial voltage drop after a high slew-rate transient. An aluminum electrolytic capacitor's ESR value is related to the case size with lower ESR available in larger case sizes. However, the Equivalent Series Inductance (ESL) of these capacitors increases with case size and can reduce the usefulness of the capacitor to high slew-rate transient loading. Unfortunately, ESL is not a specified parameter. Work with your capacitor supplier and measure the capacitor's impedance with frequency to select a suitable component. In most cases, multiple electrolytic capacitors of small case size perform better than a single large case capacitor.
Increasing the value of inductance reduces the ripple current and voltage. However, the large inductance values reduce the converter's response time to a load transient. One of the parameters limiting the converter's response to a load transient is the time required to change the inductor current. Given a sufficiently fast control loop design, the ISL6532B will provide either 0% or 100% duty cycle in response to a load transient. The response time is the time required to slew the inductor current from an initial current value to the transient current level. During this interval the difference between the inductor current and the transient current level must be supplied by the output capacitor. Minimizing the response time can minimize the output capacitance required. The response time to a transient is different for the application of load and the removal of load. The following equations give the approximate response time interval for application and removal of a transient load:
tRISE = L x ITRAN VIN - VOUT tFALL = L x ITRAN VOUT
where: ITRAN is the transient load current step, tRISE is the response time to the application of load, and tFALL is the response time to the removal of load. The worst case response time can be either at the application or removal of load. Be sure to check both of these equations at the minimum and maximum output levels for the worst case response time.
Input Capacitor Selection - PWM Buck Converter
Use a mix of input bypass capacitors to control the voltage overshoot across the MOSFETs. Use small ceramic capacitors for high frequency decoupling and bulk capacitors to supply the current needed each time the upper MOSFET turns on. Place the small ceramic capacitors physically close to the MOSFETs, between the drain of upper MOSFET and the source of lower MOSFET.
12
ISL6532B
The important parameters for the bulk input capacitance are the voltage rating and the RMS current rating. For reliable operation, select bulk capacitors with voltage and current ratings above the maximum input voltage and largest RMS current required by the circuit. Their voltage rating should be at least 1.25 times greater than the maximum input voltage, while a voltage rating of 1.5 times is a conservative guideline. For worst cases, the RMS current rating requirement for the input capacitor of a buck regulator is approximately 1/2 the DC output load current. The maximum RMS current required by the regulator may be closely approximated through the following equation:
I RMS =
2 V OUT 2 1 V IN - V OUT V OUT --------------- x I OUT + ----- x ------------------------------- x --------------- V IN V IN 12 L x f sw MAX
MAX
For a through hole design, several electrolytic capacitors may be needed. For surface mount designs, solid tantalum capacitors can be used, but caution must be exercised with regard to the capacitor surge current rating. These capacitors must be capable of handling the surge-current at power-up. Some capacitor series available from reputable manufacturers are surge current tested.
MOSFET Selection - PWM Buck Converter
The ISL6532B requires 2 N-Channel power MOSFETs for switching power and a third MOSFET to block backfeed from VDDQ to the Input in S3 Mode. These should be selected based upon rDS(ON) , gate supply requirements, and thermal management requirements.
In high-current applications, the MOSFET power dissipation, package selection and heatsink are the dominant design factors. The power dissipation includes two loss components; conduction loss and switching loss. The conduction losses are the largest component of power dissipation for both the upper and the lower MOSFETs. These losses are distributed between the two MOSFETs according to duty factor. The switching losses seen when sourcing current will be different from the switching losses seen when sinking current. When sourcing current, the upper MOSFET realizes most of the switching losses. The lower switch realizes most of the switching losses when the converter is sinking current (see the equations below). These equations assume linear voltage-current transitions and do not adequately model power loss due the reverserecovery of the upper and lower MOSFET's body diode. The gate-charge losses are dissipated in part by the ISL6532B and do not significantly heat the MOSFETs. However, large gate-charge increases the switching interval, tSW which increases the MOSFET switching losses. Ensure that both MOSFETs are within their maximum junction temperature at high ambient temperature by calculating the temperature rise according to package thermal-resistance specifications. A separate heatsink may be necessary depending upon MOSFET power, package type, ambient temperature and air flow. Approximate Losses while Sourcing current
2 1 P UPPER = Io x r DS ( ON ) x D + -- Io x V IN x t SW x f s 2 2xr PLOWER = Io DS(ON) x (1 - D)
Approximate Losses while Sinking current
PUPPER = Io2 x rDS(ON) x D
2 1 P LOWER = Io x r DS ( ON ) x ( 1 - D ) + -- Io x V IN x t SW x f s 2
Where: D is the duty cycle = VOUT / VIN , tSW is the combined switch ON and OFF time, and fs is the switching frequency.
13
ISL6532B ISL6532B Application Circuit
Figure 7 shows an application circuit utilizing the ISL6532B. Detailed information on the circuit, including a complete Billof-Materials and circuit board description, can be found in Application Note AN1055.
5VSBY +3.3V R2 10.0k PGOOD S5 VDDQ VREF C26 0.1F VREF_OUT C27 0.1F VREF_IN C19 0.47F ISL6532B S3 C17,18 1F
VCC12
R1 4.99k C16 1F
VCC5 Q5
5VSBY
P5VSBY
P12V
PGOOD SLP_S5# SLP_S3#
NCH
L1 2.1H
C4,5 1F UGATE Q1,3 L2 2.1H LGATE VDDQ VDDQ Q2,4
+
C1-3 2200F VDDQ 2.5V + C6-8 1800F
VDDQ VTT 1.25V C20 + 220F + C21 220F VTTSNS GND GND VTT VTT
C9-12 22F
R4 1.74k
FB COMP C15 1000pF C14 6.8nF R3 19.1k
C13 56nF
R5 22.6
R6 825
FIGURE 7. DDR SDRAM AND AGP VOLTAGE REGULATOR USING THE ISL6532B
14
ISL6532B Quad Flat No-Lead Plastic Package (QFN) Micro Lead Frame Plastic Package (MLFP)
L20.6x6
20 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE (COMPLIANT TO JEDEC MO-220VJJB ISSUE C) MILLIMETERS SYMBOL A A1 A2 A3 b D D1 D2 E E1 E2 e k L L1 N Nd Ne P 0.25 0.35 3.55 3.55 0.28 MIN 0.80 NOMINAL 0.90 0.20 REF 0.33 6.00 BSC 5.75 BSC 3.70 6.00 BSC 5.75 BSC 3.70 0.80 BSC 0.60 20 5 5 0.60 12 0.75 0.15 3.85 3.85 0.40 MAX 1.00 0.05 1.00 NOTES 9 9 5, 8 9 7, 8 9 7, 8 8 10 2 3 3 9 9 Rev. 1 10/02 NOTES: 1. Dimensioning and tolerancing conform to ASME Y14.5-1994. 2. N is the number of terminals. 3. Nd and Ne refer to the number of terminals on each D and E. 4. All dimensions are in millimeters. Angles are in degrees. 5. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature. 7. Dimensions D2 and E2 are for the exposed pads which provide improved electrical and thermal performance. 8. Nominal dimensions are provided to assist with PCB Land Pattern Design efforts, see Intersil Technical Brief TB389. 9. Features and dimensions A2, A3, D1, E1, P & are present when Anvil singulation method is used and not present for saw singulation. 10. Depending on the method of lead termination at the edge of the package, a maximum 0.15mm pull back (L1) maybe present. L minus L1 to be equal to or greater than 0.3mm.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 15


▲Up To Search▲   

 
Price & Availability of ISL6532B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X