Part Number Hot Search : 
3386C200 NB100 G78SVF BC858C KLDVHCX 7129F VTOF70 G78SVF
Product Description
Full Text Search
 

To Download IRS2184 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. PD60252
IRS2184/IRS21844(S)PbF
Features
* * * * * * * * * * *
Floating channel designed for bootstrap operation Fully operational to +600 V Tolerant to negative transient voltage, dV/dt immune Gate drive supply range from 10 V to 20 V Undervoltage lockout for both channels 3.3 V and 5 V input logic compatible Matched propagation delay for both channels Logic and power ground +/- 5 V offset Lower di/dt gate driver for better noise immunity Output source/sink current capability 1.4 A/1.8 A RoHS compliant
Packages
HALF-BRIDGE DRIVER
8-Lead PDIP IRS2184 14-Lead PDIP IRS21844
8-Lead SOIC IRS2184S
14-Lead SOIC IRS21844S
Description
The IRS2184/IRS21844 are high voltage, high speed power MOSFET and Feature Comparison CrossIGBT drivers with dependent high-side ton/toff Deadtime Input conduction Ground Pins Part and low-side referenced output chanlogic prevention (ns) (ns) logic nels. Proprietary HVIC and latch 2181 COM HIN/LIN no none 180/220 immune CMOS technologies enable 21814 VSS/COM ruggedized monolithic construction. 2183 Internal 400 COM HIN/LIN yes 180/220 21834 Program 400-5000 VSS/COM The logic input is compatible with stan2184 Internal 400 COM IN/SD yes 680/270 dard CMOS or LSTTL output, down to 3.3 21844 Program 400-5000 VSS/COM V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high-side configuration which operates up to 600 V.
Typical Connection
VCC
up to 600 V
VCC
IN SD
VB HO VS LO
up to 600 V
TO LOAD
IN SD COM
IRS2184
VCC IN SD VCC IN SD DT VSS RDT VSS
HO VB VS
IRS21844
TO LOAD
(Refer to Lead Assignments for correct configuration).These diagrams show electrical connections only. Please refer to our Application Notes and DesignTips for proper circuit board layout.
COM LO
www.irf.com
1
IRS2184/IRS21844(S)PbF
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
VB VS VHO VCC VLO DT VIN VSS dVS/dt
Definition
High-side floating absolute voltage High-side floating supply offset voltage High-side floating output voltage Low-side and logic fixed supply voltage Low-side output voltage Programmable deadtime pin voltage (IRS21844 only) Logic input voltage (IN & SD) Logic ground (IRS21844 only) Allowable offset supply voltage transient (8-lead PDIP) (8-lead SOIC) (14-lead PDIP) (14-lead SOIC) (8-lead PDIP) (8-lead SOIC) (14-lead PDIP) (14-lead SOIC)
Min.
-0.3 VB - 20 VS - 0.3 -0.3 -0.3 VSS - 0.3 VSS - 0.3 VCC - 20 -- -- -- -- -- -- -- -- -- -- -50 --
Max.
620 (Note 1) VB + 0.3 VB + 0.3 20 (Note 1) VCC + 0.3 VCC + 0.3 VCC + 0.3 VCC + 0.3 50 1.0 0.625 1.6 1.0 125 200 75 120 150 150 300
Units
V
V/ns
PD
Package power dissipation @ TA +25 C
W
RthJA
Thermal resistance, junction to ambient
C/W
TJ TS TL
Junction temperature Storage temperature Lead temperature (soldering, 10 seconds)
C
Note 1: All supplies are fully tested at 25 V and an internal 20 V clamp exists for each supply.
Recommended Operating Conditions
The input/output logic timing diagram is shown in Fig. 1. For proper operation the device should be used within the recommended conditions. The VS and VSS offset rating are tested with all supplies biased at a 15 V differential.
Symbol
VB VS VHO VCC VLO VIN DT VSS TA
Definition
High-side floating supply absolute voltage High-side floating supply offset voltage High-side floating output voltage Low-side and logic fixed supply voltage Low-side output voltage Logic input voltage (IN & SD) Programmable deadtime pin voltage (IRS21844 only) Logic ground (IRS21844 only) Ambient temperature
Min.
VS + 10 Note 2 VS 10 0 VSS VSS -5 -40
Max.
VS + 20 600 VB 20 VCC VCC VCC 5 125
Units
V
C
Note 2: Logic operational for VS of -5 V to +600 V. Logic state held for VS of -5 V to -VBS. (Please refer to the Design Tip DT97-3 for more details).
www.irf.com
2
IRS2184/IRS21844(S)PbF
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15 V, VSS = COM, CL = 1000 pF, TA = 25 C, DT = VSS unless otherwise specified.
Symbol
ton toff tsd MTon MToff tr tf DT MDT
Definition
Turn-on propagation delay Turn-off propagation delay Shut-down propagation delay Delay matching, HS & LS turn-on Delay matching, HS & LS turn-off Turn-on rise time Turn-off fall time Deadtime: LO turn-off to HO turn-on(DTLO-HO) & HO turn-off to LO turn-on (DTHO-LO) Deadtime matching = DTLO - HO - DTHO-LO
Min.
-- -- -- -- -- -- -- 280 4 -- --
Typ.
680 270 180 0 0 40 20 400 5 0 0
Max. Units Test Conditions
900 400 270 90 40 60 35 520 6 50 600 s ns VS = 0 V RDT= 0 RDT = 200 k RDT=0 RDT = 200 k ns VS = 0 V VS = 0 V or 600 V
Static Electrical Characteristics
VBIAS (VCC, VBS ) = 15 V, VSS = COM, DT= VSS and TA = 25 C unless otherwise specified. The VIL, VIH, and IIN parameters are referenced to VSS /COM and are applicable to the respective input leads: IN and SD. The VO, IO, and Ron parameters are referenced to COM and are applicable to the respective output leads: HO and LO.
Symbol
VIH VIL VSD,TH+ VSD,THVOH VOL ILK IQBS IQCC IIN+ IINVCCUV+ VBSUV+ VCCUVVBSUVVCCUVH VBSUVH IO+ IO-
Definition
Logic "1" input voltage for HO & logic "0" for LO Logic "0" input voltage for HO & logic "1" for LO SD input positive going threshold SD input negative going threshold High level output voltage, VBIAS - VO Low level output voltage, VO Offset supply leakage current Quiescent VBS supply current Quiescent VCC supply current Logic "1" input bias current Logic "0" input bias current VCC and VBS supply undervoltage positive going threshold VCC and VBS supply undervoltage negative going threshold Hysteresis Output high short circuit pulsed current Output low short circuit pulsed current
Min. Typ. Max. Units Test Conditions
2.5 -- 2.5 -- -- -- -- 20 0.4 -- -- 8.0 7.4 0.3 1.4 1.8 -- -- -- -- -- -- -- 60 1.0 25 -- 8.9 8.2 0.7 1.9 2.3 -- 0.8 -- 0.8 1.4 0.2 50 150 1.6 60 5.0 9.8 9.0 V -- -- A -- VO = 0 V, PW 10 s VO = 15 V, PW 10 s A mA A V IO = 0 A IO = 20 mA VB = VS = 600 V VIN = 0 V or 5 V IN = 5 V, SD = 0 V IN = 0 V, SD = 5 V VCC = 10 V to 20 V
www.irf.com
3
IRS2184/IRS21844(S)PbF
Functional Block Diagrams
VB
2184
IN
VSS/COM LEVEL SHIFT HV LEVEL SHIFTER PULSE GENERATOR
UV DETECT R PULSE FILTER R S Q
HO
VS
DEADTIME UV DETECT
VCC
+5V
LO
SD
VSS/COM LEVEL SHIFT
DELAY
COM
VB
21844
IN
VSS/COM LEVEL SHIFT HV LEVEL SHIFTER PULSE GENERATOR
UV DETECT R PULSE FILTER R S Q
HO
VS
DT
+5V
DEADTIME UV DETECT
VCC
LO
SD
VSS/COM LEVEL SHIFT
DELAY
COM
VSS
www.irf.com
4
IRS2184/IRS21844(S)PbF
Lead Definitions
Symbol Description
IN SD DT VSS VB HO VS VCC LO COM Logic input for high-side and low-side gate driver outputs (HO and LO), in phase with HO (referenced to COM for IRS2184 and VSS for IRS21844) Logic input for shutdown (referenced to COM for IRS2184 and VSS for IRS21844) Programmable deadtime lead, referenced to VSS. (IRS21844 only) Logic ground (IRS21844 only) High-side floating supply High-side gate drive output High-side floating supply return Low-side and logic fixed supply Low-side gate drive output Low-side return
Lead Assignments
1 2 3 4
IN SD COM LO
VB HO VS VCC
8
7 6 5
1 2 3 4
IN SD COM LO
VB HO VS VCC
8
7 6 5
8-Lead PDIP
8-Lead SOIC
IRS2184PbF
1 2 3 4 5 6 7 IN SD VSS DT COM LO VCC VB HO VS
IRS2184SPbF
14
13 12 11 10 9 8 1 2 3 4 5 6 7 IN SD VSS DT COM LO VCC VB HO VS
14
13 12 11 10 9 8
14-Lead PDIP
14-Lead SOIC
IRS21844PbF
www.irf.com
IRS21844SPbF
5
IRS2184/IRS21844(S)PbF
IN
IN(LO)
50% 50%
SD
IN(HO)
ton tr 90% toff 90% tf
HO LO
LO HO
Figure 1. Input/Output Timing Diagram
10%
10%
Figure 2. Switching Time Waveform Definitions
50%
50%
IN
90%
SD
50% HO LO tsd
DT LO-HO 10% DTHO-LO
90%
HO LO
90%
MDT= DTLO-HO
10% - DTHO-LO
Figure 3. Shutdown Waveform Definitions
Figure 4. Deadtime Waveform Definitions
IN(LO)
50% 50%
IN (HO)
LO
HO
10%
MT 90%
MT
LO
HO
Figure 5. Delay Matching Waveform Definitions
www.irf.com
6
IRS2184/IRS21844(S)PbF
Turn-on Propagation Delay (ns)
Turn-on Propagation Delay (ns)
1400 1200 1000
Max.
1400 1200 1000 800 600 400 10 12 14 16 18 20 Supply Voltage (V) Figure 6B. Turn-On Propagation Delay vs. Supply Voltage
Max.
800
Typ.
Typ.
600 400 -50 -25 0 25 50 75 100 125 Temperature (oC) Figure 6A. Turn-On Propagation Delay vs. Tem perature
T u rn -o f f P ro p a g a t i o n D e l a y (n s )
600 500 400
Max.
Turn-off Propagation Delay (ns)
700
700 600 500
Max.
400
Typ.
300
Typ.
300 200 100 10 12 14 16 18 20
200 100 -50 -25 0 25 50 75 100 125 Temperature (oC) Figure 7A. Turn-Off Propagation Delay vs. Tem perature
Supply Voltage (V) Figure 7B. Turn-Off Propagation Delay vs. Supply Voltage
www.irf.com
7
IRS2184/IRS21844(S)PbF
500
SD Propagation Delay (ns) SD Propagation Delay (ns)
500
400 300
Max.
400
Max.
300
Typ.
200
Typ.
200
100 0 -50 -25 0 25 50
o
100
0
75
100
125
10
12
14
16
18
20
Temperature ( C) Figure 8A. SD Propagation Delay vs. Tem perature
Supply Voltage (V) Figure 8B. SD Propagation Delay vs. Supply Voltage
120 Turn-On Rise Time (ns) Turn-On Rise Time (ns) -25 0 25 50 75 100 125 100 80 60 40 20 0 -50 Temperature (oC) Figure 9A. Turn-On Rise Tim e vs. Tem perature
Max Typ.
120 100 80 60 40 20 0 10 12 14 16 18 20
Max.
Typ.
Supply Voltage (V) Figure 9B. Turn-On Rise Tim e vs. Supply Voltage
www.irf.com
8
IRS2184/IRS21844(S)PbF
80
Turn-Off Fall Time (ns)
80
60 40
Max.
Turn-Off Fall Time (ns)
60
Max.
40
Typ.
20 0 -50
Typ
20
-25
0
25
50
o
75
100
125
0 10 12 14 16 18 20
Temperature ( C) Figure 10A. Turn-Off Fall Tim e vs. Tem perature
Supply Voltage (V) Figure 10B. Turn-Off Fall Tim e vs. Supply Voltage
1100 900
D e a d t i m e (n s )
1100 900
D e a d t i m e (n s )
700
Max.
700
Max.
500 300 100
Typ. Min.
500 300 100
Typ.
Min.
-50
-25
0
25
50
75
100
125
10
12
14
16
18
20
Temperature ( oC) Figure 11A. Deadtim e vs. Tem perature
Supply Voltage (V) Figure 11B. Deadtim e vs. Supply Voltage
www.irf.com
9
IRS2184/IRS21844(S)PbF
7 6 Deadtime (s) 5 4 3 2 1 0 0 50 100 RDT (K) Figure 11C. Deadtim e vs. RDT 150 200
Max. Typ. Min.
6 5
Input Voltage (V)
4 3 Min. 2 1 0 -50 -25 0 25 50
o
75
100
125
Temperature ( C) Figure 12A. Logic "1" Input Voltage vs. Tem perature
6 Logic "0" Input Voltage (V) Input Voltage (V) 5 4 3 2 1 0 10 12 14 16 18 20 V BAIS Supply Voltage (V)
Figure 12B. Logic "1" Input Voltage vs . Supply Voltage
Max.
6 5 4 3 2
Max.
1 0 -50 -25 0 25 50 75 100 125 Temperature (oC) Figure 13A. Logic "0" Input Voltage vs. Tem perature
www.irf.com
10
IRS2184/IRS21844(S)PbF
6
6 SD Input threshold (+) (V) 5 4 3 2 1
10 12 14 16 18 20
Logic "0" Input Voltage (V)
5 4 3 2
Max.
Max.
1 0
-50
-25
0
25
50
o
75
100
125
Supply Voltage (V) Figure 13B. Logic "0" Input Voltage vs. Supply Voltage
Temperature ( C) Figure 12A. SD input positive going threshold (+) Figure 14A. vs. Tem perature
SD Input Negative Going Threshold (V)
6 SD Input threshold (+) (V) 5 4 3 2 1 10 12 14 16 18 20 V CC Supply Voltage (V) Figure 14B. SD input positive going threshold (+) vs. Supply Voltage
5 4 3 2 1
Max.
Max.
0 -50 -25 0 25 50
o
75
100
125
Temperature ( C) Figure 15A. SD Input Negative Going Threshold vs. Tem perature
www.irf.com
11
IRS2184/IRS21844(S)PbF
SD Input Negative Going Threshold (V)
4 3 2 1
Max.
High Level Output Voltage (V)
5
5.0 4.0 3.0 2.0 1.0 0.0 -50
M ax.
0 10 12 14 16 18 20 Supply Voltage (V)
-25
0
25
50
75
100
125
Temperature (oC)
Figure 16A. High Level Output Voltage vs. Temperature (Io = 0 mA)
Figure 15B. SD Input Negative Going Threshold vs. Supply Voltage
High Level Output Voltage (V)
5.0
Low Level Output (V)
0.5 0.4 0.3
Max.
4.0 3.0 2.0 1.0 0.0 10 12 14 16 18 20
VBIAS Supply Voltage (V) Figure 16B. High Level Output Voltage vs. Supply Voltage (Io = 0 mA)
Max
0.2 0.1 0.0 -50 -25 0 25 50 75 100 125 Temperature ( oC)
Figure 17A. Low Level Output vs. Tem perature
www.irf.com
12
IRS2184/IRS21844(S)PbF
0.5 Low Level Output (V) 0.4 0.3
Max.
Offset Supply Leakage Current (A)
500 400 300 200 100
Max.
0.2 0.1 0.0 10 12 14 16 18 20 Supply Voltage (V)
0 -50 -25 0 25 50
o
75
100
125
Temperature ( C) Figure 18A. Offset Supply Leakage Current vs. Tem perature
Figure 17B. Low Level Output vs. Supply Voltage
Offset Supply Leakage Current (A)
500
250
400
V BS Supply Current ( A )
200
Max.
300
150 100 50 0
Typ.
200
100
Max.
Min.
0 100 200 300 400 500 600
-50
-25
0
25
50
75
100
125
V B Boost Voltage (V) Figure 18B. Offset Supply Leakage Current vs. V B Boost Voltage
Temperature ( oC) Figure 19A. V BS Supply Current vs. Tem perature
www.irf.com
13
IRS2184/IRS21844(S)PbF
250
5 V CC Supply Current (mA) 4 3 2 1
Max. Typ. Min.
V BS Supply Current (A)
200
150
Max.
100
Typ.
50
Min.
0 10 12 14 16 18 20
0 -50
-25
0
25
50
o
75
100
125
V BS Floating Supply Voltage (V) Figure 19B. V BS Supply Current vs. V BS Floating Supply Voltage
Temperature ( C) Figure 20A. V CC Supply Current vs. Tem perature
5 V CC Supply Current (mA) 4 3
Max.
Logic "1" Input Bias Current (A )
120 100 80 60 40 20 0 -50 -25 0 25 50 75 100 125 Temperature ( oC) Figure 21A. Logic "1" Input Bias Current vs. Tem perature
Max. Typ.
2
Typ.
1 0 10 12 14 16 18
Min
20
V CC Supply Voltage (V) Figure 20B. V CC Supply Current vs. V CC Supply Voltage
www.irf.com
14
IRS2184/IRS21844(S)PbF
Logic "1" Input Bias Current (A)
Lo gic "0" Input Bia s Current ( A)
120 100 80 60
Max.
6 5 4 3 2 1 0 -50 Max
40
Typ.
20 0 10 12 14 16 18 20
-25
0
25
50
75
100
125
Supply Voltage (V) Figure 21B. Logic "1" Input Bias Current vs. Supply Voltage
Temperature (C)
Figure 22A. Logic "0" Input Bias Curremt vs. Temperature
V CC and VBS UV Threshold (+) (V)
Logic "0" Input Bias C urr ent (A)
6 5 4 3 2 1 0 10 12 14 16 18 20 Supply Voltage (V) Figure 22B. Logic I nput Bias C Curremt F i gur e 20B. Lo gic "0""0" Input Bias ur r ent vs. Voltage Max
12 11 10 9 8 7 6 -50
Max. Typ.
Min.
-25
0
25
50
o
75
100
125
Temperature ( C) Figure 23. V CC and V BS Undervoltage Threshold (+) vs. Tem perature
www.irf.com
15
IRS2184/IRS21844(S)PbF
V CC and VBS UVThreshold (-) (V)
12 11 10
Max.
5 Output Source Current (A) 4 3
Typ.
9
Typ.
8
Mi n.
2 1 0 -50
Mi n.
7 6 -50 -25 0 25 50 75 100 125 Temperature ( oC)
-25
0
25
50
o
75
100
125
Temperature ( C) Figure 25A. Output Source Current vs. Tem perature
Figure 24. V CC and V BS Undervoltage Threshold (-) vs. Tem perature
5
5.0 Output Sink Current (A) 4.0 3.0 2.0
Mi n.
Output Source Current (A)
4
3
Typ.
2
Typ.
1
Mi n.
1.0
12 14 16 18 20
0 10
-50
-25
0
25
50
o
75
100
125
Supply Voltage (V) Figure 25B. Output Source Current vs. Supply Voltage
Temperature ( C) Figure 26A. Output Sink Current vs. Tem perature
www.irf.com
16
IRS2184/IRS21844(S)PbF
5
140 120
o Temprature (C)
Output Sink Current (A)
4
100 80 60 40 20
140v 70v 0v
3
2
Typ.
1
Mi n.
0 10 12 14 16 18 20
1
10
100
1000
Supply Voltage (V) Figure 26B. Output Sink Current vs. Supply Voltage
Frequency (kHz) Figure 27. IRS2181 vs. Frequency (IRFBC20), Rgate=33 W , V CC=15 V
140 120 Temperature oC) (
Temperature oC) (
140 120 100
140v
100 80 60 40 20
1 10 100 1000 Frequency (kHz) Figure 28. IRS2181 vs. Frequency (IRFBC30), Rgate=22 W , V CC=15 V
140v 70v 0v
80 60 40 20 1 10 100
70v 0v
1000
Frequency (kHz) Figure 29. IRS2181 vs. Frequency (IRFBC40), Rgate=15 W , V CC=15 V
www.irf.com
17
IRS2184/IRS21844(S)PbF
140 120 Temperature (oC) 100 80 60 40 20 1 10 100
140v 70v 0v
140 120 Temperature (oC) 100 80 60 40 20
140v 70v 0v
1000
1
10
100
1000
Frequency (kHz) Figure 30. IRS2181 vs. Frequency (IRFPE50), Rgate=10 , V CC=15 V
Frequency (kHz) Figure 31. IRS21814 vs. Frequency (IRFBC20), Rgate=33 , V CC=15 V
140 120 Temperature (oC) 100 80 60 40 20 1 10 100 1000 Frequency (kHz) Figure 32. IRS21814 vs. Frequency (IRFBC30), Rgate=22 , V CC=15 V
140v 70v 0v
140 120 Temperature (oC) 100
140v
80 60 40 20 1 10 100
70v 0v
1000
Frequency (kHz) Figure 33. IRS21814 vs. Frequency (IRFBC40), Rgate=15 , V CC=15 V
www.irf.com
18
IRS2184/IRS21844(S)PbF
140 120 Temperature (oC) 100 80 60 40 20 1 10 100
140v
140 120 Temperature (oC) 100 80 60 40 20 1000 1 10 100 1000 Frequency (kHz) Figure 35. IRS2181s vs. Frequency (IRFBC20), Rgate=33 , V CC=15 V
140v 70v 0v
70v
0v
Frequency (kHz) Figure 34. IRS21814 vs. Frequency (IRFPE50), Rgate=10 , V CC=15 V
140 120 Temperature (oC)
140v
140 120 Temperature (oC)
140v 70v
0v
100 80 60 40 20 1 10 100
100 80 60 40 20
70v 0v
1000
1
10
100
1000
Frequency (kHz) Figure 36. IRS2181s vs. Frequency (IRFBC30), Rgate=22 , V CC=15 V
Frequency (kHz) Figure 37. IRS2181s vs. Frequency (IRFBC40), Rgate=15 , V CC=15 V
www.irf.com
19
IRS2184/IRS21844(S)PbF
140 120 Tempreture (oC) 100 80 60 40 20 1 10
140V 70V 0V
140 120 Temperature (oC) 100 80 60 40
140v 70v 0v
100
1000
20 1 10 100 1000 Frequency (kHz)
Frequency (kHz) Figure 38. IRS2181s vs. Frequency (IRFPE50), Rgate=10 , V CC=15 V
Figure 39. IRS21814s vs. Frequency (IRFBC20), Rgate=33 , V CC=15 V
140
140 120 Temperature (oC) 100 80 60 40
140v 70v 0v
120
Temperature (oC)
100
80
140v 70v 0v
60
40
20
20 1 10 100 1000
1
10
100
1000
Frequency (kHz) Figure 40. IRS21814s vs. Frequency (IRFBC30), Rgate=22 , V CC=15 V
Frequency (kHz) Figure 41. IRS21814s vs. Frequency (IRFBC40), Rgate=15 , V CC=15 V
www.irf.com
20
IRS2184/IRS21844(S)PbF
140 120 Temperature (oC) 100 80 60 40 20 1 10 100
140v 70v 0v
1000
Frequency (kHz) Figure 42. IRS21814s vs. Frequency (IRFPE50), Rgate=10 , V CC=15 V
www.irf.com
21
IRS2184/IRS21844(S)PbF
Cast Outlines
8-Lead PDIP
D A 5 B
FOOTPRINT 8X 0.72 [.028]
01-6014 01-3003 01 (MS-001AB)
INCHES MIN .0532 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574 MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00
DIM A b c D
A1 .0040
6 E
8
7
6
5 H 0.25 [.010] A
E
6.46 [.255]
1
2
3
4
e e1 H K L
8X 1.78 [.070]
.050 BASIC .025 BASIC .2284 .0099 .016 0 .2440 .0196 .050 8
1.27 BASIC 0.635 BASIC 5.80 0.25 0.40 0 6.20 0.50 1.27 8
6X
e e1
3X 1.27 [.050]
y
A C 0.10 [.004] y
K x 45
8X b 0.25 [.010]
NOTES:
A1 CAB
8X L 7
8X c
1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994. 2. CONTROLLING DIMENSION: MILLIMETER 3. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES]. 4. OUTLINE C ONFORMS TO JEDEC OUTLINE MS-012AA.
5 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS. MOLD PROTRUSIONS NOT TO EXCEED 0.15 [.006]. 6 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS. MOLD PROTRUSIONS NOT TO EXCEED 0.25 [.010]. 7 DIMENSION IS THE LENGTH OF LEAD FOR SOLDERING TO A SUBSTRATE.
8-Lead SOIC
www.irf.com
01-6027 01-0021 11 (MS-012AA)
22
IRS2184/IRS21844(S)PbF
14-Lead PDIP
01-6010 01-3002 03 (MS-001AC)
14-Lead SOIC (narrow body)
www.irf.com
01-6019 01-3063 00 (MS-012AB)
23
IRS2184/IRS21844(S)PbF
Tape & Reel 8-lead SOIC
LOAD ED TA PE FEED DIRECTION
B
A
H
D F C
N OT E : CO NTROLLING D IM ENSION IN MM
E G
C A R R I E R T A P E D IM E N S I O N F O R 8 S O I C N M etr ic Im p er i al Co d e M in M ax M in M ax A 7 .9 0 8.1 0 0. 31 1 0 .3 18 B 3 .9 0 4.1 0 0. 15 3 0 .1 61 C 11 .7 0 1 2. 30 0 .4 6 0 .4 84 D 5 .4 5 5.5 5 0. 21 4 0 .2 18 E 6 .3 0 6.5 0 0. 24 8 0 .2 55 F 5 .1 0 5.3 0 0. 20 0 0 .2 08 G 1 .5 0 n/ a 0. 05 9 n/ a H 1 .5 0 1.6 0 0. 05 9 0 .0 62
F
D C E B A
G
H
R E E L D IM E N S I O N S F O R 8 S O IC N M etr ic Im p er i al Co d e M in M ax M in M ax A 32 9. 60 3 30 .2 5 1 2 .9 76 13 .0 0 1 B 20 .9 5 2 1. 45 0. 82 4 0 .8 44 C 12 .8 0 1 3. 20 0. 50 3 0 .5 19 D 1 .9 5 2.4 5 0. 76 7 0 .0 96 E 98 .0 0 1 02 .0 0 3. 85 8 4 .0 15 F n /a 1 8. 40 n /a 0 .7 24 G 14 .5 0 1 7. 10 0. 57 0 0 .6 73 H 12 .4 0 1 4. 40 0. 48 8 0 .5 66
www.irf.com
24
IRS2184/IRS21844(S)PbF
Tape & Reel 14-lead SOIC
LOAD ED TA PE FEED DIRECTION
B
A
H
D F C
N OT E : CO NTROLLING D IM ENSION IN MM
E G
C A R R I E R T A P E D IM E N S I O N F O R 1 4 S O IC N M etr ic Im p er i al Co d e M in M ax M in M ax A 7 .9 0 8.1 0 0. 31 1 0 .3 18 B 3 .9 0 4.1 0 0. 15 3 0 .1 61 C 15 .7 0 1 6. 30 0. 61 8 0 .6 41 D 7 .4 0 7.6 0 0. 29 1 0 .2 99 E 6 .4 0 6.6 0 0. 25 2 0 .2 60 F 9 .4 0 9.6 0 0. 37 0 0 .3 78 G 1 .5 0 n/ a 0. 05 9 n/ a H 1 .5 0 1.6 0 0. 05 9 0 .0 62
F
D C E B A
G
H
R E E L D IM E N S I O N S F O R 1 4 SO IC N M etr ic Im p er i al Co d e M in M ax M in M ax A 32 9. 60 3 30 .2 5 1 2 .9 76 13 .0 0 1 B 20 .9 5 2 1. 45 0. 82 4 0 .8 44 C 12 .8 0 1 3. 20 0. 50 3 0 .5 19 D 1 .9 5 2.4 5 0. 76 7 0 .0 96 E 98 .0 0 1 02 .0 0 3. 85 8 4 .0 15 F n /a 2 2. 40 n /a 0 .8 81 G 18 .5 0 2 1. 10 0. 72 8 0 .8 30 H 16 .4 0 1 8. 40 0. 64 5 0 .7 24
www.irf.com
25
IRS2184/IRS21844(S)PbF
LEADFREE PART MARKING INFORMATION
Part number
IRSxxxxx YWW? ?XXXX
Lot Code (Prod mode - 4 digit SPN code) IR logo
Date code
Pin 1 Identifier ? P MARKING CODE Lead Free Released Non-Lead Free Released
Assembly site code Per SCOP 200-002
ORDER INFORMATION
8-Lead PDIP IRS2184PbF 8-Lead SOIC IRS2184SPbF 8-Lead SOIC Tape & Reel IRS2184STRPbF 14-Lead PDIP IR2S1844PbF 14-Lead SOIC IRS21844SPbF 14-Lead SOIC Tape & Reel IRS21844STRPbF
The SOIC-8 is MSL2 qualified. The SOIC-14 is MSL3 qualified. This product has been designed and qualified for the industrial level. Qualification standards can be found at www.irf.com IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 Data and specifications subject to change without notice. 11/27/2006
www.irf.com
26


▲Up To Search▲   

 
Price & Availability of IRS2184

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X