Part Number Hot Search : 
KBPC4000 SP300110 CLM2950A FSB67508 KSZ8995X MK23H2 IRFR3518 ATA68
Product Description
Full Text Search
 

To Download IRLR7833 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 94547A
HEXFET Power MOSFET
Applications l High Frequency Synchronous Buck Converters for Computer Processor Power l High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use Benefits l Very Low RDS(on) at 4.5V VGS l Ultra-Low Gate Impedance l Fully Characterized Avalanche Voltage and Current
IRLR7833 IRLU7833 (R)
Qg
33nC
VDSS RDS(on) max
30V 4.5m:
D-Pak IRLR7833
I-Pak IRLU7833
Absolute Maximum Ratings
Parameter
VDS VGS ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C PD @TC = 100C TJ TSTG Drain-to-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
Max.
30 20 140f 99f 560 140 71 0.95 -55 to + 175
Units
V
g Maximum Power Dissipation g
Maximum Power Dissipation Linear Derating Factor Operating Junction and Storage Temperature Range
A W
W/C C
Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 screw
300 (1.6mm from case) 10 lbfxin (1.1Nxm)
Thermal Resistance
Parameter
RJC RJA RJA Junction-to-Case Junction-to-Ambient (PCB Mount) Junction-to-Ambient
Typ.
Max.
1.05 50 110
Units
C/W
gA
--- --- ---
Notes through are on page 11
www.irf.com
1
3/19/04
IRLR/U7833
Static @ TJ = 25C (unless otherwise specified)
Parameter
BVDSS VDSS/TJ RDS(on) VGS(th) VGS(th)/TJ IDSS IGSS gfs Qg Qgs1 Qgs2 Qgd Qgodr Qsw Qoss td(on) tr td(off) tf Ciss Coss Crss Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Gate Threshold Voltage Coefficient Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Forward Transconductance Total Gate Charge Pre-Vth Gate-to-Source Charge Post-Vth Gate-to-Source Charge Gate-to-Drain Charge Gate Charge Overdrive Switch Charge (Qgs2 + Qgd) Output Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. Typ. Max. Units
30 --- --- --- 1.4 --- --- --- --- --- 66 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 19 3.6 4.4 --- -6.0 --- --- --- --- --- 33 8.7 2.1 13 9.9 15 22 14 6.9 23 15 4010 950 470 --- --- 4.5 5.5 2.3 --- 1.0 150 100 -100 --- 50 --- --- --- --- --- --- --- --- --- --- --- --- --- pF nC nC V
Conditions
VGS = 0V, ID = 250A
mV/C Reference to 25C, ID = 1mA m VGS = 10V, ID = 15A V VGS = 4.5V, ID VDS = VGS, ID = 250A
f = 12A f
mV/C A VDS = 24V, VGS = 0V nA S VDS = 24V, VGS = 0V, TJ = 125C VGS = 20V VGS = -20V VDS = 15V, ID = 12A VDS = 16V VGS = 4.5V ID = 12A See Fig. 16 VDS = 16V, VGS = 0V VDD = 15V, VGS = 4.5V
f
ns
ID = 12A Clamped Inductive Load VGS = 0V VDS = 15V = 1.0MHz
Avalanche Characteristics
EAS IAR EAR Parameter Single Pulse Avalanche Energyd Avalanche CurrentA Repetitive Avalanche Energy Typ. --- --- --- Max. 530 20 14 Units mJ A mJ
Diode Characteristics
Parameter
IS ISM VSD trr Qrr ton Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)Ah Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
--- --- --- --- --- --- --- --- 39 37 140f A 560 1.0 58 55 V ns nC
Conditions
MOSFET symbol showing the integral reverse
G S D
p-n junction diode. TJ = 25C, IS = 12A, VGS = 0V TJ = 25C, IF = 12A, VDD = 15V di/dt = 100A/s
f
f
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
2
www.irf.com
IRLR/U7833
1000
TOP VGS 10V 5.0V 4.5V 3.5V 3.0V 2.7V 2.5V 2.25V
1000
TOP VGS 10V 5.0V 4.5V 3.5V 3.0V 2.7V 2.5V 2.25V
ID, Drain-to-Source Current (A)
100
ID, Drain-to-Source Current (A)
100
BOTTOM
10
BOTTOM
1
10
2.25V
0.1
2.25V
20s PULSE WIDTH Tj = 25C
0.01 0.1 1 10 100 1000 1 0.1 1
20s PULSE WIDTH Tj = 175C
10 100 1000
VDS, Drain-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000.0
2.0
RDS(on) , Drain-to-Source On Resistance
ID = 30A VGS = 10V
ID, Drain-to-Source Current ()
100.00
T J = 175C
1.5
10.00
(Normalized)
1.00
T J = 25C VDS = 25V 20s PULSE WIDTH
1.0
0.10 2.0 3.0 4.0 5.0 6.0
0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
T J , Junction Temperature (C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
www.irf.com
3
IRLR/U7833
100000 VGS = 0V, f = 1 MHZ Ciss = Cgs + Cgd, C ds SHORTED Crss = Cgd Coss = Cds + Cgd
6.0 ID= 12A
VGS , Gate-to-Source Voltage (V)
5.0
VDS= 24V VDS= 15V
C, Capacitance(pF)
10000
4.0
Ciss Coss
1000
3.0
2.0
Crss
1.0
100 1 10 100
0.0 0 10 20 30 40 50
VDS, Drain-to-Source Voltage (V)
Q G Total Gate Charge (nC)
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
1000.00
10000 OPERATION IN THIS AREA LIMITED BY R DS(on)
100.00
T J = 175C
10.00
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
1000
100 100sec
1.00
T J = 25C
10 Tc = 25C Tj = 175C Single Pulse 1 1 10
1msec
VGS = 0V 0.10 0.0 0.5 1.0 1.5 2.0 2.5 VSD, Source-to-Drain Voltage (V)
10msec 100 1000
VDS, Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRLR/U7833
150
2.5
LIMITED BY PACKAGE
125
VGS(th) Gate threshold Voltage (V)
2.0
100
ID , Drain Current (A)
1.5
ID = 250A
75
1.0
50
0.5
25
0 25 50 75 100 125 150 175
0.0 -75 -50 -25 0 25 50 75 100 125 150 175
TC, Case Temperature (C)
T J , Temperature ( C )
Fig 9. Maximum Drain Current vs. Case Temperature
Fig 10. Threshold Voltage vs. Temperature
10
(Z thJC )
1 D = 0.50
Thermal Response
0.20 0.10 0.1 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = 2. Peak T 0.01 0.00001 0.0001 0.001 0.01 t1/ t 2 +TC 1 P DM t1 t2
J = P DM x Z thJC
0.1
t1, Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRLR/U7833
15V
15000
EAS , Single Pulse Avalanche Energy (mJ)
VDS
L
DRIVER
12500
ID 8.2A 14A BOTTOM 20A TOP
RG
20V VGS
D.U.T
IAS tp
10000
+ V - DD
A
0.01
7500
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
5000
2500
0 25 50 75 100 125 150
Starting T J , Junction Temperature (C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
I AS
VDS VGS RG
Current Regulator Same Type as D.U.T.
RD
Fig 12b. Unclamped Inductive Waveforms
D.U.T.
+
-V DD
V GS
Pulse Width 1 s Duty Factor 0.1 %
50K 12V .2F .3F
Fig 14a. Switching Time Test Circuit
D.U.T. + V - DS
VDS 90%
VGS
3mA
IG
ID
10% VGS
td(on) tr t d(off) tf
Current Sampling Resistors
Fig 13. Gate Charge Test Circuit
Fig 14b. Switching Time Waveforms
6
www.irf.com
IRLR/U7833
D.U.T
Driver Gate Drive
+
P.W.
Period
D=
P.W. Period VGS=10V
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
+
RG
* * * * dv/dt controlled by R G Driver same type as D.U.T. I SD controlled by Duty Factor "D" D.U.T. - Device Under Test
V DD
VDD
+ -
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 15. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs
Id Vds Vgs
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 16. Gate Charge Waveform
www.irf.com
7
IRLR/U7833
Power MOSFET Selection for Non-Isolated DC/DC Converters
Control FET Special attention has been given to the power losses in the switching elements of the circuit - Q1 and Q2. Power losses in the high side switch Q1, also called the Control FET, are impacted by the Rds(on) of the MOSFET, but these conduction losses are only about one half of the total losses. Power losses in the control switch Q1 are given by; Synchronous FET The power loss equation for Q2 is approximated by;
* Ploss = Pconduction + P + Poutput drive
Ploss = Irms x Rds(on)
+ ( g x Vg x f ) Q
(
2
)
Ploss = Pconduction+ Pswitching+ Pdrive+ Poutput
This can be expanded and approximated by;
Q + oss x Vin x f + (Qrr x Vin x f ) 2
*dissipated primarily in Q1.
Ploss = (Irms 2 x Rds(on ) ) Qgd +I x x Vin x ig + (Qg x Vg x f ) + Qoss x Vin x f 2 Qgs 2 f + I x x Vin x f ig
This simplified loss equation includes the terms Qgs2 and Qoss which are new to Power MOSFET data sheets. Qgs2 is a sub element of traditional gate-source charge that is included in all MOSFET data sheets. The importance of splitting this gate-source charge into two sub elements, Qgs1 and Qgs2, can be seen from Fig 16. Qgs2 indicates the charge that must be supplied by the gate driver between the time that the threshold voltage has been reached and the time the drain current rises to Idmax at which time the drain voltage begins to change. Minimizing Q gs2 is a critical factor in reducing switching losses in Q1. Qoss is the charge that must be supplied to the output capacitance of the MOSFET during every switching cycle. Figure A shows how Qoss is formed by the parallel combination of the voltage dependant (nonlinear) capacitances Cds and Cdg when multiplied by the power supply input buss voltage.
For the synchronous MOSFET Q2, Rds(on) is an important characteristic; however, once again the importance of gate charge must not be overlooked since it impacts three critical areas. Under light load the MOSFET must still be turned on and off by the control IC so the gate drive losses become much more significant. Secondly, the output charge Qoss and reverse recovery charge Qrr both generate losses that are transfered to Q1 and increase the dissipation in that device. Thirdly, gate charge will impact the MOSFETs' susceptibility to Cdv/dt turn on. The drain of Q2 is connected to the switching node of the converter and therefore sees transitions between ground and Vin. As Q1 turns on and off there is a rate of change of drain voltage dV/dt which is capacitively coupled to the gate of Q2 and can induce a voltage spike on the gate that is sufficient to turn the MOSFET on, resulting in shoot-through current . The ratio of Qgd/Qgs1 must be minimized to reduce the potential for Cdv/dt turn on.
Figure A: Qoss Characteristic
8
www.irf.com
IRLR/U7833
TO-252AA (D-Pak) Package Outline
Dimensions are shown in millimeters (inches)
2.38 (.094) 2.19 (.086)
6.73 (.265) 6.35 (.250) -A5.46 (.215) 5.21 (.205) 4 1.27 (.050) 0.88 (.035)
1.14 (.045) 0.89 (.035) 0.58 (.023) 0.46 (.018)
6.45 (.245) 5.68 (.224) 6.22 (.245) 5.97 (.235) 1.02 (.040) 1.64 (.025) 1 2 3 0.51 (.020) MIN. 10.42 (.410) 9.40 (.370) LEAD ASSIGNMENTS 1 - GATE 2 - DRAIN 3 - SOURCE 4 - DRAIN -B1.52 (.060) 1.15 (.045) 3X 2X 1.14 (.045) 0.76 (.030) 0.89 (.035) 0.64 (.025) 0.25 (.010) M AMB NOTES: 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 4.57 (.180) 2 CONTROLLING DIMENSION : INCH. 3 CONFORMS TO JEDEC OUTLINE TO-252AA. 4 DIMENSIONS SHOWN ARE BEFORE SOLDER DIP, SOLDER DIP MAX. +0.16 (.006).
0.58 (.023) 0.46 (.018)
2.28 (.090)
TO-252AA (D-Pak) Part Marking Information
H 6 Y @ T D A T D C U H @ T T 6 ) @ G Q S A S D A I 6 A G 7 # " ! X A I X A A % ( ( ( I D G A G 7 6 A A @ A P A 9 @ G 7 ! H V I A U S 6 Q S @ 7 HA @@ T 9 T 6P A 8 CA U U D P XG
P D U 6 I S @ U I D A D U 8 @ S P G B P
G 6 I P 8 A @ U 6 9 @ 9
S @ D
$ 8 ) 5 ,
2 A ( A S 6 @
A
( ( (
www.irf.com
H @ T T 6 A @ C U A I D
X
A F @ @ 6 A @
%
I D G
H @ T T 6 P G
G 7 @ 9
P 8 A U
9
IRLR/U7833
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
6.73 (.265) 6.35 (.250) -A5.46 (.215) 5.21 (.205) 4 1.27 (.050) 0.88 (.035)
2.38 (.094) 2.19 (.086) 0.58 (.023) 0.46 (.018) LEAD ASSIGNMENTS 1 - GATE 2 - DRAIN 3 - SOURCE 4 - DRAIN
6.45 (.245) 5.68 (.224) 1.52 (.060) 1.15 (.045) 1 -B2.28 (.090) 1.91 (.075) 9.65 (.380) 8.89 (.350) 2 3 6.22 (.245) 5.97 (.235)
NOTES: 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION : INCH. 3 CONFORMS TO JEDEC OUTLINE TO-252AA. 4 DIMENSIONS SHOWN ARE BEFORE SOLDER DIP, SOLDER DIP MAX. +0.16 (.006).
3X
1.14 (.045) 0.76 (.030)
3X
0.89 (.035) 0.64 (.025) M AMB
1.14 (.045) 0.89 (.035) 0.58 (.023) 0.46 (.018)
2.28 (.090) 2X
0.25 (.010)
I-Pak (TO-251AA) Part Marking Information
10
www.irf.com
IRLR/U7833
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR TRR TRL
16.3 ( .641 ) 15.7 ( .619 )
16.3 ( .641 ) 15.7 ( .619 )
12.1 ( .476 ) 11.9 ( .469 )
FEED DIRECTION
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
13 INCH
16 mm NOTES : 1. OUTLINE CONFORMS TO EIA-481.
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. Starting TJ = 25C, L = 2.6mH, RG = 25, IAS = 20A. Pulse width 400s; duty cycle 2%.
Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 30A.
When mounted on 1" square PCB (FR-4 or G-10 Material).
For recommended footprint and soldering techniques refer to application note #AN-994.
Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.03/04
www.irf.com
11


▲Up To Search▲   

 
Price & Availability of IRLR7833

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X