Part Number Hot Search : 
HT62L256 SC4212B SK292 MRF917T1 BR2506 IONAL RW7T103F AT1452BP
Product Description
Full Text Search
 

To Download IRFR430APBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMPS MOSFET
PD -95076B
Applications Switch Mode Power Supply (SMPS) l Uninterruptible Power Supply l High speed power switching l Lead-Free
l
IRFR430APBF IRFU430APbF
RDS(on) max
1.7
HEXFET(R) Power MOSFET
VDSS
500V
ID
5.0A
Benefits Low Gate Charge Qg results in Simple Drive Requirement l Improved Gate, Avalanche and dynamic dv/dt Ruggedness l Fully Characterized Capacitance and Avalanche Voltage and Current l Effective COSS specified (See AN 1001)
l
D-Pak IRFR430A
I-Pak IRFU430A
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
5.0 3.2 20 110 0.91 30 3.0 -55 to + 150 300 (1.6mm from case )
Units
A W W/C V V/ns
Avalanche Characteristics
Parameter
EAS IAR EAR Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy
Typ.
--- --- ---
Max.
130 5.0 11
Units
mJ A mJ
Thermal Resistance
Parameter
RJC RCS RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient
Typ.
--- 0.50 ---
Max.
1.1 --- 62
Units
C/W
www.irf.com
1
03/02/07
IRFR/U430APbF
Static @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage V(BR)DSS IDSS IGSS Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Min. 500 --- --- 2.0 --- --- --- --- Typ. --- 0.60 --- --- --- --- --- --- Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 1.7 VGS = 10V, ID = 3.0A 4.5 V VDS = VGS, ID = 250A 25 VDS = 500V, VGS = 0V A 250 VDS = 400V, VGS = 0V, TJ = 125C 100 VGS = 30V nA -100 VGS = -30V
Dynamic @ TJ = 25C (unless otherwise specified)
gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Coss Coss Coss eff. Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance Min. 2.3 --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- --- --- --- 8.7 27 17 16 490 75 4.5 750 25 51 Max. Units Conditions --- S VDS = 50V, ID = 3.0A 24 ID = 5.0A 6.5 nC VDS = 400V 13 VGS = 10V, See Fig. 6 and 13 --- VDD = 250V --- ID = 5.0A ns --- RG = 15 --- RD = 50,See Fig. 10 --- VGS = 0V --- VDS = 25V --- pF = 1.0MHz, See Fig. 5 --- VGS = 0V, VDS = 1.0V, = 1.0MHz --- VGS = 0V, VDS = 400V, = 1.0MHz --- VGS = 0V, VDS = 0V to 400V
Diode Characteristics
IS
ISM
VSD trr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 5.0 showing the A G integral reverse --- --- 20 S p-n junction diode. --- --- 1.5 V TJ = 25C, IS = 5.0A, VGS = 0V --- 410 620 ns TJ = 25C, IF = 5.0A --- 1.4 2.1 C di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by Starting TJ = 25C, L = 11mH
TJ 150C.
max. junction temperature. ( See fig. 11 ) RG = 25, IAS = 5.0A. (See Figure 12)
Pulse width 300s; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS .
ISD 5.0A, di/dt 320A/s, VDD V(BR)DSS,
2
www.irf.com
IRFR/U430APbF
100
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
ID, Drain-to-Source Current (A)
10
ID, Drain-to-Source Current (A)
10
1
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1
0.1
4.5V
0.1
4.5V
0.01
20s PULSE WIDTH Tj = 25C
0.001 0.1 1 10 100
20s PULSE WIDTH Tj = 150C
0.01 0.1 1 10 100
VDS, Drain-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100.00
3.0
I D = 5.0A
ID, Drain-to-Source Current ()
2.5
RDS(on) , Drain-to-Source On Resistance
10.00
T J = 150C
2.0
1.00
(Normalized)
1.5
0.10
T J = 25C VDS = 100V 20s PULSE WIDTH
4.0 6.0 8.0 10.0 12.0 14.0 16.0
1.0
0.5
0.01
0.0 -60 -40 -20 0 20 40 60 80 100
V GS = 10V
120 140 160
VGS, Gate-to-Source Voltage (V)
TJ , Junction Temperature
( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFR/U430APbF
10000 VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd Coss = C + Cgd ds
12
I D = 5.0A
1000
10
VDS = 400V VDS = 250V VDS = 100V
C, Capacitance(pF)
Ciss
100
VGS , Gate-to-Source Voltage (V)
7
Coss
10
5
Crss
1 1 10 100 1000
2
0 0 4 8 12 16 20
VDS, Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
OPERATION IN THIS AREA LIMITED BY R DS(on)
ID , Drain-to-Source Current (A)
I SD , Reverse Drain Current (A)
10
10
100sec 1 Tc = 25C Tj = 150C Single Pulse 10 100
TJ = 150
1
C
T = 25 C J
1msec
0.1 0.2 0.5 0.8
V GS= 0 V
1.1 1.4
10msec 1000 10000
0.1
V SD,Source-to-Drain Voltage (V)
VDS , Drain-toSource Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFR/U430APbF
5.5
V DS
4.4
RD
VGS RG
D.U.T.
+
-VDD
ID , Drain Current (A)
3.3
10V
Pulse Width 1 s Duty Factor 0.1 %
2.2
Fig 10a. Switching Time Test Circuit
1.1
VDS 90%
0.0 25 50 75 100 125 150
TC , Case Temperature
( C)
Fig 9. Maximum Drain Current Vs. Case Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
10
(Z thJC )
1 D = 0.50
Thermal Response
0.20 0.10 0.1 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = 2. Peak T 0.01 0.00001 0.0001 0.001 0.01 t1/ t 2 +TC 1
J = P DM x Z thJC
P DM t1 t2
0.1
t1, Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFR/U430APbF
15V
250
TOP
ID 2.2A 3.2A 5.0A
RG
20V
D.U.T
IAS tp
EAS , Single Pulse Avalanche Energy (mJ)
VDS
L
DRIVER
200
BOTTOM
+ V - DD
150
A
0.01
100
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
50
0 25 50 75 100 125 150
Starting Tj, Junction Temperature
( C)
I AS
Fig 12b. Unclamped Inductive Waveforms
QG
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
10 V
QGS
QGD
VGS(th) Gate threshold Voltage (V)
5.0
VG
4.5
Charge
4.0
ID = 250A
Fig 13a. Basic Gate Charge Waveform
Current Regulator Same Type as D.U.T.
3.5
50K 12V .2F .3F
3.0
D.U.T. VGS
3mA
+ V - DS
2.5 -75 -50 -25 0 25 50 75 100 125 150
T J , Temperature ( C )
IG ID
Current Sampling Resistors
Fig 14. Threshold Voltage Vs. Temperature
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRFR/U430APbF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 15. For N-Channel HEXFET(R) Power MOSFETs
www.irf.com
7
IRFR/U430APbF
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
D-Pak (TO-252AA) Part Marking Information
EXAMPLE: T HIS IS AN IRF R120 WIT H AS S EMBLY LOT CODE 1234 AS S EMBLED ON WW 16, 2001 IN T HE AS S EMBLY LINE "A" Note: "P" in ass embly line position indicates "Lead-F ree" "P" in as s embly line pos ition indicates "Lead-F ree" qualification to the consumer-level INT ERNAT IONAL RECT IF IER LOGO AS S EMBLY LOT CODE PART NUMBER
IRF R120 12 116A 34
DAT E CODE YEAR 1 = 2001 WEEK 16 LINE A
OR
INT ERNAT IONAL RECT IF IER LOGO AS S EMB LY LOT CODE
PART NUMBE R
IRF R120 12 34
DAT E CODE P = DES IGNAT ES LEAD-F REE PRODUCT (OPT IONAL) P = DES IGNAT ES LEAD-F REE PRODUCT QUALIFIED T O T HE CONS UMER LEVEL (OPT IONAL) YEAR 1 = 2001 WEEK 16 A = AS S EMBLY S IT E CODE
8
www.irf.com
IRFR/U430APbF
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
E XAMPL E : T H IS IS AN IR F U 120 WIT H AS S E MB L Y L OT CODE 5678 AS S E MB L E D ON WW 19, 2001 IN T H E AS S E MB L Y L INE "A" Note: "P " in as s embly line pos ition indicates L ead-F ree" INT E R NAT IONAL R E CT IF IE R L OGO AS S E MB L Y L OT CODE P AR T NU MB E R
IRF U 120 11 9A 56 78
DAT E CODE YE AR 1 = 2001 WE E K 19 L INE A
OR
INT E R NAT IONAL R E CT IF IE R L OGO AS S E MB L Y L OT CODE P AR T NU MB E R
IRF U 120 56 78
DAT E CODE P = DE S IGNAT E S L E AD-F R E E PR ODU CT (OP T IONAL ) YE AR 1 = 2001 WE E K 19 A = AS S E MB L Y S IT E CODE
www.irf.com
9
IRFR/U430APbF
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR
TRR
TRL
16.3 ( .641 ) 15.7 ( .619 )
16.3 ( .641 ) 15.7 ( .619 )
12.1 ( .476 ) 11.9 ( .469 )
FEED DIRECTION
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
13 INCH
16 mm NOTES : 1. OUTLINE CONFORMS TO EIA-481.
Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.03/2007
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFR430APBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X